Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FRA024-S12-I Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # FRA024-S12-I
Description  15~24WAC-DC Single Output Interchangeable Wall-mounted type
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

FRA024-S12-I Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  FRA024-S12-I Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. FRA024-S12-I Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MechanicalSpecification
FileName:GE24-SPEC2011-06-14
AWM246818AWG*2C1500 50mm
StaticCharacteristics
11 0.5mm
81
Plug Assignment
Standardplug:P1J
P/N
CENTER
OUTPUT
+
P1J
90
100
120
115
160
140
200
180
240
220
264
90
100
80
70
60
50
40
95
Ta(
)
-10
10
20
30
40
75
50
100
50
DeratingCurve
Unit:mm
ID2.1xOD5.5
C"+"
15~24W AC-DCSingleOutputInterchangeableWall-mountedtype
G E 2 4 series


Similar Part No. - FRA024-S12-I

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
FRA020-120 DBLECTRO-FRA020-120 Datasheet
112Kb / 3P
   Radial Leaded PTC FRA Series
logo
RFE international
FRA020-120F RFE-FRA020-120F Datasheet
182Kb / 2P
   FRA010-120F FRA Series
logo
DB Lectro Inc
FRA025-120 DBLECTRO-FRA025-120 Datasheet
112Kb / 3P
   Radial Leaded PTC FRA Series
logo
RFE international
FRA025-120F RFE-FRA025-120F Datasheet
182Kb / 2P
   FRA010-120F FRA Series
More results

Similar Description - FRA024-S12-I

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
GE12 MEANWELL-GE12 Datasheet
192Kb / 2P
   10~15WAC-DC Single Output Interchangeable Wall-mounted type
GE18 MEANWELL-GE18 Datasheet
192Kb / 2P
   12~18WAC-DC Single Output Interchangeable Wall-mounted type
GS18E MEANWELL-GS18E_11 Datasheet
158Kb / 2P
   15~18WAC-DC Single Output Wall-mounted type
GS18U MEANWELL-GS18U_12 Datasheet
166Kb / 2P
   15~18WAC-DC Single Output Wall-mounted type
GS18U MEANWELL-GS18U_11 Datasheet
148Kb / 2P
   15~18WAC-DC Single Output Wall-mounted type
GS05E-USB MEANWELL-GS05E-USB Datasheet
94Kb / 3P
   5WAC-DC Single Output Wall-mounted type
GS05U-USB MEANWELL-GS05U-USB Datasheet
155Kb / 2P
   5WAC-DC Single Output Wall-mounted type
ES25E MEANWELL-ES25E Datasheet
171Kb / 2P
   20~25WAC-DC Single Output Wall-mounted type
GS25U MEANWELL-GS25U Datasheet
99Kb / 2P
   20~25WAC-DC Single Output Wall-mounted type
GS25E MEANWELL-GS25E_11 Datasheet
154Kb / 2P
   20~25WAC-DC Single Output Wall-mounted type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com