Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ELP-75-5 Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # ELP-75-5
Description  75W Single Output with PFC Function
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

ELP-75-5 Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  ELP-75-5 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. ELP-75-5 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MechanicalSpecification
Unit:mm
BlockDiagram
CIRCUIT
DETECTION
O.L.P.
EMIFILTER
RECTIFIER
&
PFC
CIRCUIT
POWER
SWITCHING
FILTER
&
RECTIFIERS
+V
-V
I/P
FG
CONTROL
O.V.P.
fosc:100KHz
FileName:ELP-75-SPEC2011-05-09
OptionalL-Bracket:
No.996A-D
9
Optionalcover:
No.996A-T
75WSingleOutputwithPFCFunction
E L P - 7 5 series
DCOutputConnector(CN2):JST B6P-VHorequivalent
PinNo.
1,2,3
4,5,6
Assignment
-V
+V
MatingHousing
JST VHR
orequivalent
Terminal
JST SVH-21T-P1.1
orequivalent
ACInputConnector(CN1):JST B3P-VHorequivalent
PinNo.
1
2
3
Assignment
AC/L
NoPin
AC/N
MatingHousing
JST VHR
JST SVH-21T-P1.1
orequivalent
orequivalent
Terminal
OutputDeratingVSInputVoltage
INPUTVOLTAGE(VAC)60Hz
90
100
95
120
115
160
140
200
180
240
220
264
Ta=25
90
100
80
70
60
50
40
OutputDerating
AMBIENTTEMPERATURE(
)
-30
0
-20
20
10
30
40
20
40
80
60
100
60
50
70 (HORIZONTAL)
Others
3.3V,5V
115VAC
230VAC
25
25
9
4-M
3
5
185
195
2-
4
4
2-M3
5 10.6
163.8
68.5
25
25
10.6
7
4
T2.5A/250V
SVR1
LED1
FS1
CN1
1
2
3
CN2
2
4
3
5
6
1
5
165
175
4-
3.8


Similar Part No. - ELP-75-5

ManufacturerPart #DatasheetDescription
logo
EPIGAP optoelectronic G...
ELP-645-013 EPIGAP-ELP-645-013 Datasheet
273Kb / 2P
   LED - Lamp
ELP-880-014-1 EPIGAP-ELP-880-014-1 Datasheet
96Kb / 1P
   LED - Lamp
More results

Similar Description - ELP-75-5

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
SP75DRL ASTRODYNE-SP75DRL Datasheet
417Kb / 5P
   75W Single Output with PFC Function
logo
Total Power Internation...
HRP-75 TOTAL-POWER-HRP-75 Datasheet
394Kb / 2P
   75W Single Output with PFC Function
logo
RSG Electronic Componen...
SP-75 RSG-SP-75 Datasheet
123Kb / 2P
   75W Single Output with PFC Function
logo
Astrodyne Corporation
SP-75 ASTRODYNE-SP-75 Datasheet
327Kb / 2P
   75W Single Output with PFC Function
logo
Mean Well Enterprises C...
SP-75 MEANWELL-SP-75_10 Datasheet
270Kb / 2P
   75W Single Output with PFC Function
HRP-75-3.3 MEANWELL-HRP-75-3.3 Datasheet
387Kb / 2P
   75W Single Output with PFC Function
SP-75 MEANWELL-SP-75 Datasheet
261Kb / 2P
   75W Single Output with PFC Function
SP-75_1109 MEANWELL-SP-75_1109 Datasheet
270Kb / 2P
   75W Single Output with PFC Function
RSP-75 MEANWELL-RSP-75 Datasheet
147Kb / 2P
   75W Single Output with PFC Function
HRP-75 MEANWELL-HRP-75_11 Datasheet
390Kb / 2P
   75W Single Output with PFC Function
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com