Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLG-150-12 Datasheet(PDF) 3 Page - Mean Well Enterprises Co., Ltd.

Part # CLG-150-12
Description  150W Single Output Switching Power Supply
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

CLG-150-12 Datasheet(HTML) 3 Page - Mean Well Enterprises Co., Ltd.

  CLG-150-12 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. CLG-150-12 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. CLG-150-12 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. CLG-150-12 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. CLG-150-12 Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
ACInput TerminalPinNo.
Assignment
DCOutput TerminalPinNo.
Assignment
PinNo.
PinNo.
1
1
3
2
2
Assignment
Assignment
AC/N
-V
+V
AC/L
FG
BType:(CLG-150-_B)
IP67rated.Outputconstantcurrentlevelcanbeadjustedthroughoutputcablebyconnectingaresistorbetween ADJ1and ADJ2.
Referenceresistancevalueforoutputcurrentadjustment(Typical)
Resistance
Open
4.7K
620
82
Short
Percentageofratedcurrent
Slightly>100%
100%
75%
50%
Slightly<50%
300 20
FG(Green/Yellow)
SJTW14AWG 2C
SJTW18AWG 2C
SJTW18AWG 3C
222.2
198.2
AC/L(Brown)
AC/N(Blue)
12
9.6
4.2 4PL
300 20
+V(Red)
ADJ1(Blue)
-V(Black)
ADJ2(White)
CType:(CLG-150-_C)
Outputvoltageandconstantcurrentlevelcanbeadjustedthroughinternal
(Canaccessbyremovingtherubberstopperonthecase.)
potentiometer.
4.2 4PL
I/P
8
15.4
1
2
3
198.2
229
1
2
O/P
Io ADJ.
Vo ADJ.
99.1
99.1
T case
T case
T case:Max.Case Temperature.
T case:Max.Case Temperature.
FileName:CLG-150-SPEC 2011-07-28
150WSingleOutputSwitchingPowerSupply
C L G - 1 5 0 series


Similar Part No. - CLG-150-12

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
CLG-150-12 MEANWELL-CLG-150-12 Datasheet
577Kb / 5P
   150W Single Output Switching Power Supply
CLG-150-12 MEANWELL-CLG-150-12 Datasheet
587Kb / 5P
   150W Single Output Switching Power Supply
CLG-150-12A MEANWELL-CLG-150-12A Datasheet
222Kb / 3P
   150W Single Output Switching Power Supply
CLG-150-12B MEANWELL-CLG-150-12B Datasheet
222Kb / 3P
   150W Single Output Switching Power Supply
CLG-150-12C MEANWELL-CLG-150-12C Datasheet
222Kb / 3P
   150W Single Output Switching Power Supply
More results

Similar Description - CLG-150-12

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
RS-150 TOTAL-POWER-RS-150 Datasheet
495Kb / 2P
   150W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
SC-150 MEANWELL-SC-150_10 Datasheet
425Kb / 2P
   150W Single Output Switching Power Supply
SC-150 MEANWELL-SC-150 Datasheet
102Kb / 2P
   150W Single Output Switching Power Supply
HLG-150 MEANWELL-HLG-150 Datasheet
316Kb / 6P
   150W Single Output Switching Power Supply
S-150 MEANWELL-S-150_10 Datasheet
417Kb / 2P
   150W Single Output Switching Power Supply
CLG-150_1108 MEANWELL-CLG-150_1108 Datasheet
577Kb / 5P
   150W Single Output Switching Power Supply
HLG-150 MEANWELL-HLG-150_12 Datasheet
350Kb / 6P
   150W Single Output Switching Power Supply
LRS-150F MEANWELL-LRS-150F Datasheet
114Kb / 4P
   150W Single Output Switching Power Supply
HEP-150 MEANWELL-HEP-150 Datasheet
89Kb / 4P
   150W Single Output Switching Power Supply
logo
Total Power Internation...
NES-150 TOTAL-POWER-NES-150 Datasheet
432Kb / 2P
   150W Single Output Switching Power Supply
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com