Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLG-60-36 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # CLG-60-36
Description  60W Single Output LED Power Supply
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

CLG-60-36 Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  CLG-60-36 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. CLG-60-36 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. CLG-60-36 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SPECIFICATION
MODEL
CLG-60-12
CLG-60-15
CLG-60-20
CLG-60-24
CLG-60-27
CLG-60-36
CLG-60-48
DCVOLTAGE
CURRENTRANGE
RATEDPOWER
OUTPUT
VOLTAGE ADJ.RANGE
CURRENT ADJ.RANGE
LINEREGULATION
LOADREGULATION
SETUP TIME
VOLTAGERANGE
Note.4
FREQUENCY RANGE
POWERFACTOR (Typ.)
EFFICIENCY (Typ.)
ACCURRENT (Typ.)
INPUT
INRUSHCURRENT(max.)
LEAKAGECURRENT
WORKINGTEMP.
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVERCURRENT
SHORTCIRCUIT
OVERVOLTAGE
OVERTEMPERATURE
12V
15V
20V
24V
27V
36V
48V
0~5A
0~4A
0~3A
0~2.5A
0~2.3A
0~1.7A
0~1.3A
60W
60W
60W
60W
62.1W
61W
62.5W
2Vp-p
2.4Vp-p
1.8Vp-p
2.7Vp-p
2.7Vp-p
3.6Vp-p
4.6Vp-p
10%
Fixedcanbemodifiedbetweentherangeabove
Fixed.Canbemodifiedbetween3%~-25%ratedoutputcurrent
3.0%
5.0%
3000ms/230VAC5000ms/115VACatfullload
90~295VAC127~417VDC
47~63Hz
PF>0.94/115VAC,PF>0.9/230VAC,PF>0.9/277VACatfullload(Pleasereferto"PowerFactorCharacteristic"curve)
85%
86%
87.5%
87%
88%
89%
89%
13.8~16V
17.5~21V
23~26V
28~32V
31~35V
41~46V
54~60V
0.8A/115VAC0.4A/230VAC
40A/230VAC
<0.75mA /240VAC
95~110%
Protectiontype:Constantcurrentlimiting,recoversautomaticallyafterfaultconditionisremoved
Hiccupmode,recoversautomaticallyafterfaultconditionisremoved
-30~+70
(Referto"DeratingCurve")
20~95%RH non-condensing
-40~+80
,10~95%RH
0.03%/
(0~50
)
10~500Hz,5G12min./1cycle,periodfor72min.eachalongX, Y,Zaxes
495.7Khrsmin.MIL-HDBK-217F(25
)
195.6*61.5*38.8mm(L*W*H)
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25
of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.
4. Derating may be needed under low input voltage. Please check the static characteristics for more details.
5. Constant current operation region is within 70% ~100% rated output voltage. This is the suitable operation region for LED related applications, but please
reconfirm special electrical requirements for some specific system design.
6. The power supply is considered as a component that will be operated in combination with final equipment. Since EMC performance will be affected by the
complete installation, the final equipment manufacturers must re-qualify EMC Directive on the complete installation again.
7. Direct connecting to LEDs is suggested, but is not suitable for using additional drivers.
0.86Kg;16pcs/14.8Kg/0.54CUFT
Protectiontype: Shutdowno/pvoltage,re-powerontorecover
60WSingleOutputLEDPowerSupply
Universal AC input / Full range
Built-in active PFC function
Protections: Short circuit / Over current / Over voltage / Over temperature
Cooling by free air convection
IP67 design for indoor or outdoor installations
UL1310 Class 2 power unit
Pass LPS
100% full load burn-in test
High reliability
Suitable for LED lighting and moving sign applications
Compliance to worldwide safety regulations for lighting
3 years warranty
(up to 295VAC)
Suitable for dry / damp / wet locations
(Note.2)
High efficiency 89%
Features :
C L G - 6 0 series
RIPPLE&NOISE(max.) Note.2
VOLTAGETOLERANCE Note.3
ENVIRONMENT
SAFETY &
EMC
PROTECTION
12V:90
10
(TSW1)detectonheatsinkofpowertransistor
15V~48V:85
10
(TSW1)detectonheatsinkofpowertransistor
Protectiontype:Shutdowno/pvoltage,recoversautomaticallyaftertemperaturegoesdown
FileName:CLG-60-SPEC2011-07-28
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
I/P-O/P:3.75KVACI/P-FG:1.88KVACO/P-FG:0.5KVAC
UL879,UL8750,UL1310Class2, TUVEN61347-1,EN61347-2-13independent,CAN/CSA C22.2No.223-M91(exceptfor48V);
J61347-1,J61347-2-13(20~27only),IP67approved
I/P-O/P:100MOhms/500VDC/25
/70%RH
SAFETY STANDARDS
CompliancetoEN55015,EN55022(CISPR22)ClassB, EN61000-3-2ClassC(
75%load);EN61000-3-3
CompliancetoEN61000-4-2,3,4,5,6,8,11,EN55024,EN61547,lightindustrylevel(surge4KV),criteria A
10.5~15V
14~20V
16.8~24V
18.9~27V
25.2~36V
33.6~48V
8.4~12V
RATEDCURRENT
5A
4A
3A
2.5A
2.3A
1.7A
1.3A
CONSTANTCURRENTREGION Note.5
11.5~13V
14.5~16.2V
19.5~22V
24~26V
25~30V
32.5~39V
43.6~51.8V
IP67
( for 48V only)
( except for 48V )
F
M
M
110
LPS
SELV
( for 20~27V only)
EMCIMMUNITY
EMCEMISSION


Similar Part No. - CLG-60-36

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
CLG-60-36 MEANWELL-CLG-60-36 Datasheet
212Kb / 2P
   60W Single Output Switching Power Supply
CLG-60-36 MEANWELL-CLG-60-36 Datasheet
245Kb / 3P
   60W Single Output LED Power Supply
More results

Similar Description - CLG-60-36

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
PLP-60 MEANWELL-PLP-60 Datasheet
288Kb / 3P
   60W Single Output LED Power Supply
PLN-60 MEANWELL-PLN-60 Datasheet
189Kb / 2P
   60W Single Output LED Power Supply
CLG-60 MEANWELL-CLG-60_12 Datasheet
245Kb / 3P
   60W Single Output LED Power Supply
PLC-60 MEANWELL-PLC-60_12 Datasheet
263Kb / 3P
   60W Single Output LED Power Supply
PLC-60 MEANWELL-PLC-60 Datasheet
259Kb / 3P
   60W Single Output LED Power Supply
PLP-60 MEANWELL-PLP-60_12 Datasheet
288Kb / 3P
   60W Single Output LED Power Supply
PLN-60 MEANWELL-PLN-60_12 Datasheet
221Kb / 3P
   60W Single Output LED Power Supply
CEN-60 MEANWELL-CEN-60 Datasheet
239Kb / 3P
   60W Single Output LED Power Supply
CEN-60 MEANWELL-CEN-60_11 Datasheet
242Kb / 3P
   60W Single Output LED Power Supply
PLN-60 MEANWELL-PLN-60_11 Datasheet
221Kb / 3P
   60W Single Output LED Power Supply
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com