Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLG-60-36 Datasheet(PDF) 3 Page - Mean Well Enterprises Co., Ltd.

Part # CLG-60-36
Description  60W Single Output LED Power Supply
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

CLG-60-36 Datasheet(HTML) 3 Page - Mean Well Enterprises Co., Ltd.

  CLG-60-36 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. CLG-60-36 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. CLG-60-36 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
36
40
44
48
52
56
60
64
68
72
76
80
84
88
92
10%
20%
30% 40%
50%
60% 70%
80% 90% 100%
277Vac
230Vac
115Vac
0 . 7 8
0 . 8 0
0 . 8 2
0 . 8 4
0 . 8 6
0 . 8 8
0 . 9 0
0 . 9 2
0 . 9 4
0 . 9 6
0 . 9 8
1 . 0 0
5 0 %
6 0 %
7 0 %
8 0 %
9 0 %
1 0 0 %
2 7 7 V a c
2 3 0 V a c
1 1 5 V a c
CLG-60seriespossesssuperiorworkingefficiencythatupto89%canbereachedinfieldapplications.
LOAD
PowerFactorCharacteristic
EFFICIENCY vsLOAD(48VModel)
ConstantCurrentMode
LOAD
DRIVINGMETHODSOFLEDMODULE
(60W)
ThisLEDpowersupplyissuggestedtoworkinconstantcurrentmodearea(CC)todrivetheLEDs.
TypicalLEDpowersupplyI-Vcurve
100
70
50
100
(max.)
Io (%)
Constant
Current area
Hiccup
Protection
FileName:CLG-60-SPEC2011-07-28
60WSingleOutputLEDPowerSupply
C L G - 6 0 series


Similar Part No. - CLG-60-36

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
CLG-60-36 MEANWELL-CLG-60-36 Datasheet
212Kb / 2P
   60W Single Output Switching Power Supply
CLG-60-36 MEANWELL-CLG-60-36 Datasheet
245Kb / 3P
   60W Single Output LED Power Supply
More results

Similar Description - CLG-60-36

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
PLP-60 MEANWELL-PLP-60 Datasheet
288Kb / 3P
   60W Single Output LED Power Supply
PLN-60 MEANWELL-PLN-60 Datasheet
189Kb / 2P
   60W Single Output LED Power Supply
CLG-60 MEANWELL-CLG-60_12 Datasheet
245Kb / 3P
   60W Single Output LED Power Supply
PLC-60 MEANWELL-PLC-60_12 Datasheet
263Kb / 3P
   60W Single Output LED Power Supply
PLC-60 MEANWELL-PLC-60 Datasheet
259Kb / 3P
   60W Single Output LED Power Supply
PLP-60 MEANWELL-PLP-60_12 Datasheet
288Kb / 3P
   60W Single Output LED Power Supply
PLN-60 MEANWELL-PLN-60_12 Datasheet
221Kb / 3P
   60W Single Output LED Power Supply
CEN-60 MEANWELL-CEN-60 Datasheet
239Kb / 3P
   60W Single Output LED Power Supply
CEN-60 MEANWELL-CEN-60_11 Datasheet
242Kb / 3P
   60W Single Output LED Power Supply
PLN-60 MEANWELL-PLN-60_11 Datasheet
221Kb / 3P
   60W Single Output LED Power Supply
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com