Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM4050_EM3-50V+T Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # LM4050_EM3-50V+T
Description  50ppmC Precision Micropower Shunt Voltage References with Multiple Reverse Breakdown
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

LM4050_EM3-50V+T Datasheet(HTML) 1 Page - Maxim Integrated Products

  LM4050_EM3-50V+T Datasheet HTML 1Page - Maxim Integrated Products LM4050_EM3-50V+T Datasheet HTML 2Page - Maxim Integrated Products LM4050_EM3-50V+T Datasheet HTML 3Page - Maxim Integrated Products LM4050_EM3-50V+T Datasheet HTML 4Page - Maxim Integrated Products LM4050_EM3-50V+T Datasheet HTML 5Page - Maxim Integrated Products LM4050_EM3-50V+T Datasheet HTML 6Page - Maxim Integrated Products LM4050_EM3-50V+T Datasheet HTML 7Page - Maxim Integrated Products LM4050_EM3-50V+T Datasheet HTML 8Page - Maxim Integrated Products LM4050_EM3-50V+T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
General Description
The LM4050/LM4051 are precision two-terminal, shunt-
mode, bandgap voltage references available in fixed
reverse breakdown voltages of 1.225V, 2.048V, 2.500V,
3.000V, 3.3V, 4.096V, and 5.000V. Ideal for space-criti-
cal applications, the LM4050/LM4051 are offered in the
subminiature 3-pin SC70 surface-mount packages
(1.8mm x 1.8mm), 50% smaller than comparable
devices in SOT23 surface-mount package (SOT23 ver-
sions are also available).
Laser-trimmed resistors ensure excellent initial
accuracy. With a 50ppm/°C temperature coefficient,
these devices are offered in three grades of initial accu-
racy ranging from 0.1% to 0.5%. The LM4050/LM4051
have a 60µA to 15mA shunt-current capability with low
dynamic impedance, ensuring stable reverse break-
down voltage accuracy over a wide range of operating
temperatures and currents. The LM4050/LM4051 do
not require an external stabilizing capacitor while
ensuring stability with any capacitive loads.
The LM4050/LM4051 specifications are guaranteed
over the temperature range of -40°C to +125°C.
________________________Applications
Portable, Battery-Powered Equipment
Notebook Computers
Cell Phones
Industrial Process Controls
Features
o 50ppm/°C (max) Temperature Coefficient
Guaranteed over the -40°C to +125°C
Temperature Range
o Ultra-Small 3-Pin SC70 Package
o 0.1% (max) Initial Accuracy
o Wide Operating Current Range: 60µA to 15mA
o Low 28µVRMS Output Noise (10Hz to 10kHz)
o 1.225V, 2.048V, 2.500V, 3.000V, 3.3V, 4.096V, and
5.000V Fixed Reverse Breakdown Voltages
o No Output Capacitors Required
o Tolerates Capacitive Loads
50ppm/°C Precision Micropower Shunt Voltage
References with Multiple Reverse Breakdown Voltages
________________________________________________________________
Maxim Integrated Products
1
-
1
3
N.C.*
+
LM4050/
LM4051
SC70/SOT23
TOP VIEW
2
*PIN 3 MUST BE LEFT UNCONNECTED
OR CONNECTED TO PIN 2.
PIN
TEMP RANGE
PIN-
PACKAGE
OUTPUT
VOLTAGE
(V)
LM4050_EM3-2.1+T
-40°C to +125°C
3 SOT23
2.048
LM4050_EX3-2.1+T
-40°C to +125°C
3 SC70
2.048
LM4050_EM3-2.5+T
-40°C to +125°C
3 SOT23
2.500
LM4050_EX3-2.5+T
-40°C to +125°C
3 SC70
2.500
LM4050_EM3-3.0+T
-40°C to +125°C
3 SOT23
3.000
LM4050_EX3-3.0+T
-40°C to +125°C
3 SC70
3.000
LM4050_EM3-3.3+T
-40°C to +125°C
3 SOT23
3.300
LM4050_EX3-3.3+T
-40°C to +125°C
3 SC70
3.300
LM4050_EX3-3.3/V+T
-40°C to +125°C
3 SC70
3.300
LM4050_EM3-4.1+T
-40°C to +125°C
3 SOT23
4.096
LM4050_EM3-4.1/V+T
-40°C to +125°C
3 SOT23
4.096
LM4050_EX3-4.1+T
-40°C to +125°C
3 SC70
4.096
LM4050_EM3-5.0+T
-40°C to +125°C
3 SOT23
5.000
LM4050_EM3-5.0/V+T
-40°C to +125°C
3 SOT23
5.000
LM4050_EX3-5.0+T
-40°C to +125°C
3 SC70
5.000
LM4051_EM3-1.2+T
-40°C to +125°C
3 SOT23
1.225
LM4051_EX3-1.2+T
-40°C to +125°C
3 SC70
1.225
Pin Configuration
Typical Operating Circuit
Selector Guide
19-2563; Rev 5; 5/11
Ordering Information appears at end of data sheet.
LM4050
ILOAD
ISHUNT
RS
VS
VR
ISHUNT + ILOAD
+Denotes a lead(Pb)-free/RoHS-compliant package.
T = Tape and reel.
/V
Denotes an automotive qualified part.
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.


Similar Part No. - LM4050_EM3-50V+T

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4050AEM3-5.0 NSC-LM4050AEM3-5.0 Datasheet
287Kb / 15P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4050AEM3-5.0 TI1-LM4050AEM3-5.0 Datasheet
324Kb / 20P
[Old version datasheet]   LM4050/LM4050Q Precision Micropower Shunt Voltage Reference
LM4050AEM3-5.0 TI-LM4050AEM3-5.0 Datasheet
1Mb / 35P
[Old version datasheet]   LM4050-N/LM4050-N-Q1 Precision Micropower Shunt Voltage Reference
LM4050AEM3-5.0 TI-LM4050AEM3-5.0 Datasheet
1Mb / 35P
[Old version datasheet]   LM4050-N/LM4050-N-Q1 Precision Micropower Shunt Voltage Reference
LM4050AEM3-5.0 TI1-LM4050AEM3-5.0 Datasheet
1Mb / 35P
[Old version datasheet]   LM4050-N/LM4050-N-Q1 Precision Micropower Shunt Voltage Reference
More results

Similar Description - LM4050_EM3-50V+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
LM4050 MAXIM-LM4050_09 Datasheet
251Kb / 13P
   50ppm/째C Precision Micropower Shunt Voltage References with Multiple Reverse Breakdown Voltages
Rev 4; 5/09
LM4050 MAXIM-LM4050 Datasheet
287Kb / 14P
   50ppm/°C Precision Micropower Shunt Voltage References with Multiple Reverse Breakdown Voltages
Rev 3; 3/06
LM4040 MAXIM-LM4040 Datasheet
415Kb / 15P
   Improved Precision Micropower Shunt Voltage Reference with Multiple Reverse Breakdown Voltages
Rev 7; 11/11
LM4040 MAXIM-LM4040_V01 Datasheet
1Mb / 17P
   Improved Precision Micropower Shunt Voltage Reference with Multiple Reverse Breakdown Voltages
2019
logo
Diodes Incorporated
ZXRE330 DIODES-ZXRE330 Datasheet
522Kb / 8P
   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
logo
Zetex Semiconductors
LM4040 ZETEX-LM4040_07 Datasheet
110Kb / 6P
   Precision micropower shunt voltage references
logo
Diodes Incorporated
LM4041DH5TA DIODES-LM4041DH5TA Datasheet
177Kb / 7P
   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
LM4040 DIODES-LM4040_17 Datasheet
494Kb / 12P
   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
LM4040 DIODES-LM4040 Datasheet
452Kb / 10P
   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
LM4041 DIODES-LM4041 Datasheet
177Kb / 7P
   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com