Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CEN-100-48 Datasheet(PDF) 3 Page - Mean Well Enterprises Co., Ltd.

Part # CEN-100-48
Description  100W Single Output LED Power Supply
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

CEN-100-48 Datasheet(HTML) 3 Page - Mean Well Enterprises Co., Ltd.

  CEN-100-48 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. CEN-100-48 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. CEN-100-48 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
54
58
62
66
70
74
78
82
86
90
94
10%
20%
30%
40%
50%
60%
70%
80%
90% 100%
277Vac
230Vac
115Vac
0 .7 8
0 .8 0
0 .8 2
0 .8 4
0 .8 6
0 .8 8
0 .9 0
0 .9 2
0 .9 4
0 .9 6
0 .9 8
1 .0 0
5 0 %
6 0 %
7 0 %
8 0 %
9 0 %
1 0 0 %
2 7 7 V a c
2 3 0 V a c
1 1 5 V a c
PowerFactorCharacteristic
EFFICIENCY vsLOAD(48VModel)
CEN-100seriespossesssuperiorworkingefficiencythatupto91%canbereachedinfieldapplications.
LOAD
LOAD
TherearetwomajorkindsofLEDdrivemethod"directdrive"and"withLEDdriver".
A typicalLEDpowersupplymayeitherworkin"constantvoltagemode(CV)orconstantcurrentmode(CC)"todrivetheLEDs.
Mean Well's LED power supply with CV+ CC characteristic can be operated at both CV mode [with LED driver, at area (A)] and CC mode [direct drive, at area (B)].
TypicalLEDpowersupplyI-Vcurve
100
65
50
100
(max.)
Io (%)
Constant
Voltage area
Constant
Current area
Hiccup
Protection
(A)
(B)
(C)
(100W)
ConstantCurrentMode
100WSingleOutputLEDPowerSupply
C E N - 1 0 0 series
FileName:CEN-100-SPEC2011-07-28
DRIVINGMETHODSOFLEDMODULE


Similar Part No. - CEN-100-48

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
CEN-100-48 MEANWELL-CEN-100-48 Datasheet
169Kb / 3P
   100W Single Output LED Power Supply
More results

Similar Description - CEN-100-48

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
LPC-100 MEANWELL-LPC-100 Datasheet
73Kb / 2P
   100W Single Output LED Power Supply
HVGC-100 MEANWELL-HVGC-100_12 Datasheet
328Kb / 6P
   100W Single Output LED Power Supply
logo
CINCON ELECTRONICS Corp...
LDA100S CINCON-LDA100S Datasheet
247Kb / 2P
   100W SINGLE OUTPUT LED POWER SUPPLY
logo
Mean Well Enterprises C...
ELG-100-C MEANWELL-ELG-100-C Datasheet
148Kb / 7P
   100W Single Output LED Power Supply
HVGC-100 MEANWELL-HVGC-100 Datasheet
328Kb / 6P
   100W Single Output LED Power Supply
CEN-100 MEANWELL-CEN-100_12 Datasheet
169Kb / 3P
   100W Single Output LED Power Supply
PLN-100 MEANWELL-PLN-100 Datasheet
193Kb / 2P
   100W Single Output Switching Power Supply
HLG-100H MEANWELL-HLG-100H Datasheet
315Kb / 6P
   100W Single Output Switching Power Supply
HLG-100_1107 MEANWELL-HLG-100_1107 Datasheet
323Kb / 6P
   100W Single Output Switching Power Supply
NES-100 MEANWELL-NES-100_10 Datasheet
386Kb / 2P
   100W Single Output Switching Power Supply
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com