Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PD10M440H Datasheet(PDF) 3 Page - Nihon Inter Electronics Corporation

Part # PD10M440H
Description  85A 450~500V
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

PD10M440H Datasheet(HTML) 3 Page - Nihon Inter Electronics Corporation

  PD10M440H_1 Datasheet HTML 1Page - Nihon Inter Electronics Corporation PD10M440H_1 Datasheet HTML 2Page - Nihon Inter Electronics Corporation PD10M440H_1 Datasheet HTML 3Page - Nihon Inter Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
─ 315 ─
■定格・特性曲線
120
100
80
60
40
20
0
02468
10
12
DRAIN TO SOURCE VOLTAGE VDS (V)
TC=25℃ 250μs Pulse Test
10V
6V
4V
VGS=5V
Fig. 1 Typical Output Characteristics
30
24
18
12
6
0
1
2
5
10
20
50
100
DRAIN TO SOURCE VOLTAGE VDS (V)
VGS=0V f=1kHz
Coss
Crss
Ciss
Fig. 4 Typical Capacitance
Fig. 4 Vs. Drain-Source Voltage
1000
500
100
200
50
20
10
2
5
10
20
50
200
100
RG=7Ω VDD=250V TC=25℃ 80μs Pulse Test
DRAIN CURRENT ID (A)
td(off)
td(on)
tr
tf
Fig. 7 Typical Switching Time
Fig. 7 Vs. Drain Current
500
50
200
100
20
10
5
1
2
0.5
1
2
5
10
20
50 100
500
200
1000
DRAIN TO SOURCE VOLTAGE VDS (V)
TC=25℃ Tj=150℃MAX Single Pulse
10μs
1ms
10ms
DC
100μs
−441H −440H
Operation in this area
is limited by RDS (on)
Fig. 10 Maximum Safe Operating Area
12
10
8
6
4
2
0
0
4
8
12
16
GATE TO SOURCE VOLTAGE VGS (V)
TC=25℃ 250μs Pulse Test
ID=85A
40A
20A
Fig. 2 Typical Drain-Source On-Voltage
Fig. 2 Vs. Gate-Source Voltage
16
12
8
4
0
0
100
200
300
400
500
600
TOTAL GATE CHRAGE Qg (nC)
ID=50A
100V
250V
400V
VDD=
Fig. 5 Typical Gate Charge
Fig. 5 Vs. Gate-Source Voltage
180
150
120
90
60
30
0
0
0.4
0.8
1.2
1.6
2.0
2.4
SOURCE TO DRAIN VOLTAGE VSD (V)
250μs Pulse Test
Tj=125℃
Tj=25℃
Fig. 8 Typical Source-Drain Diode Forward
Fig. 8 Characteristics
10
-2
2
10
0
5
2
10
-1
5
2
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
PULSE DURATION t (s)
Per Unit Base
Rth(j-c)=0.171℃/W
1 Shot Pulse
Fig. 11-1
Normalized Transient Thermal
impedance(MOSFET)
24
20
16
12
8
4
0
-40
0
40
80
120
160
JUNCTION TEMPERATURE Tj ( )
VGS=10V 250μs Pulse Test
ID=85A
40A
20A
Fig. 3 Typical Drain-Source On Voltage
Fig. 3 Vs. Junction Temperature
10
5
1
2
0.5
0.2
0.1
2
5
10
20
50
100
200
ID=40A VDD=250V TC=25℃ 80μs Pulse Test
SERIES GATE IMPEDANCE RG ( )
Ω
toff
ton
Fig. 6 Typical Switching Time
Fig. 6 Vs. Series Gate impedance
500
200
50
100
20
10
5
0
100
200
300
400
500
600
-dis/dt (A/
μs)
trr
IR
IS=85A  IS=40A Tj=150℃
Fig. 9 Typical Reverse Recovery Characteristics
10
-2
2
10
0
5
2
10
-1
5
2
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
PULSE DURATION t (s)
Per Unit Base
Rth(j-c)=1.2℃/W
1 Shot Pulse
Fig. 11-2
Normalized Transient Thermal
impedance(DIODE)


Similar Part No. - PD10M440H_1

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
PD10M440H NI-PD10M440H_15 Datasheet
123Kb / 3P
   85A 450節?00V
More results

Similar Description - PD10M440H_1

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
PD10M440H NI-PD10M440H_15 Datasheet
123Kb / 3P
   85A 450節?00V
logo
Nihon Inter Electronics...
PD4M440L NIEC-PD4M440L_1 Datasheet
119Kb / 3P
   30A 450~500V
PD7M440L NIEC-PD7M440L_1 Datasheet
121Kb / 3P
   50A 450~500V
PD10M440L NIEC-PD10M440L_1 Datasheet
117Kb / 3P
   70A 450~500V
PD7M440H NIEC-PD7M440H_1 Datasheet
114Kb / 3P
   50A 450~500V
PD10M440H NIEC-PD10M440H Datasheet
67Kb / 3P
   MOSFET MODULE DUAL 85A 450V/500V
PD4M440H NIEC-PD4M440H_1 Datasheet
117Kb / 3P
   MOSFET 30A 450~500V
PD4M440H NIEC-PD4M440H Datasheet
64Kb / 3P
   MOSFET MODULE Dual 30A 450/500V
logo
IXYS Corporation
IXTH12N45 IXYS-IXTH12N45 Datasheet
65Kb / 1P
   12 AMPS, 450-500V, 0.4OM/0.5OM
logo
Fairchild Semiconductor
IRF440-443 FAIRCHILD-IRF440-443 Datasheet
150Kb / 5P
   N-Channel Power MOSFETs, 8A, 450 V/500V
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com