Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSSHA1 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # DSSHA1
Description  Memory-Mapped SHA-1 Coprocessor Five 32-Bit Registers to Read MAC Result
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DSSHA1 Datasheet(HTML) 7 Page - Maxim Integrated Products

  DSSHA1 Datasheet HTML 1Page - Maxim Integrated Products DSSHA1 Datasheet HTML 2Page - Maxim Integrated Products DSSHA1 Datasheet HTML 3Page - Maxim Integrated Products DSSHA1 Datasheet HTML 4Page - Maxim Integrated Products DSSHA1 Datasheet HTML 5Page - Maxim Integrated Products DSSHA1 Datasheet HTML 6Page - Maxim Integrated Products DSSHA1 Datasheet HTML 7Page - Maxim Integrated Products DSSHA1 Datasheet HTML 8Page - Maxim Integrated Products DSSHA1 Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Applications Information
FPGAs or ASICs integrate the designed DSSHA1. Using
several modules, an achievable authentication method
makes a design secure. In Figure 5, the design module
with a microprocessor can offload the SHA-1 computa-
tion to the DSSHA1. In Figure 5, the designer first crafts
a randomly generated challenge and compares the
result from DSSHA1 to the response received from the
DS28E01. If the result and response match, then the
design has been authenticated and can enable the
product’s functionality. It is often desirable to make vari-
ations in the authentication process in software and
hardware. This makes successful attacks less likely.
Refer to Application Note 1098:
White Paper 3: Why are
1-Wire SHA-1 Devices Secure? for more information.
Memory-Mapped SHA-1 Coprocessor
_______________________________________________________________________________________
7
tCSS
tCYC
tCSH
tAS
tAH
tAO
tD
CLK
ADDR[4:0]
CSZ
WRZ
DATAO[31:0]
VALID DATA
VALID ADDRESS
DATAI[31:0]
Figure 4. Read Cycle
RESPONSE
CHALLENGE
DESIGN
MODULE
MICROPROCESSOR
TOP-LEVEL DESIGN MODULE
R
3.3V
MODULE
DSSHA1
MODULE
DS1WM
DS28E01-100
Figure 5. Typical FPGA or ASIC Application


Similar Part No. - DSSHA1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
DSS-113 MACOM-DSS-113 Datasheet
138Kb / 3P
   Two-Way Power Divider, 400 KHz - 400 MHz
logo
M/A-COM Technology Solu...
DSS-113 MA-COM-DSS-113 Datasheet
120Kb / 3P
   Two-Way Power Divider, 400 KHz - 400 MHz
logo
Tyco Electronics
DSS-113PIN MACOM-DSS-113PIN Datasheet
138Kb / 3P
   Two-Way Power Divider, 400 KHz - 400 MHz
logo
M/A-COM Technology Solu...
DSS-113PIN MA-COM-DSS-113PIN Datasheet
120Kb / 3P
   Two-Way Power Divider, 400 KHz - 400 MHz
DSS-113PIN MA-COM-DSS-113PIN Datasheet
601Kb / 4P
   Two-Way Power Divider
More results

Similar Description - DSSHA1

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2460 DALLAS-DS2460 Datasheet
133Kb / 8P
   SHA-1 Coprocessor with EEPROM
logo
Maxim Integrated Produc...
DS2460 MAXIM-DS2460 Datasheet
238Kb / 9P
   SHA-1 Coprocessor with EEPROMAbridged Data Sheet
3/10
DS2465 MAXIM-DS2465 Datasheet
2Mb / 31P
   SHA-256 Coprocessor with 1-Wire Master Function
Rev 0; 4/12
DS2465 MAXIM-DS2465_13 Datasheet
2Mb / 30P
   DeepCover Secure Authenticator with SHA-256 Coprocessor and 1-Wire Master Function
Rev 2; 1/13
DS2465 MAXIM-DS2465_V01 Datasheet
2Mb / 30P
   DeepCover Secure Authenticator with SHA-256 Coprocessor and 1-Wire Master Function
219-0017; Rev 3; 9/13
logo
Integrated Device Techn...
MC68150 IDT-MC68150 Datasheet
637Kb / 40P
   32-Bit to 32/16/8-Bit Dynamic READ/WRITE Bus Sizer
logo
Cypress Semiconductor
CYWB012X CYPRESS-CYWB012X Datasheet
379Kb / 9P
   West Bridge Antioch Memory-mapped interface to main processor
logo
NXP Semiconductors
HEF4505B PHILIPS-HEF4505B Datasheet
96Kb / 8P
   64-bit, 1-bit per word random access read/write memory
January 1995
logo
Silicon Laboratories
SI3050-EVB SILABS-SI3050-EVB Datasheet
187Kb / 16P
   Ability to read and write DAA registers
logo
Maxim Integrated Produc...
DS24L65 MAXIM-DS24L65 Datasheet
2Mb / 30P
   DeepCover Secure Authenticator with SHA-256 Coprocessor and 1-Wire Master Function
Rev 1; 9/13
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com