Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

2N5004 Datasheet(PDF) 2 Page - Semicoa Semiconductor

Part No. 2N5004
Description  Type 2N5004 Geometry 9202 Polarity NPN
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SEMICOA [Semicoa Semiconductor]
Homepage  http://www.semicoa.com/
Logo 

2N5004 Datasheet(HTML) 2 Page - Semicoa Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Data Sheet No. 2N5004
OFF Characteristics
Symbol
Min
Max
Unit
Collector-Base Breakdown Voltage
IC = 100 mA, IB = 0, pulsed
Emitter-Base Cutoff Current
VEB = 4 V, IC = 0
IEBO1
---
1.0
µA
VEB = 5.5 V, IC = 0
IEBO2
---
1.0
mA
Collector-Emitter Cutoff Current
VCE = 60 V, VBE = 0
ICES1
---
1.0
µA
VCE = 100 V, VBE = 0
ICES2
---
1.0
mA
VCE = 40 V, IB = 0
ICEO
---
50
µA
VCE = 60 V, VBE = -2.0 V, TC = +150
oC
ICEX
---
500
µA
Electrical Characteristics
TC = 25
oC unless otherwise specified
V
V(BR)CBO
80
---
ON Characteristics
Symbol
Min
Max
Unit
Thermal Impedance
3.1
oC/W
Forward Current Transfer Ratio
IC = 50 mA, VCE = 5 V
hFE1
50
---
---
IC = 2.5 A, VCE = 5 V, pulsed
hFE2
70
200
---
IC = 5.0 A, VCE = 5 V, pulsed
hFE3
40
---
---
IC = 2.55 A, VCE = 5 V pulsed, TC = -55
oC
hFE4
25
---
---
Base-Emitter Voltage, Nonsaturted
VCE = 5 V, IC = 2.5 V pulsed
VBE
---
1.45
V dc
Base-Emitter Saturation Voltage
IC = 2.5 A, IB = 250 mA, pulsed
VBE(sat)1
---
1.45
V dc
IC = 5 A, IB = 500 mA, pulsed
VBE(sat)2
---
2.2
V dc
Small Signal Characteristics
Symbol
Min
Max
Unit
Magnitude of Common Emitter Small Signal
Short Circuit Forward Current Transfer Ratio
VCE = 5 V, IC = 500 mA, f = 10 MHz
Common Emitter, Small Signal Short Circuit
Forward Current Transfer Ratio
VCE = 5 V, IC = 100 mA, f = 1 kHz
Open Circuit Output Capacitance
VCB = 10 V
---
|hfe|
7.0
---
COBO
---
250
pF
hfe
50
---
---
Switching Time
Symbol
Min
Max
Unit
Delay Time
IC = 5 A, IB1 = 500 mA
Storage Time
IB2 = -500 mA
Fall Time
VBE(off) = 3.7 V
Turn-Off Time
RL = 6 ohms
0.5
µs
tOFF
---
1.5
µs
tf
---
ts
---
1.4
µs
µs
tON
---
0.5


Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
2C5004Chip Type 2C5004 Geometry 9202 Polarity NPN 1 Semicoa Semiconductor
2N5002Type 2N5002 Geometry 9202 Polarity NPN 1 2 Semicoa Semiconductor
2C3866AChip Type 2C3866A Geometry 1007 Polarity NPN 1 Semicoa Semiconductor
2N2484Type 2N2484 Geometry 0220 / 0307 Polarity NPN 1 2 3 Semicoa Semiconductor
2N3498Type 2N3498 Geometry 5620 Polarity NPN 1 2 Semicoa Semiconductor
2N918Type 2N918 Geometry 0013 Polarity NPN 1 2 Semicoa Semiconductor
2C3960Chip Type 2C3960 Geometry 0003 Polarity NPN 1 Semicoa Semiconductor
2N2857Type 2N2857 Geometry 0011 Polarity NPN 1 2 Semicoa Semiconductor
2N3499Type 2N3499 Geometry 5620 Polarity NPN 1 2 Semicoa Semiconductor
2N5109Type 2N5109 Geometry 1007 Polarity NPN 1 2 Semicoa Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn