Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KRA104 Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # KRA104
Description  EPITAXIAL PLANAR PNP TRANSISTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KRA104 Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  KRA104 Datasheet HTML 1Page - KEC(Korea Electronics) KRA104 Datasheet HTML 2Page - KEC(Korea Electronics) KRA104 Datasheet HTML 3Page - KEC(Korea Electronics) KRA104 Datasheet HTML 4Page - KEC(Korea Electronics) KRA104 Datasheet HTML 5Page - KEC(Korea Electronics) KRA104 Datasheet HTML 6Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Input Resistor
KRA101
R1
-
3.29
4.7
6.11
k
KRA102
7
10
13
KRA103
15.4
22
28.6
KRA104
32.9
47
61.1
KRA105
1.54
2.2
2.86
KRA106
3.29
4.7
6.11
2011. 6. 14
2/6
KRA101~KRA106
Revision No : 1
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Output Cut-off Current
KRA101
~106
IO(OFF)
VO=-50V, VI=0
-
-
-500
nA
DC Current Gain
KRA101
GI
VO=-5V, IO=-10mA
30
55
-
KRA102
50
80
-
KRA103
70
120
-
KRA104
80
200
-
KRA105
80
200
-
KRA106
80
200
-
Output Voltage
KRA101
~106
VO(ON)
IO=-10mA, II=-0.5mA
-
-0.1
-0.3
V
Input Voltage (ON)
KRA101
VI(ON)
VO=-0.2V, IO=-5mA
-
-1.5
-2.0
V
KRA102
-
-1.8
-2.4
KRA103
-
-2.1
-3.0
KRA104
-
-2.8
-5.0
KRA105
-
-0.8
-1.1
KRA106
-
-0.9
-1.3
Input Votlage (OFF)
KRA101
~104
VI(OFF)
VO=-5V, IO=-0.1mA
-1.0
-1.2
-
V
KRA105
~106
-0.5
-0.65
-
Transition Frequency
KRA101
~106
fT *
VO=-10V, IO=-5mA
-
200
-
MHz
Input Current
KRA101
II
VI=-5V
-
-
-1.8
mA
KRA102
-
-
-0.88
KRA103
-
-
-0.36
KRA104
-
-
-0.18
KRA105
-
-
-3.6
KRA106
-
-
-1.8
ELECTRICAL CHARACTERISTICS (Ta=25
℃)
Note : *Characteristic of Transistor Only


Similar Part No. - KRA104

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KRA104 KEC-KRA104 Datasheet
70Kb / 6P
   EPITAXIAL PLANAR PNP TRANSISTOR
KRA104M KEC-KRA104M Datasheet
595Kb / 6P
   EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRA104S KEC-KRA104S Datasheet
599Kb / 6P
   EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
KRA104S KEC-KRA104S Datasheet
125Kb / 6P
   EPITAXIAL PLANAR PNP TRANSISTOR
More results

Similar Description - KRA104

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HI350 HSMC-HI350 Datasheet
25Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HI42C HSMC-HI42C Datasheet
32Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ2584 HSMC-HJ2584 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ350 HSMC-HJ350 Datasheet
23Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ649A HSMC-HJ649A Datasheet
27Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM1426 HSMC-HM1426 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM2907A HSMC-HM2907A Datasheet
31Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM3906 HSMC-HM3906 Datasheet
31Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM64 HSMC-HM64 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM772 HSMC-HM772 Datasheet
46Kb / 5P
   PNP EPITAXIAL PLANAR TRANSISTOR
HA8550 HSMC-HA8550 Datasheet
36Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com