Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS3231M Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # DS3231M
Description  5ppm, I2C Real-Time Clock Battery Backup for Continuous Timekeeping
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS3231M Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button DS3231M Datasheet HTML 7Page - Maxim Integrated Products DS3231M Datasheet HTML 8Page - Maxim Integrated Products DS3231M Datasheet HTML 9Page - Maxim Integrated Products DS3231M Datasheet HTML 10Page - Maxim Integrated Products DS3231M Datasheet HTML 11Page - Maxim Integrated Products DS3231M Datasheet HTML 12Page - Maxim Integrated Products DS3231M Datasheet HTML 13Page - Maxim Integrated Products DS3231M Datasheet HTML 14Page - Maxim Integrated Products DS3231M Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
±5ppm, I2C Real-Time Clock
11
Clock and Calendar
The time and calendar information is obtained by read-
ing the appropriate register bytes. Table 2 shows the
RTC registers. The time and calendar data are set or
initialized by writing the appropriate register bytes. The
contents of the time and calendar registers are in the
binary-coded decimal (BCD) format. The device can
be run in either 12-hour or 24-hour mode. Bit 6 of the
Hours register is defined as the 12-hour or 24-hour mode
select bit. When high, the 12-hour mode is selected. In
the 12-hour mode, bit 5 is the AM/PM bit with logic-high
being PM. In the 24-hour mode, bit 5 is the 20-hour bit
(20–23 hours). The century bit (bit 7 of the Month regis-
ter) is toggled when the Years register overflows from 99
Table 2. Timekeeping Registers
Note: Unless otherwise specified, the registers’ state is not defined when power is first applied.
ADDRESS
BIT 7
MSB
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
LSB
FUNCTION
RANGE
00h
0
10 Seconds
Seconds
Seconds
00–59
01h
0
10 Minutes
Minutes
Minutes
00–59
02h
0
12/24
AM/PM
10
Hours
Hour
Hours
1–12 +
AM/PM
00–23
20
Hours
03h
0
0
0
0
0
Day
Day
1–7
04h
0
0
10 Date
Date
Date
01–31
05h
Century
0
0
10
Month
Month
Month/Century
01–12 +
Century
06h
10 Year
Year
Year
00–99
07h
A1M1
10 Seconds
Seconds
Alarm 1
Seconds
00–59
08h
A1M2
10 Minutes
Minutes
Alarm 1
Minutes
00–59
09h
A1M3
12/24
AM/PM
10
Hours
Hour
Alarm 1 Hours
1–12 +
AM/PM
00–23
20
Hours
0Ah
A1M4
DY/DT
10 Date
Day
Alarm 1 Day
1–7
Date
Alarm 1 Date
1–31
0Bh
A2M2
10 Minutes
Minutes
Alarm 2
Minutes
00–59
0Ch
A2M3
12/24
AM/PM
10
Hours
Hour
Alarm 2 Hours
1–12 +
AM/PM
00–23
20
Hours
0Dh
A2M4
DY/DT
10 Date
Day
Alarm 2 Day
1–7
Date
Alarm 2 Date
1–31
0Eh
EOSC
BBSQW
CONV
NA
NA
INTCN
A2IE
A1IE
Control
0Fh
OSF
0
0
0
EN32KHZ
BSY
A2F
A1F
Status
10h
SIGN
DATA
DATA
DATA
DATA
DATA
DATA
DATA
Aging Offset
11h
SIGN
DATA
DATA
DATA
DATA
DATA
DATA
DATA
Temperature
MSB
12h
DATA
DATA
0
0
0
0
0
0
Temperature
LSB


Similar Part No. - DS3231M

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS3231M MAXIM-DS3231M Datasheet
1Mb / 20P
   짹5ppm, I2C Real-Time Clock
19-5312; Rev 0; 6/10
DS3231M MAXIM-DS3231M Datasheet
1Mb / 20P
   ±5ppm, I2C Real-Time Clock
Rev 3; 12/11
DS3231M MAXIM-DS3231M Datasheet
1Mb / 20P
   ±5ppm, I2C Real-Time Clock
Rev 4; 9/12
DS3231M++ MAXIM-DS3231M+ Datasheet
1Mb / 20P
   짹5ppm, I2C Real-Time Clock
19-5312; Rev 0; 6/10
DS3231M++ MAXIM-DS3231M+ Datasheet
1Mb / 20P
   ±5ppm, I2C Real-Time Clock
Rev 4; 9/12
More results

Similar Description - DS3231M

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS3231M MAXIM-DS3231M_12 Datasheet
1Mb / 20P
   ±5ppm, I2C Real-Time Clock
Rev 4; 9/12
DS3231M_1112 MAXIM-DS3231M_1112 Datasheet
1Mb / 20P
   ±5ppm, I2C Real-Time Clock
Rev 3; 12/11
logo
Intersil Corporation
ISL12008 INTERSIL-ISL12008 Datasheet
293Kb / 19P
   I2C Real Time Clock with Battery Backup
logo
Maxim Integrated Produc...
DS3232M_V1 MAXIM-DS3232M_V1 Datasheet
2Mb / 23P
   ±5ppm, I2C Real-Time Clock with SRAM
Rev 1; 8/12
DS3232M MAXIM-DS3232M Datasheet
2Mb / 23P
   ±5ppm, I2C Real-Time Clock with SRAM
Rev 0; 3/12
logo
Cymbet Corporation
DS-72-34 CYMBET-DS-72-34 Datasheet
1Mb / 18P
   I2C Real-Time Clock/Calendar with Integrated Backup Power
CBC34803 CYMBET-CBC34803 Datasheet
511Kb / 9P
   I2C Real-Time Clock/Calendar with Integrated Backup Power
logo
Epson Company
RX8130CE EPSON-RX8130CE Datasheet
362Kb / 2P
   REAL TIME CLOCK MODULE (I2C-Bus) Build in backup battery charge control function
logo
ARTSCHIP ELECTRONICS CO...
DS1307 ARTSCHIP-DS1307 Datasheet
249Kb / 14P
   I2C Real-Time Clock
logo
Dallas Semiconductor
DS1339 DALLAS-DS1339 Datasheet
279Kb / 18P
   I2C Serial Real-Time Clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com