Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1804U-010 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # DS1804U-010
Description  Nonvolatile Trimmer Potentiometer Operates from 3V or 5V Supplies
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1804U-010 Datasheet(HTML) 5 Page - Maxim Integrated Products

  DS1804U-010 Datasheet HTML 1Page - Maxim Integrated Products DS1804U-010 Datasheet HTML 2Page - Maxim Integrated Products DS1804U-010 Datasheet HTML 3Page - Maxim Integrated Products DS1804U-010 Datasheet HTML 4Page - Maxim Integrated Products DS1804U-010 Datasheet HTML 5Page - Maxim Integrated Products DS1804U-010 Datasheet HTML 6Page - Maxim Integrated Products DS1804U-010 Datasheet HTML 7Page - Maxim Integrated Products DS1804U-010 Datasheet HTML 8Page - Maxim Integrated Products DS1804U-010 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
DS1804
5 of 10
ANALOG RESISTOR CHARACTERISTICS
(VCC = 2.7V to 5.5V, TA = -40°C to +85°C, unless otherwise noted.)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
End-to-End Resistor Tolerance
-20
+20
%
8
Absolute Linearity
±0.6
LSB
9
Relative Linearity
±0.25
LSB
10
-3dB Cutoff Frequency
fCUTOFF
MHz
11
Temperature Coefficient
750
ppm/
°C
CAPACITANCE
(VCC = 2.7V to 5.5V, TA = +25°C, unless otherwise noted.)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Input Capacitance
CIN
5
pF
12
Output Capacitance
COUT
7
pF
12
AC ELECTRICAL CHARACTERISTICS
(VCC = 2.7V to 5.5V, TA = -40°C to +85°C, unless otherwise noted.)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
CS
to INC Setup
tCI
50
ns
13
U/ D to INC Setup
tDI
100
ns
13
INC
Low Period
tIL
50
ns
13
INC
High Period
tIH
100
ns
13
INC
inactive to CS Inactive
tIC
500
ns
13
CS
Deselect Time
tCPH
100
ns
13
Wiper Change to INC Low
tIW
200
ns
13
INC
Rise and Fall Times
tR, tF
500
µs
13
INC
Low to CS Inactive
tIK
50
ns
16
Wiper Storage Time
tWST
10
ms
13, 17


Similar Part No. - DS1804U-010

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1804U-010 DALLAS-DS1804U-010 Datasheet
85Kb / 7P
   NV Trimmer Potentiometer
logo
Maxim Integrated Produc...
DS1804U-010 MAXIM-DS1804U-010 Datasheet
171Kb / 8P
   NV Trimmer Potentiometer
043002
More results

Similar Description - DS1804U-010

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14775EEVKIT MAXIM-MAX14775EEVKIT Datasheet
594Kb / 6P
   Operates From a Single 3V to 5V Supply
Rev 1; 10/18
MAX22507EEVKIT MAXIM-MAX22507EEVKIT Datasheet
447Kb / 6P
   Operates from a Single 3V to 5V Supply
Rev 0; 3/21
MAX22501EEVKIT MAXIM-MAX22501EEVKIT Datasheet
601Kb / 7P
   Operates From a Single 3V to 5V Supply
Rev 0; 8/17
logo
Micross Components
AS111 MICROSS-AS111 Datasheet
243Kb / 21P
   Operates from single 5V supply
logo
Maxim Integrated Produc...
MAX14883EEVKIT MAXIM-MAX14883EEVKIT Datasheet
624Kb / 7P
   Operates from a Single 5V Supply
Rev 2; 12/18
MAX22506EEVKIT MAXIM-MAX22506EEVKIT Datasheet
478Kb / 7P
   Operates From a Single 3V to 5.5V Supply
Rev 0; 2/21
logo
List of Unclassifed Man...
WIW1012 ETC1-WIW1012 Datasheet
702Kb / 1P
   Trimmer Potentiometer
logo
Murata Manufacturing Co...
PVZ3G103C01R00 MURATA-PVZ3G103C01R00 Datasheet
191Kb / 12P
   TRIMMER POTENTIOMETER
logo
Sharma Electro Componen...
WIW3269 SHARMA-WIW3269 Datasheet
693Kb / 1P
   Trimmer Potentiometer
WIW1028 SHARMA-WIW1028 Datasheet
748Kb / 1P
   Trimmer Potentiometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com