Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

71M6113-IF Datasheet(PDF) 3 Page - Maxim Integrated Products

Part No. 71M6113-IF
Description  On-Chip Temperature Sensor Enables Localized Digital Temperature On-Chip Power Monitoring
Download  19 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

71M6113-IF Datasheet(HTML) 3 Page - Maxim Integrated Products

 
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
PDS_6xxx_010
71M6xxx Data Sheet
v1.2
© 2008–2011 Teridian Semiconductor Corporation
3
Figures
Figure 1: Block Diagram ..........................................................................................................................4
Figure 2: External Components Connected to the 71M6xxx ..................................................................... 7
Figure 3: Current Sensors Connected to the 71M6541D/F Using One 71M6x01....................................... 8
Figure 4: Current Sensors Connected to the 71M6543F/H or 71M6545/H with Three 71M6xx3................ 9
Figure 5: Copper Separation and Signal Traces for a Polyphase PCB.................................................... 10
Figure 6: Wh Error at Room Temperature (71M6203, 100A/0.1A, 60Hz/240V AC) ................................. 15
Figure 7: VARh Error at Room Temperature (71M6203, 100A/0.1A, 60Hz/240V AC) ............................. 15
Figure 8: SOIC-8 Package Outline......................................................................................................... 16
Figure 9: Pinout for 8-Pin SO Package .................................................................................................. 17
Tables
Table 1: Remote Interface Commands..................................................................................................... 5
Table 2: Product Variations...................................................................................................................... 6
Table 3: Absolute Maximum Ratings...................................................................................................... 11
Table 4: Recommended External Components ...................................................................................... 11
Table 5: Recommended Operating Conditions....................................................................................... 11
Table 6: Supply Current Performance Specifications.............................................................................. 12
Table 7: Timing Specifications for Power and Data Pulses ..................................................................... 12
Table 8: VCC Voltage Monitor Specifications ......................................................................................... 12
Table 9: Temperature Sensor Specifications.......................................................................................... 12
Table 10: VREF Performance Specifications.......................................................................................... 13
Table 11: ADC Converter Specifications ................................................................................................ 14
Table 12: Pin Description....................................................................................................................... 17
Table 13: Product Variations.................................................................................................................. 18
Table 14: Packaging Information, Corresponding CE Codes, and Ordering Numbers............................. 18


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn