Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

71M6113-IF Datasheet(PDF) 17 Page - Maxim Integrated Products

Part No. 71M6113-IF
Description  On-Chip Temperature Sensor Enables Localized Digital Temperature On-Chip Power Monitoring
Download  19 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

71M6113-IF Datasheet(HTML) 17 Page - Maxim Integrated Products

 
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
PDS_6xxx_010
71M6xxx Data Sheet
v1.2
© 2008–2011 Teridian Semiconductor Corporation
17
4.7
IC Pinout
VCC
TEST
SP
SN
GND
NC
INP
INN
1
2
3
4
5
6
7
8
Figure 9: Pinout for 8-Pin SO Package
4.8
Pin Description
Table 12: Pin Description
Pin
Name
Function
1
VCC
Supply Voltage Output. A 1.0
µF capacitor to GND should be provided.
2
SP
Positive Bidirectional Communication Port for the Connection of the Pulse
Transformer
3
SN
Negative Bidirectional Communication Port for the Connection of the Pulse
Transformer
4
GND
Ground (Local Ground). The voltage at the INP and INN pins references to
this pin.
5
NC
No Connection. No connections must be made to this pin.
6
INP
Positive Analog Input from Sensor. This input must be biased towards
GND with a 1k
Ω resistor.
7
INN
Negative Analog Input from Sensor. This input must be biased towards
GND with a 1k
Ω resistor.
8
TEST
Input Used in Factory for Test Purposes. This pin must be connected to
GND.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn