Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

71M6113-IF Datasheet(PDF) 16 Page - Maxim Integrated Products

Part No. 71M6113-IF
Description  On-Chip Temperature Sensor Enables Localized Digital Temperature On-Chip Power Monitoring
Download  19 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6113-IF Datasheet(HTML) 16 Page - Maxim Integrated Products

Back Button 71M6113-IF Datasheet HTML 11Page - Maxim Integrated Products 71M6113-IF Datasheet HTML 12Page - Maxim Integrated Products 71M6113-IF Datasheet HTML 13Page - Maxim Integrated Products 71M6113-IF Datasheet HTML 14Page - Maxim Integrated Products 71M6113-IF Datasheet HTML 15Page - Maxim Integrated Products 71M6113-IF Datasheet HTML 16Page - Maxim Integrated Products 71M6113-IF Datasheet HTML 17Page - Maxim Integrated Products 71M6113-IF Datasheet HTML 18Page - Maxim Integrated Products 71M6113-IF Datasheet HTML 19Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
PDS_6xxx_010
71M6xxx Data Sheet
v1.2
© 2008–2011 Teridian Semiconductor Corporation
16
DETAIL A
PARTING
LINE
5
+3°
-5°
0.64
+0.25
-0.23
4.6
Package Outline Drawing
Controlling dimensions are in mm.
Figure 8: SOIC-8 Package Outline
BOTTOM VIEW
SIDE VIEW
SEE
DETAIL A
END VIEW
TOP VIEW
5.99
+0.21
-0.05
1.97
2.465
COO
10
4.93 -0.13
+0.05
4
0.41
+0.08
-0.06
9
1.27 BSC
0.33
±
0.08
x 45°
1.63 +0.10 -0.08
0.15
+0.1 -
0.023
SEATING
PLANE
1.47
+0.08
-0.07
3.94
+0.05
-0.13
0.20
+0.05
-0.01
4
8
3
LENGTH OF TERMINAL FOR SOLDERING TO SUBSTRATE
5
FORMED LEADS ARE PLANAR WITH RESPECT TO EACH OTHER
WITHIN 0.735 mm AT SEATING PLANE.
8
10
COUNTRY OF ORIGIN LOCATION ON PACKAGE BOTTOM IS
OPTIONAL AND DEPENDS ON ASSEMBLY LOCATION.
PACKAGE IS COMPLIANT WITH JEDEC STANDARD MS-012.
REFERENCE DATUM
3
LENGTH AND WIDTH ARE REFERENCE DATUMS AND DO NOT
INCLUDE MOLD FLASH OR PROTRUSIONS, BUT INCLUDE MOLD
MISMATCH. MEASURED AT THE MOLD PARTING LINE.
PROTRUSIONS DO NOT EXCEED 0.1524 mm AT END AND 0.254
mm AT WINDOW.
4
9
THE APPEARANCE OF PIN #1 I.D. IS OPTIONAL.
DIMENSIONING AND TOLERANCES PER ANSI Y14.5 M - 1982
NOTES:


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn