Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

71M6113-IF Datasheet(PDF) 15 Page - Maxim Integrated Products

Part No. 71M6113-IF
Description  On-Chip Temperature Sensor Enables Localized Digital Temperature On-Chip Power Monitoring
Download  19 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6113-IF Datasheet(HTML) 15 Page - Maxim Integrated Products

Back Button 71M6113-IF Datasheet HTML 11Page - Maxim Integrated Products 71M6113-IF Datasheet HTML 12Page - Maxim Integrated Products 71M6113-IF Datasheet HTML 13Page - Maxim Integrated Products 71M6113-IF Datasheet HTML 14Page - Maxim Integrated Products 71M6113-IF Datasheet HTML 15Page - Maxim Integrated Products 71M6113-IF Datasheet HTML 16Page - Maxim Integrated Products 71M6113-IF Datasheet HTML 17Page - Maxim Integrated Products 71M6113-IF Datasheet HTML 18Page - Maxim Integrated Products 71M6113-IF Datasheet HTML 19Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
PDS_6xxx_010
71M6xxx Data Sheet
v1.2
© 2008–2011 Teridian Semiconductor Corporation
15
4.5
Typical Performance Data
Figure 6: Wh Error at Room Temperature (71M6203, 100A/0.1A, 60Hz/240V AC)
Figure 7: VARh Error at Room Temperature (71M6203, 100A/0.1A, 60Hz/240V AC)
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
0.1
1
10
100
90°
150°
VARh Polyphase Load Line with 150µΩ Shunt
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
0.1
1
10
100
60°
300 °
180°
Wh Polyphase Load Line with 50µΩ Shunts


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn