Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

71M6113-IF Datasheet(PDF) 14 Page - Maxim Integrated Products

Part No. 71M6113-IF
Description  On-Chip Temperature Sensor Enables Localized Digital Temperature On-Chip Power Monitoring
Download  19 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

71M6113-IF Datasheet(HTML) 14 Page - Maxim Integrated Products

Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
PDS_6xxx_010
71M6xxx Data Sheet
v1.2
© 2008–2011 Teridian Semiconductor Corporation
14
4.4.6
ADC Converter
Table 11: ADC Converter Specifications
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Input Current
INP and INN at
GND potential
INP
22
µA
INN
22
THD (First 10 Harmonics)
VIN = 65Hz, 64kpts
FFT, Blackman-Harris
window
-85
dB


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn