Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

71M6113-IF Datasheet(PDF) 13 Page - Maxim Integrated Products

Part No. 71M6113-IF
Description  On-Chip Temperature Sensor Enables Localized Digital Temperature On-Chip Power Monitoring
Download  19 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

71M6113-IF Datasheet(HTML) 13 Page - Maxim Integrated Products

Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
PDS_6xxx_010
71M6xxx Data Sheet
v1.2
© 2008–2011 Teridian Semiconductor Corporation
13
4.4.5
VREF Performance Specifications
Table 10 shows the performance specifications for the ADC reference voltage (VREF).
Table 10: VREF Performance Specifications
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VREF Output Voltage
71M6201, 71M6203,
71M6113: TA = +22°C
1.193
1.195
1.197
V
71M6601, 71M6603,
71M6103: TA = +22°C
1.180
1.195
1.210
VREF Output Impedance
ILOAD = 10µA, -10µA
on TMUXOUT
8
k
VREF Power-Supply Sensitivity:
ΔVREF/ΔVCC
VCC = 2.8V to 3.6V
-1.5
+1.5
mV/V
VCC = 2.5V to 3.6V
-2
+2
VREF Chop Step (Trimmed)
VREF(CROSS = 1) -
VREF(CROSS = 0)
-22
0
+22
mV
VNOM Definition
VNOM(T) = VREF(22) + (T - 22)TC1 + (T - 22)
2TC2
V
71M6201 AND 71M6203 (0.2% ACCURACY CLASS)
VNOM Temperature Coefficients:
TC1, TC2
TC1 = 0.0538 x TRIMT + 1.587(TRIMBGB - TRIMBGD) +
27.279
µV/°C
TC2 = -0.433 - TRIMT x 0.000854
µV/°C2
VREF(T) Deviation from VNOM(T) (Note 1)
62
10
)
(
)
(
)
(
6
T
VNOM
T
VNOM
T
VREF
-15
+15
ppm/
°C
71M6113 (0.5% ACCURACY CLASS)
VNOM Temperature Coefficients:
TC1, TC2
TC1 = 251 - TRIMT x 4.60
µV/°C
TC2 = -0.433 - TRIMT x 0.000854
µV/°C2
VREF(T) Deviation from VNOM(T) (Note 1)
62
10
)
(
)
(
)
(
6
T
VNOM
T
VNOM
T
VREF
-50
+50
ppm/
°C
71M6601, 71M6603, AND 71M6103 (1% ACCURACY CLASS)
VNOM Temperature Coefficients:
TC1, TC2
TC1 = -34.8
µV/°C
TC2 = -0.599
µV/°C2
VREF(T) Deviation from VNOM(T) (Note 1)
45
10
)
(
)
(
)
(
6
T
VNOM
T
VNOM
T
VREF
-100
+100
ppm/
°C
Note 1: Guaranteed by design; not production tested.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn