Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

71M6113-IF Datasheet(PDF) 11 Page - Maxim Integrated Products

Part No. 71M6113-IF
Description  On-Chip Temperature Sensor Enables Localized Digital Temperature On-Chip Power Monitoring
Download  19 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6113-IF Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button 71M6113-IF Datasheet HTML 7Page - Maxim Integrated Products 71M6113-IF Datasheet HTML 8Page - Maxim Integrated Products 71M6113-IF Datasheet HTML 9Page - Maxim Integrated Products 71M6113-IF Datasheet HTML 10Page - Maxim Integrated Products 71M6113-IF Datasheet HTML 11Page - Maxim Integrated Products 71M6113-IF Datasheet HTML 12Page - Maxim Integrated Products 71M6113-IF Datasheet HTML 13Page - Maxim Integrated Products 71M6113-IF Datasheet HTML 14Page - Maxim Integrated Products 71M6113-IF Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
PDS_6xxx_010
71M6xxx Data Sheet
v1.2
© 2008–2011 Teridian Semiconductor Corporation
11
4
SPECIFICATIONS
4.1
Absolute Maximum Ratings
Table 3 shows the absolute maximum ranges for the device. Stresses beyond Absolute Maximum
Ratings may cause permanent damage to the device. These are stress ratings only and functional
operation at these or any other conditions beyond those indicated under recommended operating
conditions (4.3 Recommended Operating Conditions) is not implied. Exposure to absolute maximum
ratings conditions for extended periods may affect device reliability. All voltages are with respect to GND.
Table 3: Absolute Maximum Ratings
SUPPLIES AND GROUND PINS:
VCC
-0.5V to 4.6V
GND
-0.1V to +0.1V
ANALOG INPUT PINS:
INP, INN, SP, SN
-10mA to +10mA,
-0.5V to (VCC + 0.5V)
TEMPERATURE:
Operating Junction Temperature (Peak, 100ms)
+140°C
Operating Junction Temperature (Continuous)
+125°C
Storage Temperature Range
-45°C to +165°C
Soldering Temperature (10s duration)
+250°C
4.2
Recommended External Components
Table 4: Recommended External Components
NAME
FROM
TO
FUNCTION
VALUE
UNITS
C1
VCC
GND
Bypass capacitor for supply
1.0
µF
R1, R2
Sensor
GND
To establish proper bias for INP/INN pins
1
k
4.3
Recommended Operating Conditions
Table 5: Recommended Operating Conditions
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCC Supply Voltage
2.5
3.6
V
Operating Temperature Range
-40
+85
⁰C


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn