Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KMC6D5CN20CA Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # KMC6D5CN20CA
Description  Common N-Ch Trench MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KMC6D5CN20CA Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  KMC6D5CN20CA Datasheet HTML 1Page - KEC(Korea Electronics) KMC6D5CN20CA Datasheet HTML 2Page - KEC(Korea Electronics) KMC6D5CN20CA Datasheet HTML 3Page - KEC(Korea Electronics) KMC6D5CN20CA Datasheet HTML 4Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2009. 6. 4
2/4
KMC6D5CN20CA
Revision No : 0
ELECTRICAL CHARACTERISTICS (Ta=25
)
Note2) Pulse test : Pulse width
300
, Duty Cycle
2%.
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Static
Drain to Source Breakdown Voltage
BVDSS
VGS=0V, ID=250 A
20
-
-
V
Drain Cut-off Current
IDSS
VDS=20V, VGS=0V
-
-
1
A
Gate to Source Leakage Current
IGSS
VGS= 12V, VDS=0V
-
-
10
A
Gate Threshold Voltage
Vth
VDS=VGS, ID=250 A
0.5
-
1.5
V
Drain to Source On Resistance
RDS(ON)
VGS=4.5V, ID=3.0A
(Note2)
-
21.5
24.0
m
VGS=4.0V, ID=3.0A
(Note2)
-
22.5
25.0
VGS=3.1V, ID=3.0A
(Note2)
-
24.5
27.0
VGS=2.5V, ID=3.0A
(Note2)
-
28.5
32.0
Gate Resistance
Rg
f=1MHz
-
2.5
-
k
Forward Transconductance
gfs
VDS=5V, ID=6.5A
(Note2)
-
28
-
S
Dynamic
Total Gate Charge
Qg
VDS=10V, ID=6.5A
VGS=4.0V
(Note2)
-
4.6
-
nC
Gate to Source Charge
Qgs
-
1.0
-
Gate to Drain Charge
Qgd
-
2.6
-
Turn-On Delay Time
td(on)
VDS=10V, VGS=4.0V
ID=4.0A, RG=6
(Note2)
-
1.0
-
s
Turn-On Rise Time
tr
-
1.8
-
Turn-Off Delay Time
td(off)
-
7.0
-
Turn-Off Fall Time
tf
-
6.0
-
Source to Drain Diode Ratings
Source to Drain Diode Forward Voltage
VSD
VGS=0V, IS=1.7A
(Note2)
-
0.8
1.2
V


Similar Part No. - KMC6D5CN20CA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KMC-21 ETC2-KMC-21 Datasheet
1Mb / 2P
   Compact VHF/UHF FM Portable Radios
KMC-45 ETC2-KMC-45 Datasheet
1Mb / 2P
   Compact VHF/UHF FM Portable Radios
KMC05 ETC2-KMC05 Datasheet
143Kb / 2P
   Magnetic Field Sensors Current Sensor
logo
United Chemi-Con, Inc.
KMC101E104M31N0T00 CHEMI-CON-KMC101E104M31N0T00 Datasheet
48Kb / 4P
   MULTILAYER CERAMIC CHIP CAPACITORS
KMC101E105M43N0T00 CHEMI-CON-KMC101E105M43N0T00 Datasheet
48Kb / 4P
   MULTILAYER CERAMIC CHIP CAPACITORS
More results

Similar Description - KMC6D5CN20CA

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KMC7D0CN20CA_0812 KEC-KMC7D0CN20CA_0812 Datasheet
66Kb / 5P
   Common N-Ch Trench MOSFET
KMC7D0CN20CA KEC-KMC7D0CN20CA Datasheet
598Kb / 5P
   Common N-Ch Trench MOSFET
KU2307K KEC-KU2307K Datasheet
80Kb / 4P
   N-Ch Trench MOSFET
KU2307Q KEC-KU2307Q Datasheet
59Kb / 4P
   N-Ch Trench MOSFET
KMB012N30QA KEC-KMB012N30QA_15 Datasheet
809Kb / 4P
   N-Ch Trench MOSFET
KMB7D0N40QA KEC-KMB7D0N40QA Datasheet
372Kb / 4P
   N-Ch Trench MOSFET
KMB3D5N40SA KEC-KMB3D5N40SA Datasheet
824Kb / 5P
   N-Ch Trench MOSFET
KMB054N45DA KEC-KMB054N45DA Datasheet
247Kb / 5P
   N-Ch Trench MOSFET
logo
KODENSHI_AUK CORP.
SNN4510D KODENSHI-SNN4510D Datasheet
416Kb / 8P
   N-Ch Trench MOSFET
logo
KEC(Korea Electronics)
KMB2D0N60SA KEC-KMB2D0N60SA Datasheet
471Kb / 5P
   N-Ch Trench MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com