Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KMB080N75PA Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # KMB080N75PA
Description  N CHANNEL MOS FIELD EFFECT TRANSISTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KMB080N75PA Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  KMB080N75PA Datasheet HTML 1Page - KEC(Korea Electronics) KMB080N75PA Datasheet HTML 2Page - KEC(Korea Electronics) KMB080N75PA Datasheet HTML 3Page - KEC(Korea Electronics) KMB080N75PA Datasheet HTML 4Page - KEC(Korea Electronics) KMB080N75PA Datasheet HTML 5Page - KEC(Korea Electronics) KMB080N75PA Datasheet HTML 6Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2007. 10. 31
2/6
KMB080N75PA
Revision No : 2
MOSFET Electrical Characteristics (Ta=25
Unless otherwise noted)
Note 1) Pulse Test : Pulse width
10 s, Duty Cycle
1%.
Note 2) Essentially Independent of Operating Temperature.
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Static
Drain-Source Breakdown Voltage
BVDSS
ID=250 A, VGS=0V
75
-
-
V
Drain Cut-off Current
IDSS
VDS=75V, VGS=0V,
-
-
10
A
Gate Leakage Current
IGSS
VGS=
20V, VDS=0V
-
-
100
nA
Gate Threshold Voltage
Vth
VDS=VGS, ID=250 A
2
-
4
V
Drain-Source ON Resistance
RDS(ON)
VGS=10V, ID=40A
-
10
12
Forward Transconductance
gFS
VDS=15V, ID=40A
-
20
-
Dynamic
Input Capacitance
Ciss
VDS=25V, VGS=0V, f=1.0MHz
-
3700
-
pF
Output Capacitance
Coss
-
730
-
Reverse Transfer Capacitance
Crss
-
240
-
Total Gate Charge
Qg
VDS= 60V,
VGS= 10V,
ID=40A
(Note1,2)
-
117
-
nC
Gate-Source Charge
Qgs
-
27
-
Gate-Drain Charge
Qgd
-
47
-
Turn-On Delay Time
td(on)
VDD= 30.5V
ID=40A
RG=25
(Note1,2)
-
25
-
Turn-On Rise Time
tr
-
25
-
ns
Turn-Off Delay Time
td(off)
-
66
-
Turn-Off Fall Time
tf
-
30
-
DIODE Electrical Characteristics (Ta=25
Unless otherwise noted)
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Diode Forward Voltage
VSD
ISD=80A, VGS=0V
-
-
1.5
V
Reverse Recovery Time
Trr
VGS=0V, IS=80A, dIF/dt=100A/ s
-
132
-
701
A
2
2
KMB
080N75P
PRODUCT NAME
LOT NO
1
1
Marking


Similar Part No. - KMB080N75PA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
KMB001 INTERSIL-KMB001 Datasheet
871Kb / 7P
   8-Bit to 16-Bit, 40MSPS to 500MSPS ADC Evaluation System
logo
KEC(Korea Electronics)
KMB010P30QA KEC-KMB010P30QA Datasheet
464Kb / 4P
   P-Ch Trench MOSFET
KMB010P30QA KEC-KMB010P30QA_15 Datasheet
741Kb / 4P
   P-Ch Trench MOSFET
KMB012N30Q KEC-KMB012N30Q Datasheet
382Kb / 1P
   FLP-8 PACKAGE
KMB012N30QA KEC-KMB012N30QA Datasheet
78Kb / 4P
   N-Ch Trench MOSFET
More results

Similar Description - KMB080N75PA

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KHB7D0N65P1 KEC-KHB7D0N65P1 Datasheet
450Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB6D0N40P KEC-KHB6D0N40P Datasheet
449Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB7D5N60P1 KEC-KHB7D5N60P1_07 Datasheet
501Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB4D0N65P KEC-KHB4D0N65P Datasheet
397Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB4D0N80P1 KEC-KHB4D0N80P1 Datasheet
504Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB4D5N60P KEC-KHB4D5N60P Datasheet
500Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB7D0N65P1 KEC-KHB7D0N65P1_07 Datasheet
501Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB2D0N60P KEC-KHB2D0N60P Datasheet
501Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KF4N80F KEC-KF4N80F_15 Datasheet
389Kb / 6P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KF7N60P KEC-KF7N60P_15 Datasheet
401Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KF10N65F KEC-KF10N65F_15 Datasheet
388Kb / 6P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com