Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1411 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # DS1411
Description  Provides Strong Pullup to 5V for Temperature iButton and EEPROM iButton
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1411 Datasheet(HTML) 1 Page - Maxim Integrated Products

  DS1411_11 Datasheet HTML 1Page - Maxim Integrated Products DS1411_11 Datasheet HTML 2Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1 of 2
FEATURES
 Small Size, True-Ground Interface to an
RS-232 COM Port for Reading and Writing
iButton
® Devices
 CE and FCC Compliant
 Works with Bipolar Logic Signals of ±5V to
± 12V (RS-232C) as well as Unipolar Signals
of 5V to 12V
 Supports Reading and Writing at Standard
and Overdrive Speeds
 Provides Strong Pullup to 5V for
Temperature iButton and EEPROM iButton
 Communicates at Data Rates of 9.6kbps
(default), 19.2kbps, 57.6kbps, and 115.2kbps
 Powered Entirely from an RS-232 Interface
 Standard DB9 Female Connector for Mating
to the COM Port of a Computer with
DS9098P iButton Retainer for a Single
iButton
 Includes DS2502 Identification Chip
(DS1411-009 Version Only)
SCHEMATIC (FOR ILLUSTRATION)
6
4
RTS
DTR
RXD
TXD
GND
RS-232
COM PORT
5V
REG
DS2480B
1
7
8
5
2
ID
CHIP
DS1411-009
ONLY
ORDERING INFORMATION
PART
TYPE
DS1411-009#
DB9 connector, with ID chip
DS1411-S09#
DB9 connector, no ID chip
#Denotes a RoHS-compliant device that may include lead(Pb) that is
exempt under the RoHS requirements.
DESCRIPTION
The DS1411 is a sophisticated RS-232-to-1-Wire
® adapter and iButton holder that performs RS-232-level
conversion and actively generates the 1-Wire communication signals. Together with an adequate software
driver, it enables a Windows
®-based PC to directly read all and write any non-EPROM iButton devices.
The DS1411 has a DS9098P retainer for a single F5 MicroCan. For a list of suitable 1-Wire network
cables, e.g., to connect multiple iButtons, refer to the Connectivity Matrix table in the DS1402x 1-Wire
network cables data sheet. 1-Wire communication is supported by the adapter for standard speed as well
as overdrive speed. The serial port must support a data transmission rate of 9600 bits/s. Under software
control, the adapter can be set up for RS-232 data rates of 19200bps, 57600bps, and 115200bps. The two
higher rates are recommended for communication at overdrive speed with overdrive capable devices.
Since the DS1411 operates in a byte mode, every data byte received from the RS-232 port generates eight
time slots on the 1-Wire bus. The DS1411 is based on the DS2480B serial 1-Wire line driver chip. The
RXD/TXD polarity select input of the DS2480B is connected to VDD (noninverting). Free software
drivers can be downloaded from www.maxim-ic.com/1-Wiredrivers.
iButton and 1-Wire are registered trademarks of Maxim Integrated Products, Inc.
Windows is a registered trademark of Microsoft Corp.
19-4862; Rev 6/11
DS1411
Serial Port iButton Holder


Similar Part No. - DS1411_11

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1411-009 MAXIM-DS1411-009 Datasheet
58Kb / 2P
   Serial Port iButton Holder
Rev 6/11
DS1411-009# MAXIM-DS1411-009# Datasheet
58Kb / 2P
   Serial Port iButton Holder
Rev 6/11
DS1411-S09# MAXIM-DS1411-S09# Datasheet
58Kb / 2P
   Serial Port iButton Holder
Rev 6/11
logo
Dallas Semiconductor
DS1411DB-9 DALLAS-DS1411DB-9 Datasheet
50Kb / 1P
   Serial Port iButton Holder
More results

Similar Description - DS1411_11

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS9097U MAXIM-DS9097U_11 Datasheet
65Kb / 3P
   Universal 1-Wire COM Port Adapter Provides Strong Pullup to 5V for Temperature
Rev 6/11
DS1973 MAXIM-DS1973 Datasheet
75Kb / 3P
   4Kb EEPROM iButton
Rev 8/09
DS1920 MAXIM-DS1920 Datasheet
531Kb / 22P
   Temperature iButton
Rev 8/09
logo
Dallas Semiconductor
DS1977 DALLAS-DS1977 Datasheet
102Kb / 16P
   32KB EEPROM iButton
DS1920 DALLAS-DS1920 Datasheet
729Kb / 22P
   Temperature iButton
DS1973 DALLAS-DS1973 Datasheet
47Kb / 2P
   4-kbit EEPROM iButton
logo
Maxim Integrated Produc...
DS1972 MAXIM-DS1972_10 Datasheet
281Kb / 23P
   1024-Bit EEPROM iButton
Rev 3; 4/10
DS1972 MAXIM-DS1972 Datasheet
273Kb / 23P
   1024-Bit EEPROM iButton
REV: 083006
logo
Dallas Semiconductor
DS1971 DALLAS-DS1971 Datasheet
234Kb / 3P
   256-Bit EEPROM iButton
logo
Maxim Integrated Produc...
DS1977 MAXIM-DS1977 Datasheet
419Kb / 29P
   Password-Protected 32KB EEPROM iButton
11/09
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com