Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KMB060N60PA Datasheet(PDF) 3 Page - KEC(Korea Electronics)

Part # KMB060N60PA
Description  N CHANNEL MOS FIELD EFFECT TRANSISTOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KMB060N60PA Datasheet(HTML) 3 Page - KEC(Korea Electronics)

  KMB060N60PA_08 Datasheet HTML 1Page - KEC(Korea Electronics) KMB060N60PA_08 Datasheet HTML 2Page - KEC(Korea Electronics) KMB060N60PA_08 Datasheet HTML 3Page - KEC(Korea Electronics) KMB060N60PA_08 Datasheet HTML 4Page - KEC(Korea Electronics) KMB060N60PA_08 Datasheet HTML 5Page - KEC(Korea Electronics) KMB060N60PA_08 Datasheet HTML 6Page - KEC(Korea Electronics) KMB060N60PA_08 Datasheet HTML 7Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
2008. 1. 4
3/7
KMB060N60PA/FA
Revision No : 4
Fig 1. ID - VDS
Drain - Source Voltage VDS (V)
02468
10
0
40
80
120
150
180
Fig 3. ID - VGS
Gate - Source Voltage VGS (V)
4.5V
4V
3.5V
3V
2.5V
V
GS=5V
Fig 2. RDS(ON) - ID
Drain Current ID (A)
0
1020304050
0
5
10
15
20
25
Common Source
Tc=25 C
Pulse Test
Common Source
Tc=25 C
Pulse Test
V
GS=10V
02468
10
0
40
80
120
160
200
V
GS=15V
Fig 4. RDS(ON) - Tj
0
50
-50
100
150
0.2
0.6
2.2
1.0
1.4
1.8
Junction Temperature Tj ( )
C
V
GS = 10V
I
DS
= 30A
Fig 5. Vth - Tj
0
50
-50
100
150
0.6
0.4
0.8
1
1.2
1.4
Junction Temperature Tj ( )
C
V
DS = VGS
I
D = 250µA
Fig 6. IDR - VDSF
0.2
0.4
0.8
0.6
1.2
1.0
1.4
Source - Drain Voltage VSD (V)
10
0
10
1
10
-1
V
GS = 0
250
µs Pulse Test
150 C
25 C


Similar Part No. - KMB060N60PA_08

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KMB060N60PA KEC-KMB060N60PA Datasheet
482Kb / 6P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
More results

Similar Description - KMB060N60PA_08

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KHB7D0N65P1 KEC-KHB7D0N65P1 Datasheet
450Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB6D0N40P KEC-KHB6D0N40P Datasheet
449Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB7D5N60P1 KEC-KHB7D5N60P1_07 Datasheet
501Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB4D0N65P KEC-KHB4D0N65P Datasheet
397Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB4D0N80P1 KEC-KHB4D0N80P1 Datasheet
504Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB4D5N60P KEC-KHB4D5N60P Datasheet
500Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB7D0N65P1 KEC-KHB7D0N65P1_07 Datasheet
501Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KHB2D0N60P KEC-KHB2D0N60P Datasheet
501Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KF4N80F KEC-KF4N80F_15 Datasheet
389Kb / 6P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KF7N60P KEC-KF7N60P_15 Datasheet
401Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
KF10N65F KEC-KF10N65F_15 Datasheet
388Kb / 6P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com