Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

71M6515H Datasheet(PDF) 50 Page - Teridian Semiconductor Corporation

Part # 71M6515H
Description  Up to 10ppmC precision ultra-stable voltage reference Digital temperature compensation
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TERIDIAN [Teridian Semiconductor Corporation]
Direct Link  http://www.teridian.com
Logo TERIDIAN - Teridian Semiconductor Corporation

71M6515H Datasheet(HTML) 50 Page - Teridian Semiconductor Corporation

Back Button 71M6515H Datasheet HTML 46Page - Teridian Semiconductor Corporation 71M6515H Datasheet HTML 47Page - Teridian Semiconductor Corporation 71M6515H Datasheet HTML 48Page - Teridian Semiconductor Corporation 71M6515H Datasheet HTML 49Page - Teridian Semiconductor Corporation 71M6515H Datasheet HTML 50Page - Teridian Semiconductor Corporation 71M6515H Datasheet HTML 51Page - Teridian Semiconductor Corporation 71M6515H Datasheet HTML 52Page - Teridian Semiconductor Corporation 71M6515H Datasheet HTML 53Page - Teridian Semiconductor Corporation 71M6515H Datasheet HTML 54Page - Teridian Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 60 page
background image
71M6515H
Energy Meter IC
DATA SHEET
JULY 2011
Page: 50 of 60
© 2005
−2011 Teridian Semiconductor Corporation
1.6
A Maxim Integrated Products Brand
Example: DIO pins D0 through D3 are to be configured as outputs, while D4 through D7 are to be inputs. DIO7
must generate a DEDGE interrupt when the input value changes, and D0 through D3 must apply the hexadecimal
pattern 0x05. This makes the selection for the D_CONFIG registers as follows:
DIO_INTCTRL = 0x80, D_DIR = 0x0F, DIO_VALUE = 0x05
The values are combined into the 32-bit pattern 0x800F0005.
Example: D0 through D5 are to be configured as outputs, while D6 and D7 are to be inputs. D6 and D7 must
generate a DEDGE interrupt when their input value changes. This makes the selection for the D_CONFIG registers
as follows:
DIO_INTCTRL = 0xC0, D_DIR = 0x3F
The values are combined into the 32-bit pattern 0xC03F0000.


Similar Part No. - 71M6515H

ManufacturerPart #DatasheetDescription
logo
Teridian Semiconductor ...
71M6515H TERIDIAN-71M6515H Datasheet
674Kb / 57P
   Energy Meter IC
71M6515H-IGT/F TERIDIAN-71M6515H-IGT/F Datasheet
674Kb / 57P
   Energy Meter IC
71M6515H-IGTR/F TERIDIAN-71M6515H-IGTR/F Datasheet
674Kb / 57P
   Energy Meter IC
More results

Similar Description - 71M6515H

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX78615-LMU MAXIM-MAX78615-LMU Datasheet
810Kb / 63P
   Digital Temperature Compensation
Rev 2; 1/15
logo
Analog Devices
REF-02 AD-REF-02 Datasheet
337Kb / 8P
   5V Precision Voltage Reference/Temperature Trangsducer
REV. B
logo
Intersil Corporation
ISL21090 INTERSIL-ISL21090_13 Datasheet
1Mb / 20P
   Ultra Low Noise, Precision Voltage Reference
ISL21090BFB812Z-TK INTERSIL-ISL21090BFB812Z-TK_13 Datasheet
1Mb / 20P
   Ultra Low Noise, Precision Voltage Reference
ISL21090 INTERSIL-ISL21090_12 Datasheet
1Mb / 17P
   Ultra Low Noise, Precision Voltage Reference
logo
Renesas Technology Corp
ISL21090 RENESAS-ISL21090 Datasheet
1Mb / 20P
   Ultra Low Noise, Precision Voltage Reference
logo
Intersil Corporation
ISL21090 INTERSIL-ISL21090_12 Datasheet
1Mb / 13P
   Ultra Low Noise, Precision Voltage Reference
logo
National Semiconductor ...
LM4030 NSC-LM4030 Datasheet
379Kb / 14P
   Ultra-High Precision Shunt Voltage Reference
logo
Intersil Corporation
ISL21090BFB812Z-TK INTERSIL-ISL21090BFB812Z-TK Datasheet
1Mb / 20P
   Ultra Low Noise, Precision Voltage Reference
February 27, 2013
logo
Linear Technology
LTZ1000 LINER-LTZ1000_15 Datasheet
166Kb / 8P
   Ultra Precision Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com