Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

71M6515H Datasheet(PDF) 20 Page - Teridian Semiconductor Corporation

Part # 71M6515H
Description  Up to 10ppmC precision ultra-stable voltage reference Digital temperature compensation
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TERIDIAN [Teridian Semiconductor Corporation]
Direct Link  http://www.teridian.com
Logo TERIDIAN - Teridian Semiconductor Corporation

71M6515H Datasheet(HTML) 20 Page - Teridian Semiconductor Corporation

Back Button 71M6515H_11 Datasheet HTML 16Page - Teridian Semiconductor Corporation 71M6515H_11 Datasheet HTML 17Page - Teridian Semiconductor Corporation 71M6515H_11 Datasheet HTML 18Page - Teridian Semiconductor Corporation 71M6515H_11 Datasheet HTML 19Page - Teridian Semiconductor Corporation 71M6515H_11 Datasheet HTML 20Page - Teridian Semiconductor Corporation 71M6515H_11 Datasheet HTML 21Page - Teridian Semiconductor Corporation 71M6515H_11 Datasheet HTML 22Page - Teridian Semiconductor Corporation 71M6515H_11 Datasheet HTML 23Page - Teridian Semiconductor Corporation 71M6515H_11 Datasheet HTML 24Page - Teridian Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 60 page
background image
71M6515H
Energy Meter IC
DATA SHEET
JULY 2011
Page: 20 of 60
© 2005
−2011 Teridian Semiconductor Corporation
1.6
A Maxim Integrated Products Brand
Internal Resources
Oscillator
The oscillator drives a standard 32.768kHz watch crystal. Crystals of this type are accurate and do not require a high current
oscillator circuit. The 71M6515H oscillator has been designed specifically to handle watch crystals and is compatible with their
high impedance and limited power handling capability. The oscillator power dissipation is very low to maximize the lifetime of
any battery backup device attached to VBAT. Using PLL techniques, all internal clocks, such as the 4.915MHz clock for the
ADC and the post-processor, are derived from the watch crystal frequency.
Real-Time Clock (RTC)
The RTC is driven directly by the crystal oscillator. In the absence of V3P3, it is powered by the battery-backed up supply. The
RTC consists of a counter chain and output registers. The counter chain consists of registers for seconds, minutes, hours, day
of week, day of month, month, and year. The nominal quadratic temperature coefficient of the crystal is automatically
compensated in the RTC. The RTC is capable of processing leap years.
I/O Peripherals
The 71M6515H includes several I/O peripheral functions that improve the functionality of the device and reduce the
component count for most meter applications. The I/O peripherals include a UART and digital I/O.
Digital I/O
The device includes eight pins of general purpose digital I/O (D0…D7). Each pin can be configured independently as an input
or output with the D_DIR bits. Inputs are standard CMOS with no pull-ups or pull-downs. Outputs are standard CMOS. The
DIO pins are controlled by the D_CONFIG register.
Immediately after reset or power-up, D0 through D7 are in tri-state mode. 140 ms after reset, D0 through D7 are con-
figured as outputs and driven low.
UART Host Interface
The UART is a dedicated 2-wire serial interface, which can communicate with the host processor. The operation of each pin is
as follows:
RX: Is the pin accepting the serial input data. It inputs data to internal registers. The bytes are input LSB first. The voltage
applied to this pin must be restricted to 0 to 3.6V.
TX: Is the pin used for serial output data. It outputs the contents of a block of internal registers. The bytes are output LSB
first.
BAUD_RATE: The baud rate can be selected with the BAUD_RATE pin (38.4bps when high, 19.2bps when low).
UARTCSZ: This pin enables the UART when low. The UART can be reset by taking UARTCSZ briefly to the high state and
then low again.
The 71M6515H has several on-chip registers, which can be read and written. All transfers start with a stream of 8-bit bytes
(LSB first) from the host on the RX input, followed by a (possibly null) stream of 8-bit bytes (LSB first) to the host on the TX
output (see Figure 9 and Figure 10). The UART is configured as 8N1 (8 bits, no parity, 1 stop bit).
If the READY bit in STMASK is enabled, the IRQZ pin can be used to signal data availability to the host. If data read cycles
exceeding 1 second are used, care should be taken to prevent data overflow.
UART Write Register Operation
The registers are written by sending a byte, consisting of a starting register address in the seven MSBs and ‘0’ in the LSB
indicating this is a write operation. It is followed by a one byte length of bytes to write. If more bytes arrive than fit in the
addressed register, subsequent registers will be written. The bytes are processed in “big-endian” order (i.e. most significant
byte first). See Figure 9 (read bits and bytes from left to right).


Similar Part No. - 71M6515H_11

ManufacturerPart #DatasheetDescription
logo
Teridian Semiconductor ...
71M6515H-IGT/F TERIDIAN-71M6515H-IGT/F Datasheet
674Kb / 57P
   Energy Meter IC
71M6515H-IGTR/F TERIDIAN-71M6515H-IGTR/F Datasheet
674Kb / 57P
   Energy Meter IC
More results

Similar Description - 71M6515H_11

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX78615-LMU MAXIM-MAX78615-LMU Datasheet
810Kb / 63P
   Digital Temperature Compensation
Rev 2; 1/15
logo
Analog Devices
REF-02 AD-REF-02 Datasheet
337Kb / 8P
   5V Precision Voltage Reference/Temperature Trangsducer
REV. B
logo
Intersil Corporation
ISL21090 INTERSIL-ISL21090_13 Datasheet
1Mb / 20P
   Ultra Low Noise, Precision Voltage Reference
ISL21090BFB812Z-TK INTERSIL-ISL21090BFB812Z-TK_13 Datasheet
1Mb / 20P
   Ultra Low Noise, Precision Voltage Reference
ISL21090 INTERSIL-ISL21090_12 Datasheet
1Mb / 17P
   Ultra Low Noise, Precision Voltage Reference
logo
Renesas Technology Corp
ISL21090 RENESAS-ISL21090 Datasheet
1Mb / 20P
   Ultra Low Noise, Precision Voltage Reference
logo
Intersil Corporation
ISL21090 INTERSIL-ISL21090_12 Datasheet
1Mb / 13P
   Ultra Low Noise, Precision Voltage Reference
logo
National Semiconductor ...
LM4030 NSC-LM4030 Datasheet
379Kb / 14P
   Ultra-High Precision Shunt Voltage Reference
logo
Intersil Corporation
ISL21090BFB812Z-TK INTERSIL-ISL21090BFB812Z-TK Datasheet
1Mb / 20P
   Ultra Low Noise, Precision Voltage Reference
February 27, 2013
logo
Linear Technology
LTZ1000 LINER-LTZ1000_15 Datasheet
166Kb / 8P
   Ultra Precision Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com