Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

71M6515H Datasheet(PDF) 38 Page - Teridian Semiconductor Corporation

Part # 71M6515H
Description  Up to 10ppmC precision ultra-stable voltage reference Digital temperature compensation
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TERIDIAN [Teridian Semiconductor Corporation]
Direct Link  http://www.teridian.com
Logo TERIDIAN - Teridian Semiconductor Corporation

71M6515H Datasheet(HTML) 38 Page - Teridian Semiconductor Corporation

Back Button 71M6515H_11 Datasheet HTML 34Page - Teridian Semiconductor Corporation 71M6515H_11 Datasheet HTML 35Page - Teridian Semiconductor Corporation 71M6515H_11 Datasheet HTML 36Page - Teridian Semiconductor Corporation 71M6515H_11 Datasheet HTML 37Page - Teridian Semiconductor Corporation 71M6515H_11 Datasheet HTML 38Page - Teridian Semiconductor Corporation 71M6515H_11 Datasheet HTML 39Page - Teridian Semiconductor Corporation 71M6515H_11 Datasheet HTML 40Page - Teridian Semiconductor Corporation 71M6515H_11 Datasheet HTML 41Page - Teridian Semiconductor Corporation 71M6515H_11 Datasheet HTML 42Page - Teridian Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 60 page
background image
71M6515H
Energy Meter IC
DATA SHEET
JULY 2011
Page: 38 of 60
© 2005
−2011 Teridian Semiconductor Corporation
1.6
A Maxim Integrated Products Brand
Bits 13-8: These six bits (SUM_CYCLES) define the length of the accumulation interval
τ per the formula:
6
.
2520
42
_
=
CYCLES
SUM
τ
Allowed values are 24 (400ms) through 60 (1000ms), unless the post-processor is disabled. Bit 8 is the LSB.
It is important to note that the length of the accumulation interval, as determined by SUM_CYCLES, is not an exact multiple
of 1000ms. For example, if SUM_CYCLES = 60, the resulting accumulation interval is:
ms
Hz
Hz
75
.
999
62
.
2520
2520
13
32768
42
60
=
=
=
τ
This means that accurate time measurements should be based on the RTC, not the accumulation interval.
Bit 14: This bit (CKOUT_DISB) disables the CKOUT pin when set. The CKOUT pin can be used for diagnostics. For EMC
compliance and power saving reasons, CKOUT_DISB should always be set.
Bit 15: This bit (ADC_DIS) disables the ADC when set, e.g. to save power. Of course, no metering or measuring can be
performed with the ADC disabled.
Bits 18-16: These three bits (TMUX) select the source for the TMUX diagnostic output pin. For EMC compliance and
power saving reasons, TMUX should be zero (default) if unused.
Bit 18
TMUX2
Bit 17
TMUX1
Bit 16
TMUX0
TMUX
Signal Selected for the TMUX Pin
0
0
0
0
GND
0
0
1
1
MUX_SYNC
0
1
0
2
RTM
0
1
1
3
RTC Output
1
0
0
4
CE_BUSY
1
0
1
5
XFER_BUSY
1
1
0
6
VX_OK (Comparator Output)
1
1
1
7
V3P3/2 =1.5V internal analog voltage


Similar Part No. - 71M6515H_11

ManufacturerPart #DatasheetDescription
logo
Teridian Semiconductor ...
71M6515H-IGT/F TERIDIAN-71M6515H-IGT/F Datasheet
674Kb / 57P
   Energy Meter IC
71M6515H-IGTR/F TERIDIAN-71M6515H-IGTR/F Datasheet
674Kb / 57P
   Energy Meter IC
More results

Similar Description - 71M6515H_11

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX78615-LMU MAXIM-MAX78615-LMU Datasheet
810Kb / 63P
   Digital Temperature Compensation
Rev 2; 1/15
logo
Analog Devices
REF-02 AD-REF-02 Datasheet
337Kb / 8P
   5V Precision Voltage Reference/Temperature Trangsducer
REV. B
logo
Intersil Corporation
ISL21090 INTERSIL-ISL21090_13 Datasheet
1Mb / 20P
   Ultra Low Noise, Precision Voltage Reference
ISL21090BFB812Z-TK INTERSIL-ISL21090BFB812Z-TK_13 Datasheet
1Mb / 20P
   Ultra Low Noise, Precision Voltage Reference
ISL21090 INTERSIL-ISL21090_12 Datasheet
1Mb / 17P
   Ultra Low Noise, Precision Voltage Reference
logo
Renesas Technology Corp
ISL21090 RENESAS-ISL21090 Datasheet
1Mb / 20P
   Ultra Low Noise, Precision Voltage Reference
logo
Intersil Corporation
ISL21090 INTERSIL-ISL21090_12 Datasheet
1Mb / 13P
   Ultra Low Noise, Precision Voltage Reference
logo
National Semiconductor ...
LM4030 NSC-LM4030 Datasheet
379Kb / 14P
   Ultra-High Precision Shunt Voltage Reference
logo
Intersil Corporation
ISL21090BFB812Z-TK INTERSIL-ISL21090BFB812Z-TK Datasheet
1Mb / 20P
   Ultra Low Noise, Precision Voltage Reference
February 27, 2013
logo
Linear Technology
LTZ1000 LINER-LTZ1000_15 Datasheet
166Kb / 8P
   Ultra Precision Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com