Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

71M6201 Datasheet(PDF) 12 Page - Maxim Integrated Products

Part No. 71M6201
Description  On-Chip Temperature Sensor Enables Localized Digital Temperature On-Chip Power Monitoring
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6201 Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button 71M6201 Datasheet HTML 8Page - Maxim Integrated Products 71M6201 Datasheet HTML 9Page - Maxim Integrated Products 71M6201 Datasheet HTML 10Page - Maxim Integrated Products 71M6201 Datasheet HTML 11Page - Maxim Integrated Products 71M6201 Datasheet HTML 12Page - Maxim Integrated Products 71M6201 Datasheet HTML 13Page - Maxim Integrated Products 71M6201 Datasheet HTML 14Page - Maxim Integrated Products 71M6201 Datasheet HTML 15Page - Maxim Integrated Products 71M6201 Datasheet HTML 16Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
PDS_6xxx_010
71M6xxx Data Sheet
v1.2
© 2008–2011 Teridian Semiconductor Corporation
12
4.4
Performance Specifications
Unless otherwise specified, all parameters listed in this section are valid over the Recommended
Operating Conditions provided in Table 5.
4.4.1
Supply Current
Table 6: Supply Current Performance Specifications
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCC Current, Normal Operation
VCC = 3.3V
0.77
1.05
mA
4.4.2
Power and Data Pulses
Table 7: Timing Specifications for Power and Data Pulses
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Pulse Frequency
Normal operation
1.638
MHz
71M654x (PLL_FAST = 0)
0.5249
4.4.3
VCC Voltage Monitor
Table 8: VCC Voltage Monitor Specifications
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
BNOM: Nominal Value, TA = +22°C
VCC = 3.2V
138
LSB
VCC Voltage (Note: This is a definition—
it is not a measured quantity.)
VCC = 3.195 + (BSENSE - 138) x 0.0246 + STEMP x
0.000104
V
BE: Measurement Error
VCC = 3.195 + (BSENSE - 138) x 0.0246
+ STEMP x 0.000104
VCC = 2.5V
-5
+5
%
VCC = 2.8V to 3.6V
-5
+5
4.4.4
Temperature Sensor
Table 9: Temperature Sensor Specifications
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
TNOM: Nominal Value, TA = +22°C
VCC = 3.2V
870
LSB
Temperature Equation for:
71M6601, 71M6603, 71M6103 and
71M6113
(Note: This is a definition—it is not a
measured quantity.)
TEMP = STEMP x 0.33 - STEMP
2 x 3E-5 + 22
ºC
Temperature Equation for:
71M6201 and 71M6203
(Note: This is a definition—it is not a
measured quantity.)
If STEMP < 0:
TEMP = STEMP x 0.33 - STEMP
2 x 3E-5 + 22
If STEMP
≥ 0:
TEMP = STEMP x (63 / TRIMBGA) + 22
⁰C
Temperature Error (Note 1)
Temperature =
-40
°C, -10°C,
+55
°C, +85°C
VCC =
2.8V to
3.6V
-5
+5
ºC
VCC =
2.5V to
2.79V
-6.5
+6.5
TETIME: Duration of Temperature
Measurement
VCC = 3.0V
15
30
ms
Note 1: Guaranteed by design; not production tested.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn