Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

2N4150S Datasheet(PDF) 1 Page - Semicoa Semiconductor

Part No. 2N4150S
Description  Type 2N4150S Geometry 9201 Polarity NPN
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SEMICOA [Semicoa Semiconductor]
Homepage  http://www.semicoa.com/
Logo SEMICOA - Semicoa Semiconductor

2N4150S Datasheet(HTML) 1 Page - Semicoa Semiconductor

  2N4150S Datasheet HTML 1Page - Semicoa Semiconductor 2N4150S Datasheet HTML 2Page - Semicoa Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Type 2N4150S
Geometry 9201
Polarity NPN
Qual Level: JAN - JANTXV
Data Sheet No. 2N4150S
Generic Part Number:
2N4150S
REF: MIL-PRF-19500/394
Features:
• Power switching transistor for high
speed switching applicatons.
• Housed in a TO-39 case.
• Also available in chip form using
the 9201 chip geometry.
• The Min and Max limits shown are
per MIL-PRF-19500/394 which
Semicoa meets in all cases.
Rating
Symbol
Rating
Unit
Collector-Emitter Voltage
VCEO
70
V
Collector-Base Voltage
VCBO
100
V
Emitter-Base Voltage
VEBO
10
V
Collector Current, Continuous
IC
10
A
Power Dissipation at 25
oC ambient
1.0
mW
Derate above 25
oC
5.7
mW/
oC
Power Dissipation at 25
oC ambient
5.0
W
Derate above 25
oC
50
mW/
oC
RJC
0.020
oC/mW
RJA
0.175
oC/mW
Operating Junction Temperature
TJ
-65 to +200
oC
Storage Temperature
TSTG
-65 to +200
oC
Thermal Impedance
Maximum Ratings
TC = 25
oC unless otherwise specified
PT
PT
TO-39


Html Pages

1  2 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
2C5154Chip Type 2C5154 Geometry 9201 Polarity NPN 1 Semicoa Semiconductor
2N4150Type 2N4150 Geometry 9201 Polarity NPN 1 2 Semicoa Semiconductor
2N5152Type 2N5152 Geometry 9201 Polarity NPN 1 2 Semicoa Semiconductor
2N5152LType 2N5152L Geometry 9201 Polarity NPN 1 2 Semicoa Semiconductor
2N5154Type 2N5154 Geometry 9201 Polarity NPN 1 2 Semicoa Semiconductor
2N5154LType 2N5154L Geometry 9201 Polarity NPN 1 2 Semicoa Semiconductor
2N2219AType 2N2219A Geometry 0400 Polarity NPN 1 2 Semicoa Semiconductor
2N3735Type 2N3735 Geometry TBD Polarity NPN 1 2 Semicoa Semiconductor
2N918Type 2N918 Geometry 0013 Polarity NPN 1 2 Semicoa Semiconductor
2N2219ALType 2N2219AL Geometry 0400 Polarity NPN 1 2 Semicoa Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn