Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC24F16KA102 Datasheet(PDF) 3 Page - Microchip Technology

Part # PIC24F16KA102
Description  Flash Programming Specifications
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24F16KA102 Datasheet(HTML) 3 Page - Microchip Technology

  PIC24F16KA102 Datasheet HTML 1Page - Microchip Technology PIC24F16KA102 Datasheet HTML 2Page - Microchip Technology PIC24F16KA102 Datasheet HTML 3Page - Microchip Technology PIC24F16KA102 Datasheet HTML 4Page - Microchip Technology PIC24F16KA102 Datasheet HTML 5Page - Microchip Technology PIC24F16KA102 Datasheet HTML 6Page - Microchip Technology PIC24F16KA102 Datasheet HTML 7Page - Microchip Technology PIC24F16KA102 Datasheet HTML 8Page - Microchip Technology PIC24F16KA102 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 48 page
background image
PIC24FXXKAXXX
© 2008 Microchip Technology Inc.
Advance Information
DS39919A-page 3
TABLE 2-1:
PIN DESCRIPTIONS (DURING PROGRAMMING)
2.4
Memory Map
The program memory map extends from 000000h to
FFFFFEh. Code storage is located at the base of the
memory map, and supports up to 5.5K instruction
words (about 16 Kbytes).
Table 2-3 provides the program memory size and
number of program memory rows present in each
device variant.
The PIC24FXXKA1XX family devices have an on-chip
data EEPROM. This data EEPROM is mapped to the
program memory area from location 7FFE00h to
7FFFFEh.
Table 2-4 provides the data EEPROM size and the
number of rows present in each device variant.
The erase operation can be done on one word, half of
a row or one row at a time. The program operation can
be done only one word at a time.
Locations, 800000h through 8007FEh, are reserved for
executive code memory. This region stores the
programming executive, the debugging executive and
the Diagnostic Words. The programming executive is
used for device programming, and the debug executive
is used for in-circuit debugging. This region of memory
cannot be used to store user code.
The device Configuration registers are implemented
from location F80000h to F80010h, and can be erased
or programmed one register at a time.
Table 2-2 provides the implemented Configuration
registers and their locations.
Locations, FF0000h and FF0002h, are reserved for the
Device ID registers. These bits can be used by the
programmer to identify the device type that is being
programmed. See Section 6.0 “Device ID” for more
information. The Device ID registers read out normally
even after code protection is applied.
Figure 2-3
depicts
the
memory
map
for
the
PIC24FXXKAXXX family variants.
TABLE 2-2:
CONFIGURATION REGISTER
LOCATIONS
TABLE 2-3:
CODE MEMORY SIZE
TABLE 2-4:
DATA EEPROM MEMORY SIZE
Pin Name
During Programming
Pin Name
Pin Type
Pin Description
MCLR/VPP
MCLR/VPP
P
Programming Enable
VDD
VDD
P
Power Supply
VSS
VSS
PGround
PGCx
PGC
I
Programming Pin Pair: Serial Clock
PGDx
PGD
I/O
Programming Pin Pair: Serial Data
Legend: I = Input, O = Output, P = Power
Configuration Register
Address
FBS
F80000
FGS
F80004
FOSCSEL
F80006
FOSC
F80008
FWDT
F8000A
FPOR
F8000C
FICD
F8000E
FDS
F80010
PIC24FXXKAXXX
Device User
Memory No. of
Address Limit
(Instruction Words)
No. of
Rows
PIC24F08KA101
15FE (2.75K)
88
PIC24F16KA101
2BFE (5.5K)
176
PIC24F08KA102
15FE (2.75K)
88
PIC24F16KA102
2BFE (5.5K)
176
PIC24F04KA200
AFE (1.375K)
44
PIC24F04KA201
AFE (1.375K)
44
Note:
An erase operation can be performed on
one, two or four rows at a time, and a
program operation can be performed on
one row at a time.
PIC24FXXKA1XX
Device
Data EEPROM
Size in Words
No. of Rows
PIC24F08KA101
256
32
PIC24F16KA101
256
32
PIC24F08KA102
256
32
PIC24F16KA102
256
32
Note:
An erase operation can be performed on
one, four or eight words at a time and a
program operation can be performed on
one word at a time.


Similar Part No. - PIC24F16KA102

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC24F16KA102 MICROCHIP-PIC24F16KA102 Datasheet
3Mb / 254P
   20/28-Pin General Purpose, 16-Bit Flash Microcontrollers with nanoWatt XLP??Technology
2009
PIC24F16KA102 MICROCHIP-PIC24F16KA102 Datasheet
2Mb / 278P
   20/28-Pin General Purpose, 16-Bit Flash Microcontrollers with nanoWatt XLP Technology
2008-2011
PIC24F16KA102 MICROCHIP-PIC24F16KA102 Datasheet
782Kb / 78P
   Debug Header Specification
2006-2012
PIC24F16KA102-I/ML MICROCHIP-PIC24F16KA102-I/ML Datasheet
3Mb / 254P
   20/28-Pin General Purpose, 16-Bit Flash Microcontrollers with nanoWatt XLP??Technology
2009
PIC24F16KA102-I/P MICROCHIP-PIC24F16KA102-I/P Datasheet
3Mb / 254P
   20/28-Pin General Purpose, 16-Bit Flash Microcontrollers with nanoWatt XLP??Technology
2009
More results

Similar Description - PIC24F16KA102

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC24F04KA200 MICROCHIP-PIC24F04KA200 Datasheet
207Kb / 26P
   Flash Programming Specifications
2010
logo
STMicroelectronics
PM0018 STMICROELECTRONICS-PM0018 Datasheet
158Kb / 10P
   ST7 Flash programming
AN1496 STMICROELECTRONICS-AN1496 Datasheet
240Kb / 17P
   Flash Programming / Reprogramming
logo
Microchip Technology
DSPIC33F MICROCHIP-DSPIC33F Datasheet
988Kb / 80P
   Flash Programming Specification
2007
logo
STMicroelectronics
AN4035 STMICROELECTRONICS-AN4035 Datasheet
582Kb / 42P
   Flash programming through
logo
Microchip Technology
PIC18LF2XK22 MICROCHIP-PIC18LF2XK22 Datasheet
545Kb / 42P
   Flash Memory Programming Specification
01/05/10 2010
PIC24FJ16GA004-EPT MICROCHIP-PIC24FJ16GA004-EPT Datasheet
681Kb / 52P
   PIC24FJXXXGA0XX Flash Programming Specification
01/02/08
logo
Renesas Technology Corp
RX100 RENESAS-RX100 Datasheet
1Mb / 71P
   Flash memory programming software
logo
Microchip Technology
PIC32MX795F512L-80IPT MICROCHIP-PIC32MX795F512L-80IPT Datasheet
1Mb / 68P
   PIC32 Flash Programming Specification
2007-2013
PIC18FXXK80 MICROCHIP-PIC18FXXK80 Datasheet
376Kb / 52P
   Flash Microcontroller Programming Specification
08/04/10 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com