Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY58025UMGTR Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # SY58025UMGTR
Description  ULTRA PRECISION DUAL 2:1 CML MUX WITH INTERNAL I/O TERMINATION
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY58025UMGTR Datasheet(HTML) 3 Page - Micrel Semiconductor

  SY58025UMGTR Datasheet HTML 1Page - Micrel Semiconductor SY58025UMGTR Datasheet HTML 2Page - Micrel Semiconductor SY58025UMGTR Datasheet HTML 3Page - Micrel Semiconductor SY58025UMGTR Datasheet HTML 4Page - Micrel Semiconductor SY58025UMGTR Datasheet HTML 5Page - Micrel Semiconductor SY58025UMGTR Datasheet HTML 6Page - Micrel Semiconductor SY58025UMGTR Datasheet HTML 7Page - Micrel Semiconductor SY58025UMGTR Datasheet HTML 8Page - Micrel Semiconductor SY58025UMGTR Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
Precision Edge®
SY58025U
Micrel, Inc.
M9999-082707
hbwhelp@micrel.com or (408) 955-1690
Absolute Maximum Ratings(1)
Power Supply Voltage (V
CC ) ...................... –0.5V to +4.0V
Input Voltage (V
IN) .......................................... –0.5V to VCC
CML Output Voltage (V
OUT) ........... VCC–1.0V to VCC+0.5V
Termination Current(3)
Source or sink current on VT pin.........................±100mA
Input Current
Source or sink current on IN, /IN pin .................... ±50mA
Current (V
REF-AC)
Source or sink current on V
REF-AC
(3) ...................±1.5mA
Lead Temperature (soldering, 20 sec.) ..................... 260°C
Storage Temperature Range (T
S ) ........... –65°C to +150°C
Operating Ratings(2)
Power Supply Voltage (V
CC) ............... +2.375V to +2.625V
............................................................. +3.0V to +3.6V
Ambient Temperature Range (T
A) .............. –40°C to +85°C
Package Thermal Resistance(4)
MLF® (
θ
JA)
Still-Air ............................................................. 35°C/W
MLF® (
ψ
JB)
Junction-to-board ............................................ 20°C/W
Symbol
Parameter
Condition
Min
Typ
Max
Units
VCC
Power Supply
VCC = 2.5V
2.375
2.5
2.625
V
VCC = 3.3V
3.0
3.3
3.6
V
ICC
Power Supply Current
No load, max. VCC.
(6)
115
140
mA
RDIFF_IN
Differential Input Resistance
80
100
120
ý
(IN-to-/IN)
RIN
Input Resistance
40
50
60
ý
(IN-to-VT, /IN-to-VT)
VIH
Input High Voltage (IN, /IN)
Note 7
VCC –1.6
VCC
V
VIL
Input Low Voltage (IN, /IN)
0
VIH –0.1
V
VIN
Input Voltage Swing (IN, /IN)
See Figure 1a.
0.1
1.7
V
VDIFF_IN
Differential Input Voltage Swing
See Figure 1b.
0.2
V
|IN - /IN|
VT IN
In to VT (IN, /IN)
1.28
V
VREF-AC
Output Reference Voltage
VCC–1.3 VCC–1.2 VCC–1.1
V
Notes:
1. Permanent device damage may occur if the ratings in “Absolute Maximum Ratings” section are exceeded. This is a stress rating only and functional
operation is not implied at conditions other than those detailed in the operational sections of this data sheet. Exposure to absolute maximum ratings
conditions for extended periods may affect device reliability.
2. The data sheet limits are not guaranteed if the device is operated beyond the operating ratings.
3. Due to the limited drive capability, use for input of the same package only.
4. Package thermal resistance assumes exposed pad is soldered (or equivalent) to the device’s most negative potential (GND) on the PCB.
Ψ
JB uses 4-
layer
θ
JA in still air unless otherwise stated.
5. The circuit is designed to meet the DC specifications shown in the above table after thermal equilibrium has been established.
6. Includes current through internal 50ý pull-ups. See Figure 1b.
7. VIH (min) not lower than 1.2V.
DC ELECTRICAL CHARACTERISTICS(5)
T
A = –40°C to +85°C; unless otherwise stated.


Similar Part No. - SY58025UMGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58025UMGTR MICREL-SY58025UMGTR Datasheet
225Kb / 11P
   ULTRA PRECISION DUAL 2:1 CML MUX WITH INTERNAL I/O TERMINATION
More results

Similar Description - SY58025UMGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58025U MICREL-SY58025U_07 Datasheet
225Kb / 11P
   ULTRA PRECISION DUAL 2:1 CML MUX WITH INTERNAL I/O TERMINATION
SY58017U MICREL-SY58017U_07 Datasheet
285Kb / 11P
   ULTRA-PRECISION DIFFERENTIAL CML 2:1 MUX with INTERNAL I/O TERMINATION
SY58017U_0708 MICREL-SY58017U_0708 Datasheet
116Kb / 11P
   ULTRA-PRECISION DIFFERENTIAL CML 2:1 MUX with INTERNAL I/O TERMINATION
SY58028U MICREL-SY58028U Datasheet
201Kb / 11P
   ULTRA PRECISION DIFFERENTIAL CML 4:1 MUX WITH 1:2 FANOUT AND INTERNAL I/O TERMINATION
SY58031U MICREL-SY58031U_10 Datasheet
679Kb / 9P
   ULTRA-PRECISION 1:8 CML fanout buffer WITH INTERNAL I/O TERMINATION
SY58040U MICREL-SY58040U_11 Datasheet
464Kb / 12P
   ULTRA PRECISION 4횞4 CML SWITCH WITH INTERNAL I/O TERMINATION
SY58031U MICREL-SY58031U_11 Datasheet
562Kb / 9P
   ULTRA-PRECISION 1:8 CML fanout buffer WITH INTERNAL I/O TERMINATION
SY58031U MICREL-SY58031U Datasheet
610Kb / 8P
   ULTRA-PRECISION 1:8 CML FANOUT BUFFER WITH INTERNAL I/O TERMINATION
SY58026U_0708 MICREL-SY58026U_0708 Datasheet
173Kb / 11P
   ULTRA PRECISION DUAL 2:1 LVPECL MUX WITH INTERNAL TERMINATION
SY58026U MICREL-SY58026U Datasheet
645Kb / 11P
   ULTRA PRECISION DUAL 2:1 LVPECL MUX WITH INTERNAL TERMINATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com