Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY58025U Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # SY58025U
Description  ULTRA PRECISION DUAL 2:1 CML MUX WITH INTERNAL I/O TERMINATION
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY58025U Datasheet(HTML) 5 Page - Micrel Semiconductor

  SY58025U Datasheet HTML 1Page - Micrel Semiconductor SY58025U Datasheet HTML 2Page - Micrel Semiconductor SY58025U Datasheet HTML 3Page - Micrel Semiconductor SY58025U Datasheet HTML 4Page - Micrel Semiconductor SY58025U Datasheet HTML 5Page - Micrel Semiconductor SY58025U Datasheet HTML 6Page - Micrel Semiconductor SY58025U Datasheet HTML 7Page - Micrel Semiconductor SY58025U Datasheet HTML 8Page - Micrel Semiconductor SY58025U Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
Precision Edge®
SY58025U
Micrel, Inc.
M9999-082707
hbwhelp@micrel.com or (408) 955-1690
VCC = 2.5V ±5% or 3.3V ±10%; TA= –40°C to +85°C; RL = 100ý across each output pair, or equivalent, unless otherwise stated.
Symbol
Parameter
Condition
Min
Typ
Max
Units
fMAX
Maximum Operating Frequency
NRZ Data
10.7
Gbps
VOUT ž 200mV
Clock
6
GHz
tpd
Propagation Delay
IN-to-Q
140
290
ps
SEL-to-Q
100
400
ps
tSKEW
Input-to-Input Skew (Within-Bank)
Note 9
315
ps
Bank-to-Bank Skew
Note 10
520
ps
Part-to-Part Skew
Note 11
100
ps
tJITTER
Data
Random Jitter (RJ)
Note 12
1psRMS
Deterministic Jitter (DJ)
Note 13
10
psPP
Clock
Cycle-to-Cycle Jitter
Note 14
1psRMS
Total Jitter (TJ)
Note 15
10
psPP
Crosstalk-Induced Jitter
Channel-to-Channel
Note 16, Within-bank.
0.7
psRMS
tr, tf
Output Rise/Fall Time 20% to 80%
At full swing.
20
50
70
ps
Notes:
8. High-speed AC parameters are guaranteed by design and characterization. VIN swing ž 100mV unless otherwise noted.
9. Input-to-input skew is the difference in time between two inputs to the output within a bank.
10. Bank-to-bank skew is the difference in time from input to the output between bank.
11. Part-to-part skew is defined for two parts with identical power supply voltages at the same temperature and with no skew of the edges at the
respective inputs.
12. Random jitter is measured with a K28.7 comma detect character pattern, measured at 10.7Gbps and 2.5Gbps/3.2Gbps.
13. Deterministic jitter is measured at 2.5Gbps/3.2Gbps, with both K28.5 and 223–1 PRBS pattern
14. Cycle-to-cycle jitter definition: the variation of periods between adjacent cycles, Tn–Tn–1 where T is the time between rising edges of the output
signal.
15. Total jitter definition: with an ideal clock input of frequency - fMAX, no more than one output edge in 10
12 output edges will deviate by more than the
specified peak-to-peak jitter value.
16. Crosstalk is measured at the output while applying two similar frequencies that are asynchronous with respect to each other at the inputs.
AC ELECTRICAL CHARACTERISTICS(8)
TRUTH TABLES
INA0
/INA0
INA1
/INA1
SELA
QA
/QA
01
X
X
0
0
1
10
X
X
0
1
0
XX
0
1
1
0
1
XX
1
0
1
1
0
INB0
/INB0
INB1
/INB1
SELB
QB
/QB
01
X
X
0
0
1
10
X
X
0
1
0
XX
0
1
1
0
1
XX
1
0
1
1
0


Similar Part No. - SY58025U

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58025U MICREL-SY58025U Datasheet
324Kb / 12P
   ULTRA-PRECISION DIFFERENTIAL 400mV LVPECL 2:1 MUX with INTERNAL TERMINATION
SY58025U MICREL-SY58025U Datasheet
225Kb / 11P
   ULTRA PRECISION DUAL 2:1 CML MUX WITH INTERNAL I/O TERMINATION
SY58025UMG MICREL-SY58025UMG Datasheet
225Kb / 11P
   ULTRA PRECISION DUAL 2:1 CML MUX WITH INTERNAL I/O TERMINATION
SY58025UMGTR MICREL-SY58025UMGTR Datasheet
225Kb / 11P
   ULTRA PRECISION DUAL 2:1 CML MUX WITH INTERNAL I/O TERMINATION
SY58025UMI MICREL-SY58025UMI Datasheet
225Kb / 11P
   ULTRA PRECISION DUAL 2:1 CML MUX WITH INTERNAL I/O TERMINATION
More results

Similar Description - SY58025U

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58025U MICREL-SY58025U_07 Datasheet
225Kb / 11P
   ULTRA PRECISION DUAL 2:1 CML MUX WITH INTERNAL I/O TERMINATION
SY58017U MICREL-SY58017U_07 Datasheet
285Kb / 11P
   ULTRA-PRECISION DIFFERENTIAL CML 2:1 MUX with INTERNAL I/O TERMINATION
SY58017U_0708 MICREL-SY58017U_0708 Datasheet
116Kb / 11P
   ULTRA-PRECISION DIFFERENTIAL CML 2:1 MUX with INTERNAL I/O TERMINATION
SY58028U MICREL-SY58028U Datasheet
201Kb / 11P
   ULTRA PRECISION DIFFERENTIAL CML 4:1 MUX WITH 1:2 FANOUT AND INTERNAL I/O TERMINATION
SY58031U MICREL-SY58031U_10 Datasheet
679Kb / 9P
   ULTRA-PRECISION 1:8 CML fanout buffer WITH INTERNAL I/O TERMINATION
SY58040U MICREL-SY58040U_11 Datasheet
464Kb / 12P
   ULTRA PRECISION 4횞4 CML SWITCH WITH INTERNAL I/O TERMINATION
SY58031U MICREL-SY58031U_11 Datasheet
562Kb / 9P
   ULTRA-PRECISION 1:8 CML fanout buffer WITH INTERNAL I/O TERMINATION
SY58031U MICREL-SY58031U Datasheet
610Kb / 8P
   ULTRA-PRECISION 1:8 CML FANOUT BUFFER WITH INTERNAL I/O TERMINATION
SY58026U_0708 MICREL-SY58026U_0708 Datasheet
173Kb / 11P
   ULTRA PRECISION DUAL 2:1 LVPECL MUX WITH INTERNAL TERMINATION
SY58026U MICREL-SY58026U Datasheet
645Kb / 11P
   ULTRA PRECISION DUAL 2:1 LVPECL MUX WITH INTERNAL TERMINATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com