Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

V100MA4A Datasheet(PDF) 1 Page - Littelfuse

Part No. V100MA4A
Description  Axial Lead / Application Specific Varistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V100MA4A Datasheet(HTML) 1 Page - Littelfuse

  V100MA4A Datasheet HTML 1Page - Littelfuse V100MA4A Datasheet HTML 2Page - Littelfuse V100MA4A Datasheet HTML 3Page - Littelfuse V100MA4A Datasheet HTML 4Page - Littelfuse V100MA4A Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
183
Varistor Products
Revision: January 9, 2009
©2008 Littelfuse, Inc.
MA Varistor Series
Axial Lead / Application Specific Varistors > MA Series
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/series/ma.html for current information.
Description
The MA Series of transient surge suppressors are axial
lead Metal Oxide Varistors (MOVs) for use in a wide
variety of board level industrial and commercial electronic
equipment. They are intended to protect components and
signal/data lines from low energy transients where the
small axial lead package is required.
The MA Series is offered with standard ('S' suffix) or
tightened ('B' suffix) clamping voltage.
See MA Series Device Ratings and Specifications Table for
part number and brand information.
Features
disc size
package
range:
V
M(AC)RMS 9V to 264V
V
M(DC)
13V to 365V
reel or bulk packaging
85ºC ambient
improved performance
for high temperature
Lead-free wave
soldering process.
Absolute Maximum Ratings
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation
of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
Continuous
MA Series
Units
Steady State Applied Voltage:
AC Voltage Range (V
M(AC)RMS)
9 to 264
V
DC Voltage Range (V
M(DC))
13 to 365
V
Transient:
Peak Pulse Current (I
TM)
For 8/20μs Current Wave(See Figure 2)
40 to 100
A
Single-Pulse Energy Range
For 2ms Current Square Wave (W
TM)
0.06 to 1.7
J
Operating Ambient Temperature Range (T
A)
-55 to +85
°C
Storage Temperature Range (T
STG)
-55 to +125
°C
Temperature Coefficient (
αV) of Clamping Voltage (V
C) at Specified Test Current
<0.01
%/°C
Hi-Pot Encapsulation (COATING Isolation Voltage Capability)
Dielectric must withstand indicated DC voltage for one minute per MIL-STD 202, Method 301)
1000
V
COATING Insulation Resistance
1000
MA Varistor Series
RoHS
Agency Approvals
Agency
Agency File Number
None


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn