Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

V100MA4A Datasheet(PDF) 4 Page - Littelfuse

Part No. V100MA4A
Description  Axial Lead / Application Specific Varistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V100MA4A Datasheet(HTML) 4 Page - Littelfuse

  V100MA4A Datasheet HTML 1Page - Littelfuse V100MA4A Datasheet HTML 2Page - Littelfuse V100MA4A Datasheet HTML 3Page - Littelfuse V100MA4A Datasheet HTML 4Page - Littelfuse V100MA4A Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
186
Varistor Products
©2008 Littelfuse, Inc.
Revision: January 9, 2009
MA Varistor Series
Axial Lead / Application Specific Varistors > MA Series
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/series/ma.html for current information.
4,000
3,000
2,000
1,000
900
800
700
600
500
400
300
200
100
10-3
10-2
10-1
100
101
102
103
PEAK AMPERES (A)
V430MA7B
V390MA6B
V330MA5B
V270MA4B
V220MA4B
V180MA3B
V150MA2B
V120MA2B
MAXIMUM CLAMPING VOLTAGE
DISC SIZE 3mm
120 TO 430VN(DC) RATING
TA = -55
oC TO 85oC
V120MA2B - V430MA7B
600
500
400
300
200
100
90
80
70
60
50
40
30
20
10-3
PEAK AMPERES (A)
10-2
10-1
100
101
102
103
V33MA1B
V27MA1B
V22MA1B
V100MA4B
V82MA3B
V68MA3B
V18MA1B
MAX CLAMPING VOLTAGE
DISC SIZE 3mm
18 TO 100VN(DC) RATING
TA = -55
oC TO 85oC
V47MA2B
V56MA2B
V39MA2B
V18MA1B - V100MA4B
Maximum Clamping Voltage
10-2
10-1
100
101
102
PEAK AMPERES (A)
MAX CLAMPING VOLTAGE
DISC SIZE 3mm
120 TO 430VN(DC) RATING
TA = -55
oC TO 85oC
4,000
2,000
1,500
1,000
800
600
400
200
100
V430MA3A
V390MA3A
V330MA2A
V270MA2A
V220MA2A
V180MA1A
V150MA1A
V120MA1A/S
V120MA1A/S - V430MA3A
800
600
400
300
200
150
100
80
60
40
30
20
10-2
10-1
100
101
102
V100MA4A/S
V82MA3A/S
V68MA3A/S
V56MA2A/S
V39MA2A/S
V33MA1A/S
V27MA1A/S
V22MA1A/S
V18MA1A/S
PEAK AMPERES (A)
MAX CLAMPING VOLTAGE
DISC SIZE 3mm
18 TO 100VN(DC) RATING
TA = -55
oC TO 85oC
V47MA2A/S
V18MA1A/S - V100MA4A/S
Figure 5
Figure 6
Figure 7
Figure 8


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn