Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC6990IS6TRPBF Datasheet(PDF) 9 Page - Linear Technology

Part # LTC6990IS6TRPBF
Description  TimerBlox: Voltage Controlled Silicon Oscillator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6990IS6TRPBF Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC6990IS6TRPBF Datasheet HTML 5Page - Linear Technology LTC6990IS6TRPBF Datasheet HTML 6Page - Linear Technology LTC6990IS6TRPBF Datasheet HTML 7Page - Linear Technology LTC6990IS6TRPBF Datasheet HTML 8Page - Linear Technology LTC6990IS6TRPBF Datasheet HTML 9Page - Linear Technology LTC6990IS6TRPBF Datasheet HTML 10Page - Linear Technology LTC6990IS6TRPBF Datasheet HTML 11Page - Linear Technology LTC6990IS6TRPBF Datasheet HTML 12Page - Linear Technology LTC6990IS6TRPBF Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
LTC6990
9
6990f
BLOCK DIAGRAM
6990 BD
PROGRAMMABLE DIVIDER
÷1, 2, 4, 8, 16, 32, 64, 128
MASTER OSCILLATOR
Hi-Z WHEN
DISABLED
Hi-Z OUTPUT
UNTIL SETTLED
POR
DIGITAL
FILTER
4-BIT A/D
CONVERTER
Hi-Z BIT
R1
R2
DIV
V+
OE
OUT
5
4
1
6
HALT OSCILLATOR
IF ISET < 500nA
MCLK
+
ISET
VSET = 1V
+
1V
3
2
2
GND
SET
RSET
tOUT
tMASTER
1μs
50k
VSET
ISET
(S6 Package Pin Numbers Shown)


Similar Part No. - LTC6990IS6TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6990IS6-PBF LINER-LTC6990IS6-PBF Datasheet
317Kb / 28P
   TimerBlox: Voltage Controlled Silicon Oscillator
LTC6990IS6-TRPBF LINER-LTC6990IS6-TRPBF Datasheet
317Kb / 28P
   TimerBlox: Voltage Controlled Silicon Oscillator
More results

Similar Description - LTC6990IS6TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6990 LINER-LTC6990 Datasheet
317Kb / 28P
   TimerBlox: Voltage Controlled Silicon Oscillator
LTC6990 LINER-LTC6990_15 Datasheet
406Kb / 30P
   Voltage Controlled Silicon Oscillator
LTC6992-1 LINER-LTC6992-1 Datasheet
328Kb / 32P
   TimerBlox Voltage-Controlled Pulse Width Modulator (PWM)
LTC6991 LINER-LTC6991 Datasheet
333Kb / 24P
   TimerBlox: Resettable, Low Frequency Oscillator
logo
Z-Communications, Inc
V950ME17-LF ZCOMM-V950ME17-LF Datasheet
85Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
ZRO0743B2LF ZCOMM-ZRO0743B2LF Datasheet
85Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
V800ME10 ZCOMM-V800ME10_10 Datasheet
82Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
logo
SYNERGY MICROWAVE CORPO...
DCYS300600-5 SYNERGY-DCYS300600-5 Datasheet
357Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR VOLTAGE CONTROLLED OSCILLATOR
logo
Linear Technology
LTC6995-1 LINER-LTC6995-1 Datasheet
367Kb / 28P
   TimerBlox: Long Timer, Low Frequency Oscillator
LTC6995-1 LINER-LTC6995-1_15 Datasheet
321Kb / 28P
   TimerBlox Long Timer, Low Frequency Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com