Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC6990IS6PBF Datasheet(PDF) 6 Page - Linear Technology

Part # LTC6990IS6PBF
Description  TimerBlox: Voltage Controlled Silicon Oscillator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6990IS6PBF Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC6990IS6PBF Datasheet HTML 2Page - Linear Technology LTC6990IS6PBF Datasheet HTML 3Page - Linear Technology LTC6990IS6PBF Datasheet HTML 4Page - Linear Technology LTC6990IS6PBF Datasheet HTML 5Page - Linear Technology LTC6990IS6PBF Datasheet HTML 6Page - Linear Technology LTC6990IS6PBF Datasheet HTML 7Page - Linear Technology LTC6990IS6PBF Datasheet HTML 8Page - Linear Technology LTC6990IS6PBF Datasheet HTML 9Page - Linear Technology LTC6990IS6PBF Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
LTC6990
6
6990f
TYPICAL PERFORMANCE CHARACTERISTICS
Peak-to-Peak Jitter vs Frequency
OE Threshold Voltage
vs Supply Voltage
Supply Current vs Frequency, 5V
Supply Current vs Frequency, 2.5V
Supply Current vs OE Pin Voltage
V+ = 3V, unless otherwise noted.
Output Resistance
vs Supply Voltage
FREQUENCY (kHz)
6990 G10
400
300
350
200
250
150
100
50
0
0.1
1
1000
10000
100
10
V+ = 5V
TA = 25°C
÷128
÷1
÷2
RECOMMENDED RANGE
EXTENDED RANGE
FREQUENCY (kHz)
6990 G11
400
300
350
200
250
150
100
50
0
0.1
1
1000
10000
100
10
V+ = 2.5V
TA = 25°C
RECOMMENDED RANGE
EXTENDED RANGE
÷128
÷1
÷2
VOE/V
+ (%)
6990 G12
200
100
125
75
150
175
50
060
40
20
80
100
5V, OE RISING
TA = 25°C
RSET = 800k
DIVCODE = 7
5V, OE FALLING
3.3V,
OE RISING
3.3V, OE FALLING
SUPPLY VOLTAGE (V)
6990 G14
3.5
1.0
2.0
3.0
0.5
1.5
2.5
0
24
35
6
TA = 25°C
POSITIVE-GOING
NEGATIVE-GOING
SUPPLY VOLTAGE (V)
6990 G16
50
25
20
35
45
5
10
15
30
40
0
24
35
6
TA = 25°C
OUTPUT SOURCING CURRENT
OUTPUT SINKING CURRENT
FREQUENCY (kHz)
6990 G13
0.50
0.25
0.30
0.40
0.20
0.10
0.05
0.15
0.35
0.45
0
0.1
10
100
1
1000
TA = 25°C
V+ = 5V
PEAK-TO-PEAK PERIOD
DEVIATION MEASURED
OVER 30sec INTERVALS
÷1
÷2
÷4
÷128


Similar Part No. - LTC6990IS6PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6990IS6-PBF LINER-LTC6990IS6-PBF Datasheet
317Kb / 28P
   TimerBlox: Voltage Controlled Silicon Oscillator
LTC6990IS6-TRPBF LINER-LTC6990IS6-TRPBF Datasheet
317Kb / 28P
   TimerBlox: Voltage Controlled Silicon Oscillator
More results

Similar Description - LTC6990IS6PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6990 LINER-LTC6990 Datasheet
317Kb / 28P
   TimerBlox: Voltage Controlled Silicon Oscillator
LTC6990 LINER-LTC6990_15 Datasheet
406Kb / 30P
   Voltage Controlled Silicon Oscillator
LTC6992-1 LINER-LTC6992-1 Datasheet
328Kb / 32P
   TimerBlox Voltage-Controlled Pulse Width Modulator (PWM)
LTC6991 LINER-LTC6991 Datasheet
333Kb / 24P
   TimerBlox: Resettable, Low Frequency Oscillator
logo
Z-Communications, Inc
V950ME17-LF ZCOMM-V950ME17-LF Datasheet
85Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
ZRO0743B2LF ZCOMM-ZRO0743B2LF Datasheet
85Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
V800ME10 ZCOMM-V800ME10_10 Datasheet
82Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
logo
SYNERGY MICROWAVE CORPO...
DCYS300600-5 SYNERGY-DCYS300600-5 Datasheet
357Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR VOLTAGE CONTROLLED OSCILLATOR
logo
Linear Technology
LTC6995-1 LINER-LTC6995-1 Datasheet
367Kb / 28P
   TimerBlox: Long Timer, Low Frequency Oscillator
LTC6995-1 LINER-LTC6995-1_15 Datasheet
321Kb / 28P
   TimerBlox Long Timer, Low Frequency Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com