Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

V07E130P Datasheet(PDF) 11 Page - Littelfuse

Part No. V07E130P
Description  Radial Lead Varistors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V07E130P Datasheet(HTML) 11 Page - Littelfuse

Back Button V07E130P_10 Datasheet HTML 3Page - Littelfuse V07E130P_10 Datasheet HTML 4Page - Littelfuse V07E130P_10 Datasheet HTML 5Page - Littelfuse V07E130P_10 Datasheet HTML 6Page - Littelfuse V07E130P_10 Datasheet HTML 7Page - Littelfuse V07E130P_10 Datasheet HTML 8Page - Littelfuse V07E130P_10 Datasheet HTML 9Page - Littelfuse V07E130P_10 Datasheet HTML 10Page - Littelfuse V07E130P_10 Datasheet HTML 11Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
Varistor Products
©2010 Littelfuse, Inc.
Revision: August 4, 2010
UltraMOV™ Varistor Series
Radial Lead Varistors > UltraMOVTM Series
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/series/tmov.html for current information.
Tape & Reel Quantity
Varistor
Voltage
Shipping Quantity Per Reel
7mm
10mm
14mm
20mm
130 – 275
1000
500
500
500
300 – 625
1000
500
400
400
Part Numbering System
NONSTANDARD LEAD SPACING OPTIONS:
Blank:
OTHER NONSTANDARD OPTIONS
X2855: Nickel barrier coated wire option
(see notes below)
Standard lead spacing (see Dimensions Table)
5: 5mm Lead Spacing
7: 7.5mm Lead Spacing
1: 10mm Lead Spacing
PACKAGING:
B: Bulk Pack
T: Tape and Reel
A: Ammo Pack
LEAD FORMATION:
L1: Straight
L2: Crimped
L3: In-Line
L4: Trim/Crimp (Bulk pack only)
ENCAPSULATION:
E = Epoxy
P = Phenolic (Halogen Free)
VM(AC)RMS:
130 to 625 (V)
DISC DIAMETER:
07, 10, 14, or 20 (mm)
For “VARISTOR”
V XX E XXX
LX X X
UltraMOV™ is a trademark of Littelfuse, Inc.
P
LEAD-FREE, HALOGEN-FREE
AND RoHS COMPLIANT INDICATOR
OPTION CODES
(See notes below)
BASE PART CODES
(See Ratings & Specifications tables and notes below)
XXXXX
Standard Part Default Conditions
Device Size
Part #
Lead Space
Packaging
7mm
V07E–
5.0-/+1
Bulk
10mm
V10E–
7.5-/+1
Bulk
14mm
V14E–
7.5-/+1
Bulk
20mm
V20E–
10.0-/+1
Bulk
For standard parts, use the BASE PART designator only.
For parts with non-standard options (such as
additional form, packaging and lead space options)
use, BASE PART + OPTION CODE.
OPTION CODE items are subject to availability and
minimum order requirements. Please contact a Littelfuse
representative if you require additional information
Ordering Notes:
Littelfuse UltraMOV™ varistors are shipped standard in bulk
pack with straight leads and lead spacing outlined in the
dimensions sections of this document. Contact a Littelfuse
representative to discuss non-standard options.
PACKAGING:
OPTION CODES:
X2855: Nickel Barrier COATED WIRE OPTION
All standard parts use Tin–coated Copper Wire Nickel Barrier
Coated Wire is available as an option, consisting of Copper Wire
with a flashing of Nickel followed by a top coating of Tin.
To order: append standard model BASE PART number with
"X2855." Example:
Standard Model
Order As
V18ZA40P
V18ZA40PX2855
Standard Bulk Pack Quantity
Varistor
Voltage
Standard Bulk Pack Quantity
Varistor Model Size
7mm
10mm
14mm
20mm
130 – 275
1500
1000
700
500
300 – 460
1500
700
600
400
510 – 625
1500
700
500
400


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn