Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC6990CDCBPBF Datasheet(PDF) 8 Page - Linear Technology

Part # LTC6990CDCBPBF
Description  TimerBlox: Voltage Controlled Silicon Oscillator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6990CDCBPBF Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC6990CDCBPBF Datasheet HTML 4Page - Linear Technology LTC6990CDCBPBF Datasheet HTML 5Page - Linear Technology LTC6990CDCBPBF Datasheet HTML 6Page - Linear Technology LTC6990CDCBPBF Datasheet HTML 7Page - Linear Technology LTC6990CDCBPBF Datasheet HTML 8Page - Linear Technology LTC6990CDCBPBF Datasheet HTML 9Page - Linear Technology LTC6990CDCBPBF Datasheet HTML 10Page - Linear Technology LTC6990CDCBPBF Datasheet HTML 11Page - Linear Technology LTC6990CDCBPBF Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
LTC6990
8
6990f
PIN FUNCTIONS
V+ (Pin 1/Pin 5): Supply Voltage (2.25V to 5.5V). This sup-
ply must be kept free from noise and ripple. It should be
bypassed directly to the GND pin with a 0.1μF capacitor.
DIV (Pin 2/Pin 4): Programmable Divider and Hi-Z Mode
Input. A V+ referenced A/D converter monitors the DIV
pin voltage (VDIV) to determine a 4-bit result (DIVCODE).
VDIV may be generated by a resistor divider between V+
and GND. Use 1% resistors to ensure an accurate result.
The DIV pin and resistors should be shielded from the
OUT pin or any other traces that have fast edges. Limit
the capacitance on the DIV pin to less than 100pF so that
VDIV settles quickly. The MSB of DIVCODE (Hi-Z) deter-
mines the behavior of the output when OE is driven low.
If Hi-Z = 0 the output is pulled low when disabled. If Hi-Z
= 1 the output is placed in a high impedance condition
when disabled.
SET (Pin 3/Pin 3): Frequency-Setting Input. The voltage
on the SET pin (VSET) is regulated to 1V above GND. The
amount of current sourced from the SET pin (ISET) pro-
grams the master oscillator frequency. The ISET current
range is 1.25μA to 40μA. The output oscillation will stop
if ISET drops below approximately 500nA. A resistor con-
nected between SET and GND is the most accurate way to
set the frequency. For best performance, use a precision
metal or thin film resistor of 0.5% or better tolerance and
50ppm/°C or better temperature coefficient. For lower ac-
curacy applications an inexpensive 1% thick film resistor
may be used.
Limit the capacitance on the SET pin to less than 10pF
to minimize jitter and ensure stability. Capacitance less
than 100pF maintains the stability of the feedback circuit
regulating the VSET voltage.
(DCB/S6)
6990 PF
LTC6990
OE
GND
SET
OUT
V+
DIV
C1
0.1μF
RSET
R2
R1
V+
V+
OE (Pin 4/Pin 1): Output Enable. Drive high to enable the
output driver (Pin 6). Driving OE low disables the output
asynchronously, so that the output is immediately forced
low (Hi-Z = 0) or floated (Hi-Z = 1). When enabled, the
output may temporarily remain low to synchronize with
the internal oscillator in order to eliminate pulse slivers.
GND (Pin 5/Pin 2): Ground. Tie to a low inductance ground
plane for best performance.
OUT (Pin 6/Pin 6): Oscillator Output. The OUT pin swings
from GND to V+ with an output resistance of approximately
30Ω. When driving an LED or other low-impedance load a
series output resistor should be used to limit source/sink
current to 20mA.


Similar Part No. - LTC6990CDCBPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6990CDCB-PBF LINER-LTC6990CDCB-PBF Datasheet
317Kb / 28P
   TimerBlox: Voltage Controlled Silicon Oscillator
LTC6990CDCB-TRPBF LINER-LTC6990CDCB-TRPBF Datasheet
317Kb / 28P
   TimerBlox: Voltage Controlled Silicon Oscillator
More results

Similar Description - LTC6990CDCBPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6990 LINER-LTC6990 Datasheet
317Kb / 28P
   TimerBlox: Voltage Controlled Silicon Oscillator
LTC6990 LINER-LTC6990_15 Datasheet
406Kb / 30P
   Voltage Controlled Silicon Oscillator
LTC6992-1 LINER-LTC6992-1 Datasheet
328Kb / 32P
   TimerBlox Voltage-Controlled Pulse Width Modulator (PWM)
LTC6991 LINER-LTC6991 Datasheet
333Kb / 24P
   TimerBlox: Resettable, Low Frequency Oscillator
logo
Z-Communications, Inc
V950ME17-LF ZCOMM-V950ME17-LF Datasheet
85Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
ZRO0743B2LF ZCOMM-ZRO0743B2LF Datasheet
85Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
V800ME10 ZCOMM-V800ME10_10 Datasheet
82Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
logo
SYNERGY MICROWAVE CORPO...
DCYS300600-5 SYNERGY-DCYS300600-5 Datasheet
357Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR VOLTAGE CONTROLLED OSCILLATOR
logo
Linear Technology
LTC6995-1 LINER-LTC6995-1 Datasheet
367Kb / 28P
   TimerBlox: Long Timer, Low Frequency Oscillator
LTC6995-1 LINER-LTC6995-1_15 Datasheet
321Kb / 28P
   TimerBlox Long Timer, Low Frequency Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com