Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FA5639 Datasheet(PDF) 5 Page - Fuji Electric

Part # FA5639
Description  Fuji Switching Power Supply Control IC
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

FA5639 Datasheet(HTML) 5 Page - Fuji Electric

  FA5639 Datasheet HTML 1Page - Fuji Electric FA5639 Datasheet HTML 2Page - Fuji Electric FA5639 Datasheet HTML 3Page - Fuji Electric FA5639 Datasheet HTML 4Page - Fuji Electric FA5639 Datasheet HTML 5Page - Fuji Electric FA5639 Datasheet HTML 6Page - Fuji Electric FA5639 Datasheet HTML 7Page - Fuji Electric FA5639 Datasheet HTML 8Page - Fuji Electric FA5639 Datasheet HTML 9Page - Fuji Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
AN-085E Rev.1.0
Apr-2011
5
FA5639
Fuji Electric Co., Ltd.
http://www.fujielectric.co.jp/products/semiconductor/
4. Block diagram
FA5639 (Over Load Protection: Latch Shutdown type)
VCC
OUT
GND
LAT
Start up
Current
ON
Internal Power Supply
5V Reg.
OFF
Reset
VH
DBL
OUTPUT
RSFF
Q
S
R
FB
Start up
Management
Logic
ON
Ctrl
Monitor
OSC
Freq control
input
Dmax
Reset
+
-
LAT
UVLO
+
-
IS
OVP
+
-
30V
5V
+
-
OFF(FB)
Over Load
Latch
Set
Reset
UVLO
VCC
5V
Latch
VCC
IS comp.
+
-
+
OFF (IS)
+
-
INV. AMP
Lv. Shift
×
OLP Timer
T1
T2
Ctrl
T1:Delay time to OLP-Latch
Over Load
OLP
+
-
1shot
CLR
Slope
+
Σ
VCC sustain
VCC


Similar Part No. - FA5639

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FA56-11 ETC-FA56-11 Datasheet
729Kb / 6P
   14MM SINGLE DIGIT NUMERIC DISPLAYS
logo
Fuji Electric
FA5604 FUJI-FA5604 Datasheet
718Kb / 31P
   FUJI Power Supply Control IC
FA5605 FUJI-FA5605 Datasheet
718Kb / 31P
   FUJI Power Supply Control IC
FA5606 FUJI-FA5606 Datasheet
718Kb / 31P
   FUJI Power Supply Control IC
FA5612 FUJI-FA5612 Datasheet
726Kb / 30P
   FUJI Power Supply Control IC
More results

Similar Description - FA5639

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
FA5695 FUJI-FA5695 Datasheet
739Kb / 21P
   Fuji Switching Power Supply Control IC
FA5640 FUJI-FA5640 Datasheet
767Kb / 35P
   Fuji Switching Power Supply Control IC
FA5626 FUJI-FA5626 Datasheet
602Kb / 27P
   Fuji Switching Power Supply Control IC
FA7700V FUJI-FA7700V Datasheet
278Kb / 19P
   FUJI Power Supply Control IC
FA7703 FUJI-FA7703 Datasheet
303Kb / 21P
   FUJI Power Supply Control IC
FA5604 FUJI-FA5604 Datasheet
718Kb / 31P
   FUJI Power Supply Control IC
FA5612 FUJI-FA5612 Datasheet
726Kb / 30P
   FUJI Power Supply Control IC
FA7764 FUJI-FA7764 Datasheet
356Kb / 18P
   FUJI Power Supply Control IC
FA5590 FUJI-FA5590 Datasheet
578Kb / 21P
   FUJI Power Supply Control IC
FA7711V FUJI-FA7711V Datasheet
386Kb / 25P
   FUJI Power Supply Control IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com