Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FA5612P Datasheet(PDF) 9 Page - Fuji Electric

Part # FA5612P
Description  FUJI Power Supply Control IC
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

FA5612P Datasheet(HTML) 9 Page - Fuji Electric

Back Button FA5612P Datasheet HTML 5Page - Fuji Electric FA5612P Datasheet HTML 6Page - Fuji Electric FA5612P Datasheet HTML 7Page - Fuji Electric FA5612P Datasheet HTML 8Page - Fuji Electric FA5612P Datasheet HTML 9Page - Fuji Electric FA5612P Datasheet HTML 10Page - Fuji Electric FA5612P Datasheet HTML 11Page - Fuji Electric FA5612P Datasheet HTML 12Page - Fuji Electric FA5612P Datasheet HTML 13Page - Fuji Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
.0.08AN-049J Rev.1.0
AN-054E Rev.1.2
Apr.-2011
9
FA5612, FA5613
Fuji Electric Co., Ltd.
http://www.fujielectric.co.jp/products/semiconductor/
Overvoltage protection comparator (FB pin)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Static OVP threshold voltage
Vsovp
Vfb = 2.5V to 2.9V,
Vvcmp = 0V, Vvdet = 0V
1.070*Vref
1.090*Vref
1.105*Vref
V
Hysteresis
Vsovphys
Vfb = 2.9V to 2.5V,
Vvcmp = 0V, Vvdet = 0V
0.005*Vref
0.020*Vref
0.040*Vref
V
Static OVP temperature stability
VsovpdT
Vfb = 2.5V to 2.9V, Vvcmp = 0V
Vvdet = 0V, Tj= -30°C to 125°C
-0.0001*Vref -
0.0001*Vref
V/°C
Dynamic OVP threshold voltage
Vdovp
Vfb = 2.5V to 2.8V,
Vvcmp = 1V, Vvdet = 2V
1.025*Vref
1.050*Vref
1.075*Vref
V
⊿OVP
⊿OVP
Vsovpn -Vdovp
50
95
140
mV
FB short detection comparator (FB pin)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Input threshold voltage
Vthfb
Vfb = 0V to 1V,
Vvcmp = 0V
0.1
0.3
0.5
V
Pull-down resistance
Rfb
Vfb = 2.5V
2.0
2.5
3.0
Overcurrent detection comparator (IS pin)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
IS offset voltage
Visof
Vvdet = -0.25V, Vvcmp = 0.6V
0
30
60
mV
IS pin voltage
Vis_054
Vvdet = 0.54V, Vvcmp = 5.0V
- 0.43
- 0.38
- 0.33
V
Vocpl
Vvdet max = 1.2V,
Vvdet min = 0V, Fvdet = 50kHz,
Dvdet=50%
- 0.525
- 0.50
- 0.475
V
IS threshold voltage
Vocph
Vvdet max = 1.8V,
Vvdet min = 0V, Fvdet = 50kHz,
Dvdet=50%
- 0.432
- 0.40
- 0.368
V
IS threshold voltage
temperature characteristics
VocpldT
Vvdet max = 1.2V,
Vvdet min = 0V, Fvdet = 50kHz
Dvdet=50%,Vis = -0.4V to -0.6V
Tj=-30°C to 125°C
- 0.1
-
0.1
mV/°C
Vvdeth
Vvdet max = 1.2V, to 1.8V
Vvdet min = 0V, Fvdet = 50kHz
Dvdet=50%,Vis= -Vocpl + 0.05V
1.54
1.60
1.66
V
VDET threshold voltage
Vvdetl
Vvdet max = 1.8V to 1.0V,
Vvdet min = 0V, Fvdet = 50kHz
Dvdet=50%,Vis= -Vocpl + 0.05V
1.30
1.35
1.40
V
IS threshold change voltage
Vvdets
Vvdet max = 1.8V
Vvdet min = 0V, Fvdet = 50kHz
Dvdet=50%,Vis= -Vocpl + 0.05V
0.25
0.30
0.35
V
Blanking time *1
Tblk
Vis= -0.6V
300
450
600
ns
Delay time
Tdly
Vis = Vocpl + 30mV to-1.0V
Pulse signal
200
350
500
ns
Input bias current
Iis
Vvcmp = 0V, Vis = 0V
- 170
- 120
- 70
μA
*1 Includes delay time
Output (OUT pin)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Output voltage (L)
Voutl
Vfb = 0V, Vvcmp = 0.3V,
Vicmp = 3V to 2V,
Sink : Iout = 100mA
-
0.5
1.0
V
Output voltage (H)
Vouth
Vvcmp = 0.3V,
Vicmp = 3V to 2V,
Source : Iout = - 100mA
15.5
16.5
-
V
Output rise time
Tr
CL = 1nF
-
50
-
ns
Output fall time
Tf
CL= 1nF
-
50
-
ns


Similar Part No. - FA5612P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FA56-11 ETC-FA56-11 Datasheet
729Kb / 6P
   14MM SINGLE DIGIT NUMERIC DISPLAYS
logo
Fuji Electric
FA5604 FUJI-FA5604 Datasheet
718Kb / 31P
   FUJI Power Supply Control IC
FA5605 FUJI-FA5605 Datasheet
718Kb / 31P
   FUJI Power Supply Control IC
FA5606 FUJI-FA5606 Datasheet
718Kb / 31P
   FUJI Power Supply Control IC
FA5626 FUJI-FA5626 Datasheet
602Kb / 27P
   Fuji Switching Power Supply Control IC
More results

Similar Description - FA5612P

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
FA7700V FUJI-FA7700V Datasheet
278Kb / 19P
   FUJI Power Supply Control IC
FA7703 FUJI-FA7703 Datasheet
303Kb / 21P
   FUJI Power Supply Control IC
FA5604 FUJI-FA5604 Datasheet
718Kb / 31P
   FUJI Power Supply Control IC
FA7764 FUJI-FA7764 Datasheet
356Kb / 18P
   FUJI Power Supply Control IC
FA5590 FUJI-FA5590 Datasheet
578Kb / 21P
   FUJI Power Supply Control IC
FA7711V FUJI-FA7711V Datasheet
386Kb / 25P
   FUJI Power Supply Control IC
FA5695 FUJI-FA5695 Datasheet
739Kb / 21P
   Fuji Switching Power Supply Control IC
FA5640 FUJI-FA5640 Datasheet
767Kb / 35P
   Fuji Switching Power Supply Control IC
FA5626 FUJI-FA5626 Datasheet
602Kb / 27P
   Fuji Switching Power Supply Control IC
FA5639 FUJI-FA5639 Datasheet
452Kb / 21P
   Fuji Switching Power Supply Control IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com