Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FA5612N Datasheet(PDF) 3 Page - Fuji Electric

Part # FA5612N
Description  FUJI Power Supply Control IC
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

FA5612N Datasheet(HTML) 3 Page - Fuji Electric

  FA5612N Datasheet HTML 1Page - Fuji Electric FA5612N Datasheet HTML 2Page - Fuji Electric FA5612N Datasheet HTML 3Page - Fuji Electric FA5612N Datasheet HTML 4Page - Fuji Electric FA5612N Datasheet HTML 5Page - Fuji Electric FA5612N Datasheet HTML 6Page - Fuji Electric FA5612N Datasheet HTML 7Page - Fuji Electric FA5612N Datasheet HTML 8Page - Fuji Electric FA5612N Datasheet HTML 9Page - Fuji Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
.0.08AN-049J Rev.1.0
AN-054E Rev.1.2
Apr.-2011
3
FA5612, FA5613
Fuji Electric Co., Ltd.
http://www.fujielectric.co.jp/products/semiconductor/
CONTENTS
1.
Description
....................
4
2.
Features
....................
4
3.
Outline
....................
4
4.
Types of FA5612/13
....................
4
5.
Block diagram
....................
5
6.
Pin assignment
....................
5
7.
Ratings and characteristics
....................
6~10
8.
Characteristics curves
....................
11~13
9.
Outline of circuit operation
....................
14
10.
Description of each circuit block
....................
15~19
11.
Descriptions of use for each pin
....................
20~26
12.
Advice for design
....................
27~29
13.
Example of application circuit
....................
30
Note
▪ The contents are subject to change without notice for specification changes or other reasons.
▪ Parts tolerance and characteristics are not defined in all application described in this Date book.
When design an actual circuit for a product, you must determine parts tolerance and characteristics
for safe and economical operation.


Similar Part No. - FA5612N

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FA56-11 ETC-FA56-11 Datasheet
729Kb / 6P
   14MM SINGLE DIGIT NUMERIC DISPLAYS
logo
Fuji Electric
FA5604 FUJI-FA5604 Datasheet
718Kb / 31P
   FUJI Power Supply Control IC
FA5605 FUJI-FA5605 Datasheet
718Kb / 31P
   FUJI Power Supply Control IC
FA5606 FUJI-FA5606 Datasheet
718Kb / 31P
   FUJI Power Supply Control IC
FA5626 FUJI-FA5626 Datasheet
602Kb / 27P
   Fuji Switching Power Supply Control IC
More results

Similar Description - FA5612N

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
FA7700V FUJI-FA7700V Datasheet
278Kb / 19P
   FUJI Power Supply Control IC
FA7703 FUJI-FA7703 Datasheet
303Kb / 21P
   FUJI Power Supply Control IC
FA5604 FUJI-FA5604 Datasheet
718Kb / 31P
   FUJI Power Supply Control IC
FA7764 FUJI-FA7764 Datasheet
356Kb / 18P
   FUJI Power Supply Control IC
FA5590 FUJI-FA5590 Datasheet
578Kb / 21P
   FUJI Power Supply Control IC
FA7711V FUJI-FA7711V Datasheet
386Kb / 25P
   FUJI Power Supply Control IC
FA5695 FUJI-FA5695 Datasheet
739Kb / 21P
   Fuji Switching Power Supply Control IC
FA5640 FUJI-FA5640 Datasheet
767Kb / 35P
   Fuji Switching Power Supply Control IC
FA5626 FUJI-FA5626 Datasheet
602Kb / 27P
   Fuji Switching Power Supply Control IC
FA5639 FUJI-FA5639 Datasheet
452Kb / 21P
   Fuji Switching Power Supply Control IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com