Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KMB012N30QA Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # KMB012N30QA
Description  N-Ch Trench MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KMB012N30QA Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KMB012N30QA Datasheet HTML 1Page - KEC(Korea Electronics) KMB012N30QA Datasheet HTML 2Page - KEC(Korea Electronics) KMB012N30QA Datasheet HTML 3Page - KEC(Korea Electronics) KMB012N30QA Datasheet HTML 4Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2009. 09. 04
1/4
SEMICONDUCTOR
TECHNICAL DATA
KMB012N30QA
N-Ch Trench MOSFET
Revision No : 0
GENERAL DESCRIPTION
This Trench MOSFET has better characteristics, such as fast switching time, low
on resistance, low gate charge and excellent avalanche characteristiscs. It is mainly
suitable for DC/DC Converter and Battery pack..
FEATURES
VDSS=30V, ID=12A.
Drain to Source On Resistance.
RDS(ON)=7m (Max.) @ VGS=10V
RDS(ON)=11m (Max.) @ VGS=4.5V
MOSFET Maximum Ratings (Ta=25
Unless otherwise noted)
B2
G
H
B1
1
4
5
8
A
P
D
L
T
FLP-8
0.20+0.1/-0.05
T
P
1.27
MILLIMETERS
DIM
A
4.85
0.2
+
_
B1
3.94
0.2
+
_
B2
6.02
0.3
+
_
D
0.4
0.1
+
_
G
0.15+0.1/-0.05
H
1.63
0.2
+
_
L
0.65
0.2
+
_
Note1) Surface Mounted on 1″ 1″FR4 Board, t
10sec.
1
2
3
4
8
7
6
5
S
S
S
G
D
D
D
D
1
2
3
4
8
7
6
5
KMB012N
30QA
PIN CONNECTION (TOP VIEW)
CHARACTERISTIC
SYMBOL RATING
UNIT
Drain to Source Voltage
VDSS
30
V
Gate to Source Voltage
VGSS
20
V
Drain Current
DC@Ta=25
(Note 1)
ID
12
A
Pulsed
(Note 1)
IDP
48
A
Drain Power Dissipation
@Ta=25
(Note 1)
PD
2.5
W
Maximum Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55~150
Thermal Resistance, Junction to Ambient
(Note 1)
RthJA
50
/W


Similar Part No. - KMB012N30QA

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KMB012N30QA KEC-KMB012N30QA_15 Datasheet
809Kb / 4P
   N-Ch Trench MOSFET
More results

Similar Description - KMB012N30QA

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KU2307K KEC-KU2307K Datasheet
80Kb / 4P
   N-Ch Trench MOSFET
KU2307Q KEC-KU2307Q Datasheet
59Kb / 4P
   N-Ch Trench MOSFET
KMB012N30QA KEC-KMB012N30QA_15 Datasheet
809Kb / 4P
   N-Ch Trench MOSFET
KMB7D0N40QA KEC-KMB7D0N40QA Datasheet
372Kb / 4P
   N-Ch Trench MOSFET
KMB3D5N40SA KEC-KMB3D5N40SA Datasheet
824Kb / 5P
   N-Ch Trench MOSFET
KMB054N45DA KEC-KMB054N45DA Datasheet
247Kb / 5P
   N-Ch Trench MOSFET
logo
KODENSHI_AUK CORP.
SNN4510D KODENSHI-SNN4510D Datasheet
416Kb / 8P
   N-Ch Trench MOSFET
logo
KEC(Korea Electronics)
KMB2D0N60SA KEC-KMB2D0N60SA Datasheet
471Kb / 5P
   N-Ch Trench MOSFET
KU048N03D KEC-KU048N03D Datasheet
70Kb / 4P
   N-Ch Trench MOSFET
KMB2D0N60SA KEC-KMB2D0N60SA_08 Datasheet
86Kb / 5P
   N-Ch Trench MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com