Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KMB012N30QA Datasheet(PDF) 4 Page - KEC(Korea Electronics)

Part # KMB012N30QA
Description  N-Ch Trench MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KMB012N30QA Datasheet(HTML) 4 Page - KEC(Korea Electronics)

  KMB012N30QA Datasheet HTML 1Page - KEC(Korea Electronics) KMB012N30QA Datasheet HTML 2Page - KEC(Korea Electronics) KMB012N30QA Datasheet HTML 3Page - KEC(Korea Electronics) KMB012N30QA Datasheet HTML 4Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
2009. 09. 04
4/4
KMB012N30QA
Revision No : 0
Drain to Source Voltage VDS (V)
Fig10. Safe Operation Area
R DS(ON)
LIMIT
DC
100ms
10ms
1ms
100us
Coss
f=1MHz
Square Wave Pulse Duration (sec)
101
100
101
102
103
10-3
10-2
10-1
1
10-4
Fig11. Transient Thermal Response Curve
10-1
10-2
10-3
t1
t2
PDM
R
thJA=58.3 C/W
0.02
0.1
0.01
0.2
0.5
0.05
Drain to Source Voltage VDS (V)
Fig8. C - VDS
25
10
15
05
20
30
Gate to Charge Qg (nC)
0
10
6
2
4
8
24
612
18
030
Fig9. Qg - VGS
V
DS = 15V, ID =
12A
Crss
Ciss
V
GS= 10V
SINGLE PULSE
T
J= 25 C
101
102
103
104
Single Pulse
Gate to Source Voltage VGS (V)
Fig7. RDS(ON) - VGS
6
024
8
12
10
0
5
25
15
20
10
Tj=150 C
ID=12A
Tj=25 C
10-2
10-2
10-1
10-1
100
100
101
101
102
102


Similar Part No. - KMB012N30QA

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KMB012N30QA KEC-KMB012N30QA_15 Datasheet
809Kb / 4P
   N-Ch Trench MOSFET
More results

Similar Description - KMB012N30QA

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KU2307K KEC-KU2307K Datasheet
80Kb / 4P
   N-Ch Trench MOSFET
KU2307Q KEC-KU2307Q Datasheet
59Kb / 4P
   N-Ch Trench MOSFET
KMB012N30QA KEC-KMB012N30QA_15 Datasheet
809Kb / 4P
   N-Ch Trench MOSFET
KMB7D0N40QA KEC-KMB7D0N40QA Datasheet
372Kb / 4P
   N-Ch Trench MOSFET
KMB3D5N40SA KEC-KMB3D5N40SA Datasheet
824Kb / 5P
   N-Ch Trench MOSFET
KMB054N45DA KEC-KMB054N45DA Datasheet
247Kb / 5P
   N-Ch Trench MOSFET
logo
KODENSHI_AUK CORP.
SNN4510D KODENSHI-SNN4510D Datasheet
416Kb / 8P
   N-Ch Trench MOSFET
logo
KEC(Korea Electronics)
KMB2D0N60SA KEC-KMB2D0N60SA Datasheet
471Kb / 5P
   N-Ch Trench MOSFET
KU048N03D KEC-KU048N03D Datasheet
70Kb / 4P
   N-Ch Trench MOSFET
KMB2D0N60SA KEC-KMB2D0N60SA_08 Datasheet
86Kb / 5P
   N-Ch Trench MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com