Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FA5538 Datasheet(PDF) 5 Page - Fuji Electric

Part # FA5538
Description  Fuji Switching Power Control IC
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

FA5538 Datasheet(HTML) 5 Page - Fuji Electric

  FA5538 Datasheet HTML 1Page - Fuji Electric FA5538 Datasheet HTML 2Page - Fuji Electric FA5538 Datasheet HTML 3Page - Fuji Electric FA5538 Datasheet HTML 4Page - Fuji Electric FA5538 Datasheet HTML 5Page - Fuji Electric FA5538 Datasheet HTML 6Page - Fuji Electric FA5538 Datasheet HTML 7Page - Fuji Electric FA5538 Datasheet HTML 8Page - Fuji Electric FA5538 Datasheet HTML 9Page - Fuji Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
AN-087E Rev.1.0
April-2011
5
FA5526/5527/5528/5536/5537/5538
Fuji Electric Co., Ltd.
http://www.fujielectric.co.jp/products/semiconductor/
4. Block diagram
FA5526 / FA5527 / FA5528 for Timer Latched OCP
FA5536 / FA5537 / FA5538 for Auto-Recovery OCP
5. Pin assignments
Pin
Symbol
Function
Description
1
CS
Soft start/latch-mode stop
Time Setting of Soft start and Over Current Protection
2
FB
Feedback input
Input for controlling current comparator threshold voltage
3
IS
Current sensor input
Input for monitoring MOSFET current
4
GND
Ground
Power supply ground
5
OUT
Output
Output for directly driving a MOSFET
6
VCC
Power supply
Power supply for ICs
7
(NC)
No connection
No connection
8
VH
High voltage input
Input terminal for start-up circuit
11µA/4µA
1.3mA
8.5V/7.9V
Latch
5V
ENB
VCC
UVLO
4.0V/3.5V
START
off
5V reg
GND
(4)
VCC
(6)
VH
(8)
CS (1)
OVP
UVLO
28V
2.9V
OverLoad
4.8V
15V/9V
20k
60k
7.4k
3R
R
FB
(2)
IS (3)
TRG
CLR
1 shot
Q
Blanking
OUT
(5)
OUT
PUT
ENB
Q
Q
S
R
F.F.
IS comp.
0.52V
1Meg
5pF
x1
Buf
30V
VCO
Q
T
OSC
0.28V
SLOPE
GENERATOR
Σ
-
+
0.68V
11µA/4µA
1.3mA
8.5V/7.9V
Auto-Recovery
5V
ENB
VCC
UVLO
4.0V/3.5V
START
off
5V reg
GND
(4)
VCC
(6)
VH
(8)
CS (1)
OVP
UVLO
28V
2.9V
OverLoad
4.8V
15V/9V
20k
60k
7.4k
3R
R
FB
(2)
IS (3)
TRG
CLR
1 shot
Q
Blanking
OUT
(5)
OUT
PUT
ENB
Q
Q
S
R
F.F.
IS comp.
0.52V
1Meg
5pF
x1
Buf
30V
VCO
Q
T
OSC
0.28V
SLOPE
GENERATOR
Σ
-
+
0.68V


Similar Part No. - FA5538

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FA5530 ETC2-FA5530 Datasheet
256Kb / 4P
   Quasi-Resonant IC
FA5531 ETC2-FA5531 Datasheet
256Kb / 4P
   Quasi-Resonant IC
logo
Fuji Electric
FA5531 FUJI-FA5531 Datasheet
209Kb / 2P
   Low Standby Power Quasi-Resonant Controller
logo
List of Unclassifed Man...
FA5532 ETC2-FA5532 Datasheet
256Kb / 4P
   Quasi-Resonant IC
logo
Fuji Electric
FA5532 FUJI-FA5532 Datasheet
209Kb / 2P
   Low Standby Power Quasi-Resonant Controller
More results

Similar Description - FA5538

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
FA5695 FUJI-FA5695 Datasheet
739Kb / 21P
   Fuji Switching Power Supply Control IC
FA5640 FUJI-FA5640 Datasheet
767Kb / 35P
   Fuji Switching Power Supply Control IC
FA5626 FUJI-FA5626 Datasheet
602Kb / 27P
   Fuji Switching Power Supply Control IC
FA5639 FUJI-FA5639 Datasheet
452Kb / 21P
   Fuji Switching Power Supply Control IC
FA5604 FUJI-FA5604 Datasheet
718Kb / 31P
   FUJI Power Supply Control IC
FA7700V FUJI-FA7700V Datasheet
278Kb / 19P
   FUJI Power Supply Control IC
FA7703 FUJI-FA7703 Datasheet
303Kb / 21P
   FUJI Power Supply Control IC
FA5590 FUJI-FA5590 Datasheet
578Kb / 21P
   FUJI Power Supply Control IC
FA7711V FUJI-FA7711V Datasheet
386Kb / 25P
   FUJI Power Supply Control IC
FA5612 FUJI-FA5612 Datasheet
726Kb / 30P
   FUJI Power Supply Control IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com