Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5V49EE901PGGI8 Datasheet(PDF) 3 Page - Integrated Device Technology

Part # 5V49EE901PGGI8
Description  EEPROM PROGRAMMABLE CLOCK GENERATOR
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

5V49EE901PGGI8 Datasheet(HTML) 3 Page - Integrated Device Technology

  5V49EE901PGGI8 Datasheet HTML 1Page - Integrated Device Technology 5V49EE901PGGI8 Datasheet HTML 2Page - Integrated Device Technology 5V49EE901PGGI8 Datasheet HTML 3Page - Integrated Device Technology 5V49EE901PGGI8 Datasheet HTML 4Page - Integrated Device Technology 5V49EE901PGGI8 Datasheet HTML 5Page - Integrated Device Technology 5V49EE901PGGI8 Datasheet HTML 6Page - Integrated Device Technology 5V49EE901PGGI8 Datasheet HTML 7Page - Integrated Device Technology 5V49EE901PGGI8 Datasheet HTML 8Page - Integrated Device Technology 5V49EE901PGGI8 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
IDT5V49EE901
EEPROM PROGRAMMABLE CLOCK GENERATOR
CLOCK SYNTHESIZER
IDT® EEPROM PROGRAMMABLE CLOCK GENERATOR
3
IDT5V49EE901
REV J 022310
PIN CONFIGURATION
Pin Descriptions
17
16
9
15
VDD
12
13
14
OUT3
CLKSEL
20
18
11
OUT1
OUT2
19
10
28 pin TSSOP
(Top View)
821
7
OUT4b
CLKIN
22
OUT5
5
GND
SEL1
24
23
6
425
3
OUT6
VDD
26
1
SD/OE
28
27
2
VDD
GND
SCLK
VDDx
VDD
SEL2
GND
OUT5b
SDAT
XIN/REF
XOUT
OUT0
SEL0
AVDD
OUT4
32 pin VFQFPN
(Top View)
17
GND
18
SDAT
20
CLKSEL
21
AVDD
22
GND
OUT6
23
24
OUT3
SCLK
19
1
VDD
2
XOUT
4
VDDx
3
XIN/REF
5
CLKIN
GND
6
7
OUT1
OUT2
8
Pin Name
PG28
Pin#
NL32
Pin#
I/O
Pin Type
Pin Description
CLKIN
8
5
I
LVTTL
Input clock. Weak internal pull down resistor.
XOUT
5
2
O
LVTTL
CRYSTAL_OUT -- Reference crystal feedback.
XIN / REF
6
3
I
LVTTL
CRYSTAL_IN -- Reference crystal input or external
reference clock input.
SDAT
18
18
I/O
LVTTL
Bidirectional I2C data.
SCLK
19
19
I
LVTTL
I2C clock.
CLKSEL
20
20
I
LVTTL
Input clock selector. Weak internal pull down resistor.
SEL2
26
26
I
LVTTL
Configuration select pin. Weak internal pull down
resistor.
SEL1
27
27
I
LVTTL
Configuration select pin. Weak internal pull down
resistor.
SEL0
28
28
I
LVTTL
Configuration select pin. Weak internal pull down
resistor.
SD/OE
1
29
I
LVTTL
Enables/disables the outputs or powers down the chip.
The SP bit (0x02) controls the polarity of the signal to be
either active HIGH or LOW. (Default is active HIGH.)
Weak internal pull down resistor.
OUT0
2
30
O
LVTTL
Configurable clock output 0.


Similar Part No. - 5V49EE901PGGI8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
5V49EE901PGGI8 IDT-5V49EE901PGGI8 Datasheet
394Kb / 36P
   EEPROM PROGRAMMABLE CLOCK GENERATOR
logo
Renesas Technology Corp
5V49EE901PGGI8 RENESAS-5V49EE901PGGI8 Datasheet
597Kb / 37P
   EEPROM PROGRAMMABLE CLOCK GENERATOR
071015
More results

Similar Description - 5V49EE901PGGI8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT5V49EE904 IDT-IDT5V49EE904_15 Datasheet
343Kb / 29P
   EEPROM PROGRAMMABLE CLOCK GENERATOR
logo
Renesas Technology Corp
5V49EE502 RENESAS-5V49EE502 Datasheet
914Kb / 33P
   EEPROM PROGRAMMABLE CLOCK GENERATOR
Mar 2020
IDT5V49EE504 RENESAS-IDT5V49EE504 Datasheet
553Kb / 30P
   EEPROM PROGRAMMABLE CLOCK GENERATOR
071015
logo
Integrated Device Techn...
IDT5V49EE902 IDT-IDT5V49EE902 Datasheet
372Kb / 33P
   EEPROM PROGRAMMABLE CLOCK GENERATOR
logo
Renesas Technology Corp
IDT5V49EE701 RENESAS-IDT5V49EE701 Datasheet
621Kb / 35P
   EEPROM PROGRAMMABLE CLOCK GENERATOR
071015
IDT5V49EE704 RENESAS-IDT5V49EE704 Datasheet
584Kb / 30P
   EEPROM PROGRAMMABLE CLOCK GENERATOR
071015
IDT5V49EE503 RENESAS-IDT5V49EE503 Datasheet
574Kb / 30P
   EEPROM PROGRAMMABLE CLOCK GENERATOR
071015
IDT5V49EE702 RENESAS-IDT5V49EE702 Datasheet
585Kb / 35P
   EEPROM PROGRAMMABLE CLOCK GENERATOR
071015
IDT5V49EE902 RENESAS-IDT5V49EE902 Datasheet
571Kb / 34P
   EEPROM PROGRAMMABLE CLOCK GENERATOR
2019
logo
Integrated Device Techn...
IDT5V49EE901 IDT-IDT5V49EE901_15 Datasheet
394Kb / 36P
   EEPROM PROGRAMMABLE CLOCK GENERATOR
IDT5V49EE903 IDT-IDT5V49EE903 Datasheet
361Kb / 31P
   EEPROM PROGRAMMABLE CLOCK GENERATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com