Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5V49EE901PGGI Datasheet(PDF) 11 Page - Integrated Device Technology

Part # 5V49EE901PGGI
Description  EEPROM PROGRAMMABLE CLOCK GENERATOR
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

5V49EE901PGGI Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button 5V49EE901PGGI Datasheet HTML 7Page - Integrated Device Technology 5V49EE901PGGI Datasheet HTML 8Page - Integrated Device Technology 5V49EE901PGGI Datasheet HTML 9Page - Integrated Device Technology 5V49EE901PGGI Datasheet HTML 10Page - Integrated Device Technology 5V49EE901PGGI Datasheet HTML 11Page - Integrated Device Technology 5V49EE901PGGI Datasheet HTML 12Page - Integrated Device Technology 5V49EE901PGGI Datasheet HTML 13Page - Integrated Device Technology 5V49EE901PGGI Datasheet HTML 14Page - Integrated Device Technology 5V49EE901PGGI Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
IDT5V49EE901
EEPROM PROGRAMMABLE CLOCK GENERATOR
CLOCK SYNTHESIZER
IDT® EEPROM PROGRAMMABLE CLOCK GENERATOR
11
IDT5V49EE901
REV J 022310
PLL Loop Bandwidth:
Charge pump gain (K
φ⎞) = Ip / 2π
VCO gain (KVCO) = 900 MHz/V * 2
π
M = Total multiplier value (See the Reference Divider,
Feedback Divider and Output Divider section for more
detail)
ωc = (Rz * Kφ * KVCO * Cz)/(M * (Cz + Cp))
Fc =
ωc / 2π
Note, the phase/frequency detector frequency (FPFD) is
typically seven times the PLL closed-loop bandwidth (Fc)
but too high of a ratio will reduce the phase margin thus
compromising loop stability.
To determine if the loop is stable, the phase margin (
φm)
needs to be calculated as follows.
Phase Margin:
ωz = 1 / (Rz * Cz)
ωp = (Cz + Cp)/(Rz * Cz * Cp)
φm = (360 / 2π) * [tan-1(ωc/ ωz) - tan-1(ωc/ ωp)]
To ensure stability in the loop, the phase margin is
recommended to be > 60° but too high will result in the lock
time being excessively long. Certain loop filter parameters
would need to be compromised to not only meet a required
loop bandwidth but to also maintain loop stability.


Similar Part No. - 5V49EE901PGGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
5V49EE901PGGI IDT-5V49EE901PGGI Datasheet
394Kb / 36P
   EEPROM PROGRAMMABLE CLOCK GENERATOR
logo
Renesas Technology Corp
5V49EE901PGGI RENESAS-5V49EE901PGGI Datasheet
597Kb / 37P
   EEPROM PROGRAMMABLE CLOCK GENERATOR
071015
logo
Integrated Device Techn...
5V49EE901PGGI8 IDT-5V49EE901PGGI8 Datasheet
394Kb / 36P
   EEPROM PROGRAMMABLE CLOCK GENERATOR
logo
Renesas Technology Corp
5V49EE901PGGI8 RENESAS-5V49EE901PGGI8 Datasheet
597Kb / 37P
   EEPROM PROGRAMMABLE CLOCK GENERATOR
071015
More results

Similar Description - 5V49EE901PGGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT5V49EE904 IDT-IDT5V49EE904_15 Datasheet
343Kb / 29P
   EEPROM PROGRAMMABLE CLOCK GENERATOR
logo
Renesas Technology Corp
5V49EE502 RENESAS-5V49EE502 Datasheet
914Kb / 33P
   EEPROM PROGRAMMABLE CLOCK GENERATOR
Mar 2020
IDT5V49EE504 RENESAS-IDT5V49EE504 Datasheet
553Kb / 30P
   EEPROM PROGRAMMABLE CLOCK GENERATOR
071015
logo
Integrated Device Techn...
IDT5V49EE902 IDT-IDT5V49EE902 Datasheet
372Kb / 33P
   EEPROM PROGRAMMABLE CLOCK GENERATOR
logo
Renesas Technology Corp
IDT5V49EE701 RENESAS-IDT5V49EE701 Datasheet
621Kb / 35P
   EEPROM PROGRAMMABLE CLOCK GENERATOR
071015
IDT5V49EE704 RENESAS-IDT5V49EE704 Datasheet
584Kb / 30P
   EEPROM PROGRAMMABLE CLOCK GENERATOR
071015
IDT5V49EE503 RENESAS-IDT5V49EE503 Datasheet
574Kb / 30P
   EEPROM PROGRAMMABLE CLOCK GENERATOR
071015
IDT5V49EE702 RENESAS-IDT5V49EE702 Datasheet
585Kb / 35P
   EEPROM PROGRAMMABLE CLOCK GENERATOR
071015
IDT5V49EE902 RENESAS-IDT5V49EE902 Datasheet
571Kb / 34P
   EEPROM PROGRAMMABLE CLOCK GENERATOR
2019
logo
Integrated Device Techn...
IDT5V49EE901 IDT-IDT5V49EE901_15 Datasheet
394Kb / 36P
   EEPROM PROGRAMMABLE CLOCK GENERATOR
IDT5V49EE903 IDT-IDT5V49EE903 Datasheet
361Kb / 31P
   EEPROM PROGRAMMABLE CLOCK GENERATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com