Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

2N3501L Datasheet(PDF) 2 Page - Semicoa Semiconductor

Part No. 2N3501L
Description  Type 2N3501L Geometry 5620 Polarity NPN
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SEMICOA [Semicoa Semiconductor]
Homepage  http://www.semicoa.com/
Logo 

2N3501L Datasheet(HTML) 2 Page - Semicoa Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Data Sheet No. 2N3501L
OFF Characteristics
Symbol
Min
Max
Unit
Collector-Base Breakdown Voltage
IC = 10 µA
Collector-Emitter Breakdown Voltage
IC = 10 mA
Emitter-Base Breakdown Voltage
IE = 10 µA
Collector-Base Cutoff Current
VCB = 75 V
Emitter-Base Cutoff Current
VEB = 4 V
IEBO
---
25
nA
ICBO
---
50
nA
V
V(BR)EBO
6.0
---
V(BR)CEO
150
---
V
Electrical Characteristics
TC = 25
oC unless otherwise specified
V(BR)CBO
150
---
V
ON Characteristics
Symbol
Min
Max
Unit
Forward Current Transfer Ratio
IC = 100 µA, VCE = 10 V (pulsed)
hFE1
35
---
---
IC = 1.0 mA, VCE = 10 V (pulsed)
hFE2
50
---
---
IC = 10 mA, VCE = 10 V (pulsed)
hFE3
75
---
---
IC = 150 mA, VCE = 10 V (pulsed)
hFE4
100
300
---
IC = 300 mA, VCE = 10 V (pulsed)
hFE5
20
---
---
Base-Emitter Saturation Voltage
IC = 10 mA, IB = 1.0 mA
VBE(sat)1
---
0.8
V dc
IC = 150 mA, IB = 15 mA
VBE(sat)2
---
1.2
V dc
Collector-Emitter Saturation Voltage
IC = 10 mA, IB = 1.0 mA
VCE(sat)1
---
0.2
V dc
IC = 150 mA, IB = 15 mA
VCE(sat)2
---
0.4
V dc
Small Signal Characteristics
Symbol
Min
Max
Unit
Short Circuit Forward Current Transfer Ratio
IC = 10 mA, VCE = 10 V, f = 1 kHz
Magnitude of Common Emitter, Small Signal, Short Circuit
Forward Current Transfer Ratio
VCE = 20 V, IC = 20 mA, f = 100 MHz
Open Circuit Output Capacitance
VCB = 10 V, IE = 0, 100 kHz < f < 1 MHz
Input Capacitance, Output Open Circuited
VEB = 0.5 V, IC = 0, 100 kHz < f < 1 MHz
Noise Figure
V
CE = 10 V, IC = 0.5 mA, Rg = 1 kOhm, 1 kHz
Noise Figure
V
CE = 10 V, IC = 0.5 mA, Rg = 1 kOhm, 1 kHz
AC hFE
75
375
---
NF
---
6.0
dB
NF
---
16
dB
|hFE|
1.5
8.0
---
pF
CIBO
---
80
pF
COBO
---
8.0
Switching Characteristics
Symbol
Min
Max
Unit
Saturated Turn On Switching time to 90%
IC = 150 mA, IB1 = 15 mA, VEB = 2 V
Saturated Turn Off Switching time to 10%
IC = 150 mA, IB2 = -IB1 = 15 mA
tON
---
115
ns
1150
ns
tOFF
---


Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
2C3501Chip Type 2C3501 Geometry 5620 Polarity NPN 1 Semicoa Semiconductor
2N3498Type 2N3498 Geometry 5620 Polarity NPN 1 2 Semicoa Semiconductor
2N3499Type 2N3499 Geometry 5620 Polarity NPN 1 2 Semicoa Semiconductor
2N3499LType 2N3499L Geometry 5620 Polarity NPN 1 2 Semicoa Semiconductor
2N3500Type 2N3500 Geometry 5620 Polarity NPN 1 2 Semicoa Semiconductor
2N3500LType 2N3500L Geometry 5620 Polarity NPN 1 2 Semicoa Semiconductor
2N2219AType 2N2219A Geometry 0400 Polarity NPN 1 2 Semicoa Semiconductor
2N918Type 2N918 Geometry 0013 Polarity NPN 1 2 Semicoa Semiconductor
2N2219ALType 2N2219AL Geometry 0400 Polarity NPN 1 2 Semicoa Semiconductor
2N5109Type 2N5109 Geometry 1007 Polarity NPN 1 2 Semicoa Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn