Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KIC3211TSN20A Datasheet(PDF) 4 Page - KEC(Korea Electronics)

Part # KIC3211TSN20A
Description  Analog CMOS Integrated Circuits
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIC3211TSN20A Datasheet(HTML) 4 Page - KEC(Korea Electronics)

  KIC3211TSN20A Datasheet HTML 1Page - KEC(Korea Electronics) KIC3211TSN20A Datasheet HTML 2Page - KEC(Korea Electronics) KIC3211TSN20A Datasheet HTML 3Page - KEC(Korea Electronics) KIC3211TSN20A Datasheet HTML 4Page - KEC(Korea Electronics) KIC3211TSN20A Datasheet HTML 5Page - KEC(Korea Electronics) KIC3211TSN20A Datasheet HTML 6Page - KEC(Korea Electronics) KIC3211TSN20A Datasheet HTML 7Page - KEC(Korea Electronics) KIC3211TSN20A Datasheet HTML 8Page - KEC(Korea Electronics) KIC3211TSN20A Datasheet HTML 9Page - KEC(Korea Electronics) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
2010. 2. 10
4/10
KIC3211 Series
Revision No : 0
Absolute Maximum Ratings
Line up
Item
Output Voltage
Marking
Package
Item
Output Voltage
Marking
Package
KIC3211T/SN12A
1.2V
12A
TSV/
SON1612-6
KIC3211T/SN27A
2.7V
27A
TSV/
SON1612-6
KIC3211T/SN13A
1.3V
13A
KIC3211T/SN28A
2.8V
28A
KIC3211T/SN14A
1.4V
14A
KIC3211T/SN29A
2.9V
29A
KIC3211T/SN15A
1.5V
15A
KIC3211T/SN30A
3.0V
30A
KIC3211T/SN16A
1.6V
16A
KIC3211T/SN31A
3.1V
31A
KIC3211T/SN17A
1.7V
17A
KIC3211T/SN32A
3.2V
32A
KIC3211T/SN18A
1.8V
18A
KIC3211T/SN33A
3.3V
33A
KIC3211T/SN19A
1.9V
19A
KIC3211T/SN34A
3.4V
34A
KIC3211T/SN20A
2.0V
20A
KIC3211T/SN35A
3.5V
35A
KIC3211T/SN21A
2.1V
21A
KIC3211T/SN36A
3.6V
36A
KIC3211T/SN22A
2.2V
22A
KIC3211T/SN37A
3.7V
37A
KIC3211T/SN23A
2.3V
23A
KIC3211T/SN38A
3.8V
38A
KIC3211T/SN24A
2.4V
24A
KIC3211T/SN39A
3.9V
39A
KIC3211T/SN25A
2.5V
25A
KIC3211T/SN40A
4.0V
40A
KIC3211T/SN26A
2.6V
26A
Note) Package Mounted on FR-4 PCB board (40㎜×40㎜×1.6㎜)
Characteristics
Symbol
Rating
Units
Input Voltage
VIN
6.0
V
Output Current
IOUT
300
mA
Output Voltage
VOUT
1.2 to 4.0
V
Power Dissipation (Note)
PD
TSV
900
mW
SON1612-6
500
mW
Operating Temperature
TOPR
-40 to +85
Storage Temperature
TSTG
-65 to +125


Similar Part No. - KIC3211TSN20A

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIC3211 KEC-KIC3211 Datasheet
668Kb / 9P
   Analog CMOS Integrated Circuits
KIC3211SN12A KEC-KIC3211SN12A Datasheet
668Kb / 9P
   Analog CMOS Integrated Circuits
KIC3211SN13A KEC-KIC3211SN13A Datasheet
668Kb / 9P
   Analog CMOS Integrated Circuits
KIC3211SN14A KEC-KIC3211SN14A Datasheet
668Kb / 9P
   Analog CMOS Integrated Circuits
KIC3211SN15A KEC-KIC3211SN15A Datasheet
668Kb / 9P
   Analog CMOS Integrated Circuits
More results

Similar Description - KIC3211TSN20A

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIC3522F KEC-KIC3522F Datasheet
381Kb / 6P
   Analog CMOS Integrated Circuits
KIC6971F KEC-KIC6971F Datasheet
499Kb / 8P
   Analog CMOS Integrated Circuits
KIC7608 KEC-KIC7608 Datasheet
1Mb / 15P
   Analog CMOS Integrated Circuits
KIC3926S KEC-KIC3926S Datasheet
64Kb / 6P
   Analog CMOS Integrated Circuits
KIC7108 KEC-KIC7108 Datasheet
920Kb / 8P
   Analog CMOS Integrated Circuits
KAC3305DN KEC-KAC3305DN Datasheet
481Kb / 6P
   Analog CMOS Integrated Circuits
KIC7508 KEC-KIC7508 Datasheet
771Kb / 7P
   Analog CMOS Integrated Circuits
KAC3304DU KEC-KAC3304DU Datasheet
63Kb / 7P
   Analog CMOS Integrated Circuits
KIC3211 KEC-KIC3211_11 Datasheet
668Kb / 9P
   Analog CMOS Integrated Circuits
KIC6961T KEC-KIC6961T Datasheet
1Mb / 11P
   Analog CMOS Integrated Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com