Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KMA2D8P20X Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # KMA2D8P20X
Description  TSOP-6 PACKAGE
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KMA2D8P20X Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KMA2D8P20X Datasheet HTML 1Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SEMICONDUCTOR
KMA2D8P20X
2
1
3
M05
2006. 6. 12
1/1
MARKING SPECIFICATION
TSOP-6 PACKAGE
Revision No : 0
1. Marking method
Laser Marking.
2. Marking
No.
Item
Marking
Description
Device Mark
M05
KMA2D8P20X
* Lot No.
01
2006. 1st Week
[0:1st Character, 1:2nd Character]
Pin No.
Dot
Pin 1
Note) * Lot No. marking method
** : Meaning (A=1, B=2, C=3, D=4, E=5, F=6, G=7, H=8, I=9, J=0)
Year
Periode (Year)
Remark
01, 02 ....51, 52
01 : 2006. 1st Week,
02 : 2006. 2nd Week
51 : 2006. 51th Week,
52 : 2006. 52th Week.
Rotation for 4 years :
01...52 : ...2006, 2010, 2014...
0A...5B : ...2007, 2011, 2015...
J1...E2 : ...2008, 2012, 2016...
JA...EB : ...2009, 2013, 2017...
0A, 0B ....5A, 5B**
0A : 2007. 1st Week,
0B : 2007. 2nd Week
5A : 2007. 51th Week,
5B : 2007. 52th Week.
J1, J2 ....E1, E2**
J1 : 2008. 1st Week,
J2 : 2008. 2nd Week
E1 : 2008. 51th Week,
E2 : 2008. 52th Week.
JA, JB ....EA, EB**
JA : 2009. 1st Week,
JB : 2009. 2nd Week
EA : 2009. 51th Week,
EB : 2009. 52th Week.


Similar Part No. - KMA2D8P20X

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KMA2D0DP20X KEC-KMA2D0DP20X Datasheet
376Kb / 1P
   TSOP-6 PACKAGE
KMA2D3P20S KEC-KMA2D3P20S Datasheet
474Kb / 5P
   P-Ch Trench MOSFET
KMA2D4P20S KEC-KMA2D4P20S Datasheet
418Kb / 5P
   P-Ch Trench MOSFET
KMA2D4P20SA KEC-KMA2D4P20SA Datasheet
20Kb / 1P
   SOT-23 PACKAGE
KMA2D4P20SA KEC-KMA2D4P20SA_15 Datasheet
595Kb / 4P
   P-Ch Trench MOSFET
More results

Similar Description - KMA2D8P20X

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KMA2D7DP20X KEC-KMA2D7DP20X Datasheet
376Kb / 1P
   TSOP-6 PACKAGE
KMA6D0P20X KEC-KMA6D0P20X Datasheet
15Kb / 1P
   TSOP-6 PACKAGE
KMA2D0DP20X KEC-KMA2D0DP20X Datasheet
376Kb / 1P
   TSOP-6 PACKAGE
logo
International Rectifier
IRLTS2242PBF IRF-IRLTS2242PBF Datasheet
232Kb / 8P
   Industry-Standard TSOP-6 Package
IRFTS8342PBF IRF-IRFTS8342PBF Datasheet
219Kb / 8P
   Industry-Standard TSOP-6 Package
IRLTS6342PBF IRF-IRLTS6342PBF Datasheet
258Kb / 8P
   Industry-Standard TSOP-6 Package
IRLTS2242PBF IRF-IRLTS2242PBF_15 Datasheet
549Kb / 8P
   Industry-Standard TSOP-6 Package
IRFTS9342PBF IRF-IRFTS9342PBF Datasheet
228Kb / 8P
   Industry-Standard TSOP-6 Package
IRFTS8342PBF IRF-IRFTS8342PBF_15 Datasheet
219Kb / 8P
   Industry-Standard TSOP-6 Package
IRFTS9342PBF IRF-IRFTS9342PBF_15 Datasheet
228Kb / 8P
   Industry-Standard TSOP-6 Package
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com