Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

2N3499L Datasheet(PDF) 1 Page - Semicoa Semiconductor

Part No. 2N3499L
Description  Type 2N3499L Geometry 5620 Polarity NPN
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SEMICOA [Semicoa Semiconductor]
Homepage  http://www.semicoa.com/
Logo 

2N3499L Datasheet(HTML) 1 Page - Semicoa Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Type 2N3499L
Geometry 5620
Polarity NPN
Qual Level: JAN - JANTXV
Data Sheet No. 2N3499L
Generic Part Number:
2N3499
REF: MIL-PRF-19500/366
Features:
• General-purpose silicon transistor
for switching and amplifier appli-
cations.
• Housed in TO-5 case.
• Also available in chip form using
the 5620 chip geometry.
• The Min and Max limits shown are
per MIL-PRF-19500/366 which
Semicoa meets in all cases.
Rating
Symbol
Rating
Unit
Collector-Emitter voltage
VCEO
100
V
Collector-Base Voltage
VCBO
100
V
Emitter-Base voltage
VEBO
6.0
V
Collector Current, Continuous
IC
500
mA
Power Dissipation, TA = 25
oC
5.0
mW
Derate above 25
oC
28.8
mW/
oC
Operating Junction Temperature
TJ
-65 to +200
oC
Storage Temperature
TSTG
-65 to +200
oC
Maximum Ratings
TC = 25
oC unless otherwise specified
PD
TO-5


Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
2C3501Chip Type 2C3501 Geometry 5620 Polarity NPN 1 Semicoa Semiconductor
2N3498Type 2N3498 Geometry 5620 Polarity NPN 1 2 Semicoa Semiconductor
2N3499Type 2N3499 Geometry 5620 Polarity NPN 1 2 Semicoa Semiconductor
2N3500Type 2N3500 Geometry 5620 Polarity NPN 1 2 Semicoa Semiconductor
2N3500LType 2N3500L Geometry 5620 Polarity NPN 1 2 Semicoa Semiconductor
2N3501LType 2N3501L Geometry 5620 Polarity NPN 1 2 Semicoa Semiconductor
2N2219AType 2N2219A Geometry 0400 Polarity NPN 1 2 Semicoa Semiconductor
2N918Type 2N918 Geometry 0013 Polarity NPN 1 2 Semicoa Semiconductor
2N2219ALType 2N2219AL Geometry 0400 Polarity NPN 1 2 Semicoa Semiconductor
2N5109Type 2N5109 Geometry 1007 Polarity NPN 1 2 Semicoa Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn